データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IZ74LV574 データシート(PDF) 4 Page - Integral Corp.

部品番号 IZ74LV574
部品情報  Octal D-type flip-flop; positive edge-trigger (3-State)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTEGRAL [Integral Corp.]
ホームページ  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IZ74LV574 データシート(HTML) 4 Page - Integral Corp.

  IZ74LV574 Datasheet HTML 1Page - Integral Corp. IZ74LV574 Datasheet HTML 2Page - Integral Corp. IZ74LV574 Datasheet HTML 3Page - Integral Corp. IZ74LV574 Datasheet HTML 4Page - Integral Corp. IZ74LV574 Datasheet HTML 5Page - Integral Corp. IZ74LV574 Datasheet HTML 6Page - Integral Corp. IZ74LV574 Datasheet HTML 7Page - Integral Corp. IZ74LV574 Datasheet HTML 8Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
IN74LV574
4
INTEGRAL
IOZ
Three state
leakage
current
3-state output
VI (11) = VIH
VO =VCC or 0 V
5.5
-
±0.5
-
±0.5
-
±5
-
±10
µÀ
AC ELECTRICAL CHARACTERISTICS (C
L=50 pF, t r=tf=2.5 ns)
Test
VCC
Guaranteed Limit
Symbol
Parameter
conditions
V
-40
°C to
25
°C
85
°C
125
°C
Unit
min
max
min
max
min
max
tPHL, tPLH Propagation delay , Clock
to Q
VI = 0 V or V1
Figures 1,3
1.2
2.0
2.7
3.0
4.5
-
-
-
-
-
160
26
20
16
14
-
-
-
-
-
170
34
25
20
17
-
-
-
-
-
200
43
31
25
21
ns
tPHZ, tPLZ Propagation delay, OE to
Q
VI = 0 V or V1
Figures 2,4
1.2
2.0
2.7
3.0
4.5
-
-
-
-
-
160
31
23
20
17
-
-
-
-
-
170
39
29
24
20
-
-
-
-
-
200
48
36
29
24
ns
tPZH, tPZL Propagation delay, OE to
Q
VI = 0 V or V1
Figures 2,4
1.2
2.0
2.7
3.0
4.5
-
-
-
-
-
140
26
20
16
14
-
-
-
-
-
160
34
25
20
17
-
-
-
-
-
180
43
31
25
21
ns
CI
Input capacitance
5.5
-
7.0*
-
-
-
-
pF
CPD
Power dissipation
capacitance (per flip-flop)
VI = 0 V or VCC
5.5
-
50*
-
-
-
-
pF
* T = 25
oC
* Includes all probe and jig capacitance
* Includes all probe and jig capacitance
Figure 1. Test Circuit
Figure 2. Test Circuit
TIMING REQUIREMENTS(C
L=50 pF, t r=tf=2.5 ns )
DEVICE
UNDER
TEST
OUTPUT
CL
*
TEST POINT
DEVICE
UNDER
TEST
OUTPUT
1 k
C
L
*
TEST POINT
Connect to VCC when
testing tPLZ and tPZL
Connect to GND when
testing tPHZ and tPZH


同様の部品番号 - IZ74LV574

メーカー部品番号データシート部品情報
logo
Integral Corp.
IZ74LV00 INTEGRAL-IZ74LV00 Datasheet
41Kb / 5P
   Quad 2-Input NAND Gate
IZ74LV02 INTEGRAL-IZ74LV02 Datasheet
138Kb / 4P
   QUAD 2-INPUT NOR GATE
IZ74LV04 INTEGRAL-IZ74LV04 Datasheet
129Kb / 5P
   HEX INVERTER
IZ74LV08 INTEGRAL-IZ74LV08 Datasheet
58Kb / 5P
   Quad 2-Input AND Gate
IZ74LV14 INTEGRAL-IZ74LV14 Datasheet
145Kb / 6P
   HEX SCHMITT-TRIGGER INVERTER
More results

同様の説明 - IZ74LV574

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74LV574 PHILIPS-74LV574 Datasheet
121Kb / 12P
   Octal D-type flip-flop; positive edge-trigger 3-State
1998 Jun 10
74ALVC374 NXP-74ALVC374 Datasheet
98Kb / 17P
   Octal D-type flip-flop; positive-edge trigger; 3-state
Rev. 02-17 October 2007
logo
Nexperia B.V. All right...
74HCT374 NEXPERIA-74HCT374 Datasheet
259Kb / 15P
   Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 5 - 7 September 2021
74HC574 NEXPERIA-74HC574 Datasheet
289Kb / 17P
   Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 9 - 20 October 2022
logo
NXP Semiconductors
74ALVC574 NXP-74ALVC574 Datasheet
99Kb / 17P
   Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 02-8 November 2007
logo
Nexperia B.V. All right...
74ALVC374 NEXPERIA-74ALVC374 Datasheet
259Kb / 15P
   Octal D-type flip-flop; positive-edge trigger; 3-state
Rev. 3 - 30 April 2021
logo
NXP Semiconductors
74ALVC574 PHILIPS-74ALVC574 Datasheet
95Kb / 20P
   Octal D-type flip-flop positive edge-trigger 3-state
2002 Mar 04
74LV374 PHILIPS-74LV374 Datasheet
111Kb / 12P
   Octal D-type flip-flop; positive edge-trigger 3-State
1997 Mar 20
74HC374D-T NXP-74HC374D-T Datasheet
65Kb / 8P
   Octal D-type flip-flop; positive edge-trigger; 3-state
December 1990
logo
Nexperia B.V. All right...
74AHCT574 NEXPERIA-74AHCT574 Datasheet
655Kb / 18P
   Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 02 - 24 January 2008
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com