データシートサーチシステム |
|
74ALVT16240 データシート(PDF) 5 Page - NXP Semiconductors |
|
74ALVT16240 データシート(HTML) 5 Page - NXP Semiconductors |
5 / 16 page 9397 750 15192 © Koninklijke Philips Electronics N.V. 2005. All rights reserved. Product data sheet Rev. 03 — 4 July 2005 5 of 16 Philips Semiconductors 74ALVT16240 16-bit inverting buffer/driver; 3-state 7. Functional description 7.1 Function table [1] H = HIGH voltage level; L = LOW voltage level; X = don’t care; Z = high-impedance OFF-state. 8. Limiting values [1] The input and output negative voltage ratings may be exceeded if the input and output clamp current ratings are observed. [2] The performance capability of a high-performance integrated circuit in conjunction with its thermal environment can create junction temperatures which are detrimental to reliability. Table 4: Function table [1] Input Output nOE nAx nYx LLH LH L HX Z Table 5: Limiting values In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to ground. Symbol Parameter Conditions Min Max Unit VCC supply voltage −0.5 +4.6 V IIK input diode current VI < 0 V - −50 mA VI input voltage [1] −0.5 +7.0 V IOK output diode current VO < 0 V - −50 mA VO output voltage output in OFF-state or HIGH-state [1] −0.5 +7.0 V IO output current output in LOW-state - 128 mA output in HIGH-state - −64 mA Tstg storage temperature −65 +150 °C Tj junction temperature [2] - +150 °C |
同様の部品番号 - 74ALVT16240 |
|
同様の説明 - 74ALVT16240 |