データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TEA7650H データシート(PDF) 10 Page - NXP Semiconductors

部品番号 TEA7650H
部品情報  Video signal processor for CD-video/laser vision
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA7650H データシート(HTML) 10 Page - NXP Semiconductors

Back Button TEA7650H Datasheet HTML 6Page - NXP Semiconductors TEA7650H Datasheet HTML 7Page - NXP Semiconductors TEA7650H Datasheet HTML 8Page - NXP Semiconductors TEA7650H Datasheet HTML 9Page - NXP Semiconductors TEA7650H Datasheet HTML 10Page - NXP Semiconductors TEA7650H Datasheet HTML 11Page - NXP Semiconductors TEA7650H Datasheet HTML 12Page - NXP Semiconductors TEA7650H Datasheet HTML 13Page - NXP Semiconductors TEA7650H Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
September 1990
10
Philips Semiconductors
Preliminary specification
Video signal processor for CD-video/laser vision
TEA7650H
CHARACTERISTICS
VP1 =VP2 =VP3 = 5 V, Tamb =25 °C, measurements taken in Fig.1-2 ; unless otherwise specified.
Voltages referred to
GND1 (pin 19):
VP1 and voltage at pins 6 to 15, 18
GND2 (pin 43):
VP2 and voltage at pins 1 to 4, 16, 37, 44 to 48
GND3 (pin 28):
VP3 and voltage at pins 5, 17, 20 to 36, 38 to 42
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VP1
supply voltage 1 (pin 12)
4.5
5
5.5
V
VP2
supply voltage 2 (pin 47)
4.5
5
5.5
V
VP3
supply voltage 3 (pin 30)
4.5
5
5.5
V
I12+30+47
total supply current
−−
65
mA
Standard select input (pin 37)
VIL
input voltage for standard PAL (LOW)
0
1V
VIH
input voltage for standard NTSC (HIGH),
alternative measure for standard NTSC
pin connected
3
VP2
V
pin open-circuit
−−
IIL
input current (LOW)
V37 =1 V
−−
−100
µA
IIH
input current (HIGH)
V37 =4 V
−−
20
µA
Modulation transfer function MTF (referred to GND1, pin 19)
Vi (p-p)
FM input signal at pin 7
(peak-to-peak value)
50
300
mV
for proper MTF correction
50
200
mV
Z7
input impedance
5
k
MTF control signal
I (p-p)
output current for storage of the burst
amplitude at pin 5 (peak-to-peak value)
200
−µA
I 6
burst amplitude integrator,
charging current (pin 6)
−±50
−µA
g
conductance g = dI6 / dV5
−−1
mS
MTF frequency selection (pins 8 and 9)
pin 8 active for PAL;
pin 9 active for NTSC
Vo (p-p)
output signal
V7 (p-p)
mV
Z
output impedance
−−
10
Io (p-p)
output current
−−
4.5
mA
Vo (p-p)
MTF output signal (pin 10)
−−
300
mV
Z10
MTF output impedance
−−
100
Gv
signal gain
Gv =V10 / V7
Go
Gv =Go + 20 log Gr (V6)
0
dB
Gr
minimum gain
V 6 =0
0
dB
maximum gain
V 6 = 2.6 V
300
Ω/R8 −
maximum gain
V 6 = 2.6 V
300
Ω/R9 −
B
bandwidth
−3 dB; Gr =0
15
−−
MHz
α2H
second harmonic suppression
f = 8 MHz
40
−−
dB


同様の部品番号 - TEA7650H

メーカー部品番号データシート部品情報
logo
STMicroelectronics
TEA7605 STMICROELECTRONICS-TEA7605 Datasheet
77Kb / 4P
   LOW-DROP VOLTAGE REGULATOR
TEA7610 STMICROELECTRONICS-TEA7610 Datasheet
74Kb / 4P
   LOW-DROP VOLTAGE REGULATOR
TEA7610SP STMICROELECTRONICS-TEA7610SP Datasheet
74Kb / 4P
   LOW-DROP VOLTAGE REGULATOR
More results

同様の説明 - TEA7650H

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
ES3890 ETC1-ES3890 Datasheet
91Kb / 6P
   Video CD Processor
ES3880 ETC-ES3880 Datasheet
63Kb / 4P
   Video CD MPEG Processor
logo
ESS Technology,Inc
ES3210 ESS-ES3210 Datasheet
63Kb / 4P
   Video CD Processor Product Brief
logo
Analog Devices
ADV8005 AD-ADV8005 Datasheet
506Kb / 52P
   NatureVue Video Signal Processor
ADV8003 AD-ADV8003 Datasheet
888Kb / 64P
   NatureVue Video Signal Processor
logo
Sanyo Semicon Device
LA71525M SANYO-LA71525M Datasheet
277Kb / 25P
   Video/audio signal processor for VHS VCRs
logo
Toshiba Semiconductor
TA8795BF TOSHIBA-TA8795BF Datasheet
1Mb / 45P
   VIDEO SIGNAL PROCESSOR IC FOR LCD TVs
logo
Mitsubishi Electric Sem...
M52045FP MITSUBISHI-M52045FP Datasheet
299Kb / 7P
   PAL VIDEO CHROMA SIGNAL PROCESSOR?
logo
Renesas Technology Corp
M52042FP RENESAS-M52042FP Datasheet
183Kb / 14P
   NTSC Video Chroma Signal Processor
logo
Panasonic Semiconductor
AN5337K PANASONIC-AN5337K Datasheet
211Kb / 21P
   NTSC Video Signal Processor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com