データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC-210-DFB-307A データシート(PDF) 4 Page - Vectron International, Inc

部品番号 TC-210-DFB-307A
部品情報  TEMPERATURE COMPENSATED CRYSTAL OSCILLATORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VECTRON [Vectron International, Inc]
ホームページ  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TC-210-DFB-307A データシート(HTML) 4 Page - Vectron International, Inc

  TC-210-DFB-307A Datasheet HTML 1Page - Vectron International, Inc TC-210-DFB-307A Datasheet HTML 2Page - Vectron International, Inc TC-210-DFB-307A Datasheet HTML 3Page - Vectron International, Inc TC-210-DFB-307A Datasheet HTML 4Page - Vectron International, Inc TC-210-DFB-307A Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
pre-heating
60 to 90 sec.
at 150 ºC to 170ºC
reflow
20 to 40 sec.
at > 200ºC
Note: TCXO’s are precision subsystems with tolerances measured to ±0.01 ppm. Non-Hermetically sealed TCXO’s should
not be subjected to a wash process that will immerse the TCXO in solvents. NO CLEAN is the recommended procedure.
The Z5 series of TCXO’s has been designed for pick and place reflow soldering. The suggested reflow profile is shown
above. The TCXO may be reflowed once, and should not be reflowed in the inverted position. Typical frequency shift as a
result of reflow is <1.0 ppm per reflow.
Vectron International 267 Lowell Road, Hudson, NH 03051


同様の部品番号 - TC-210-DFB-307A

メーカー部品番号データシート部品情報
logo
Hirose Electric
TC-2100-111 HIROSE-TC-2100-111 Datasheet
282Kb / 5P
   PLUG-IN CRIMP CONNECTORS
TC-2100-121 HIROSE-TC-2100-121 Datasheet
282Kb / 5P
   PLUG-IN CRIMP CONNECTORS
TC-2100-21 HIROSE-TC-2100-21 Datasheet
282Kb / 5P
   PLUG-IN CRIMP CONNECTORS
More results

同様の説明 - TC-210-DFB-307A

メーカー部品番号データシート部品情報
logo
Vectron International, ...
6825 VECTRON-6825 Datasheet
457Kb / 4P
   Temperature Compensated Crystal Oscillators
logo
Kyocera Kinseki Corpota...
KT1612 KSS-KT1612 Datasheet
65Kb / 1P
   Temperature Compensated Crystal Oscillators
KT2016 KSS-KT2016_18 Datasheet
68Kb / 1P
   Temperature Compensated Crystal Oscillators
KT3225 KSS-KT3225 Datasheet
69Kb / 1P
   Temperature Compensated Crystal Oscillators
logo
Raltron Electronics Cor...
TX146 RALTRON-TX146 Datasheet
70Kb / 3P
   TEMPERATURE COMPENSATED CRYSTAL OSCILLATORS
TX045 RALTRON-TX045 Datasheet
67Kb / 3P
   Temperature Compensated Crystal Oscillators
logo
List of Unclassifed Man...
IQTCXO-250 ETC1-IQTCXO-250 Datasheet
49Kb / 2P
   Temperature compensated crystal oscillators
logo
Vectron International, ...
RCR7HYA17C160 VECTRON-RCR7HYA17C160 Datasheet
132Kb / 7P
   Temperature Compensated Crystal Oscillators
logo
Kyocera Kinseki Corpota...
KT5032 KSS-KT5032_18 Datasheet
69Kb / 1P
   Temperature Compensated Crystal Oscillators
logo
Raltron Electronics Cor...
TX100 RALTRON-TX100 Datasheet
68Kb / 3P
   TEMPERATURE COMPENSATED CRYSTAL OSCILLATORS
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com