データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC-210-CAC-ST3A データシート(PDF) 2 Page - Vectron International, Inc

部品番号 TC-210-CAC-ST3A
部品情報  TEMPERATURE COMPENSATED CRYSTAL OSCILLATORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VECTRON [Vectron International, Inc]
ホームページ  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TC-210-CAC-ST3A データシート(HTML) 2 Page - Vectron International, Inc

  TC-210-CAC-ST3A Datasheet HTML 1Page - Vectron International, Inc TC-210-CAC-ST3A Datasheet HTML 2Page - Vectron International, Inc TC-210-CAC-ST3A Datasheet HTML 3Page - Vectron International, Inc TC-210-CAC-ST3A Datasheet HTML 4Page - Vectron International, Inc TC-210-CAC-ST3A Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Output Options:
Standard Stability Options:
Stability vs Supply:
B-307 = ±3.0 x 10-7
over
0ºC to +50ºC
B-ST3 = Stratum 3
over
0ºC to +50ºC
C-ST3 = Stratum 3
over
0ºC to +70ºC
C-507 = ±5.0 x 10-7
over
0ºC to +70ºC
F-106 = ±1.0 x 10-6
over
-40ºC to +85ºC
STRATUM 3 per GR-1244-CORE Table 3-1
Total Stability:
<±4.6 x 10-6 for all causes & 10 years
Vs Holdover:
<±3.7 x 10-7 for all causes and 24 Hours
(Available in Temperature Ranges B & C)
Current Draw:
Current draw will vary greatly depending on frequency and output type.
For this series TCXO typical current draw will be about 15 mA and
depending on output type may be less than 2 mA. Please consult the
factory about your exact current requirements.
Supply Voltage (Vdd):
(Other options are available upon request)
C = 5 Vdc ±5%
D = 3.3 Vdc ±5%
Electrical Frequency
Adjust:
±5 ppm minimum
via external voltage, 0 to Vdd
Phase Noise (Typical):
10 MHz
Offset
Phase Noise
100 Hz
-115 dBc/Hz
1k Hz
-145 dBc/Hz
10k Hz
-150 dBc/Hz
100k Hz
-155 dBc/Hz
Aging (typical):
<3.5 ppm for ten years @ +70ºC
<±0.1 ppm for a ±5% change in Supply Voltage
Package:
210 = 29.21 x 25.40 x 10.03 mm (1.15“x 1.00”x 0.395“)
(See page 3)
A = HCMOS / ACMOS
0.5 to 160 MHz
B = 10 TTL
0.5 to 160 MHz
F = Complementary PECL
35 to 160 MHz
G = 0 dBm / 50 ohm
5.0 to 100 MHz
Note: Other stability options are available.
Contact the factory for assistance.
For HCMOS / ACMOS / TTL & PECL
outputs with frequencies above 35 MHz
a low phase noise PLL multiplier may be
used. Please inform that factory of your
phase noise requirements.
Standard Frequencies:
10.00, 12.80, 16.384, 19.44, 20.00, 38.88, 40.00, 77.76, 155.52 MHz,
Available from 0.5 MHz to 160 MHz
*
*
*
Vectron International 267 Lowell Road, Hudson, NH 03051


同様の部品番号 - TC-210-CAC-ST3A

メーカー部品番号データシート部品情報
logo
Hirose Electric
TC-2100-111 HIROSE-TC-2100-111 Datasheet
282Kb / 5P
   PLUG-IN CRIMP CONNECTORS
TC-2100-121 HIROSE-TC-2100-121 Datasheet
282Kb / 5P
   PLUG-IN CRIMP CONNECTORS
TC-2100-21 HIROSE-TC-2100-21 Datasheet
282Kb / 5P
   PLUG-IN CRIMP CONNECTORS
More results

同様の説明 - TC-210-CAC-ST3A

メーカー部品番号データシート部品情報
logo
Vectron International, ...
6825 VECTRON-6825 Datasheet
457Kb / 4P
   Temperature Compensated Crystal Oscillators
logo
Kyocera Kinseki Corpota...
KT1612 KSS-KT1612 Datasheet
65Kb / 1P
   Temperature Compensated Crystal Oscillators
KT2016 KSS-KT2016_18 Datasheet
68Kb / 1P
   Temperature Compensated Crystal Oscillators
KT3225 KSS-KT3225 Datasheet
69Kb / 1P
   Temperature Compensated Crystal Oscillators
logo
Raltron Electronics Cor...
TX146 RALTRON-TX146 Datasheet
70Kb / 3P
   TEMPERATURE COMPENSATED CRYSTAL OSCILLATORS
TX045 RALTRON-TX045 Datasheet
67Kb / 3P
   Temperature Compensated Crystal Oscillators
logo
List of Unclassifed Man...
IQTCXO-250 ETC1-IQTCXO-250 Datasheet
49Kb / 2P
   Temperature compensated crystal oscillators
logo
Vectron International, ...
RCR7HYA17C160 VECTRON-RCR7HYA17C160 Datasheet
132Kb / 7P
   Temperature Compensated Crystal Oscillators
logo
Kyocera Kinseki Corpota...
KT5032 KSS-KT5032_18 Datasheet
69Kb / 1P
   Temperature Compensated Crystal Oscillators
logo
Raltron Electronics Cor...
TX100 RALTRON-TX100 Datasheet
68Kb / 3P
   TEMPERATURE COMPENSATED CRYSTAL OSCILLATORS
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com