データシートサーチシステム |
|
HLMP-1301-FG0BJ データシート(PDF) 4 Page - Agilent(Hewlett-Packard) |
|
HLMP-1301-FG0BJ データシート(HTML) 4 Page - Agilent(Hewlett-Packard) |
4 / 12 page 4 Absolute Maximum Ratings at TA = 25°C Parameter HER/Orange Yellow Green Units Peak Forward Current 90 60 90 mA Average Forward Current[1] 25 20 25 mA DC Current[2] 30 20 30 mA Reverse Voltage (IR = 100 µA) 5 5 5 V Transient Forward Current[4] 500 500 500 mA (10 µsec Pulse) LED Junction Temperature 110 110 110 °C Operating Temperature Range -55 to +100 -55 to +100 -20 to +100 °C Storage Temperature Range -55 to +100 Lead Soldering Temperature 260 °C for 5 seconds [1.6 mm (0.063 in.) from body] Notes: 1. See Figure 5 (HER/Orange), 10 (Yellow), or 15 (Green/Emerald Green) to establish pulsed operating conditions. 2. For Red, Orange, and Green series derate linearly from 50 °C at 0.5 mA/°C. For Yellow series derate linearly from 50°C at 0.2 mA/°C. 3. For Red, Orange, and Green series derate power linearly from 25 °C at 1.8 mW/°C. For Yellow series derate power linearly from 50°C at 1.6 mW/ °C. 4. The transient peak current is the maximum non-recurring peak current that can be applied to the device without damaging the LED die and wirebond. It is not recommended that the device be operated at peak currents beyond the peak forward current listed in the Absolute Maximum Ratings. |
同様の部品番号 - HLMP-1301-FG0BJ |
|
同様の説明 - HLMP-1301-FG0BJ |