データシートサーチシステム |
|
HLMP-4100-WY000 データシート(PDF) 1 Page - Agilent(Hewlett-Packard) |
|
HLMP-4100-WY000 データシート(HTML) 1 Page - Agilent(Hewlett-Packard) |
1 / 6 page Agilent HLMP-4100/4101 T-13/4 (5 mm) Double Heterojunction AlGaAs Very High Intensity Red LED Lamps Data Sheet Features • 1000 mcd at 20 mA • Very high intensity at low drive currents • Narrow viewing angle • Outstanding material efficiency • Low forward voltage • CMOS/MOS compatible • TTL compatible • Deep red color Applications • Bright ambient lighting conditions • Emitter/detector and signaling applications • General use Description These solid state LED lamps utilize newly developed double heterojunction (DH) AlGaAs/GaAs material technology. This LED material has outstanding light output efficiency over a wide range of drive currents. The lamp package has a tapered lens designed to concentrate the luminous flux into a narrow radiation pattern to achieve a very high intensity. The LED color is deep red at the dominant wavelength of 637 nanometers. These lamps may be DC or pulse driven to achieve desired light output. Package Dimensions 6.10 (0.240) 5.59 (0.220) 2.54 (0.100) NOMINAL CATHODE 23.0 (0.90) MIN. 12.44 (0.490) 11.68 (0.460) 9.19 (0.362) 8.43 (0.332) 1.32 (0.052) 1.02 (0.040) 0.64 (0.025) SQUARE NOMINAL 0.89 (0.035) 0.64 (0.025) 1.27 (0.050) NOM. 5.08 (0.200) 4.57 (0.180) |
同様の部品番号 - HLMP-4100-WY000 |
|
同様の説明 - HLMP-4100-WY000 |