データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2SD1267 データシート(PDF) 1 Page - Panasonic Semiconductor

部品番号 2SD1267
部品情報  Silicon PNP epitaxial planar type(For low-frequency power amplification)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PANASONIC [Panasonic Semiconductor]
ホームページ  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SD1267 データシート(HTML) 1 Page - Panasonic Semiconductor

  2SD1267 Datasheet HTML 1Page - Panasonic Semiconductor 2SD1267 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Power Transistors
2SB942, 2SB942A
Silicon PNP epitaxial planar type
For low-frequency power amplification
Complementary to 2SD1267 and 2SD1267A
s Features
q
High forward current transfer ratio hFE which has satisfactory linearity
q
Low collector to emitter saturation voltage VCE(sat)
q
Full-pack package which can be installed to the heat sink with
one screw
s Absolute Maximum Ratings (T
C=25˚C)
Parameter
Collector to
base voltage
Collector to
emitter voltage
Emitter to base voltage
Peak collector current
Collector current
Collector power
dissipation
Junction temperature
Storage temperature
Symbol
VCBO
VCEO
VEBO
ICP
IC
PC
Tj
Tstg
Ratings
–60
–80
–60
–80
–5
–8
–4
40
2
150
–55 to +150
Unit
V
V
V
A
A
W
˚C
˚C
2SB942
2SB942A
2SB942
2SB942A
TC=25°C
Ta=25
°C
s Electrical Characteristics (T
C=25˚C)
Parameter
Collector cutoff
current
Collector cutoff
current
Emitter cutoff current
Collector to emitter
voltage
Forward current transfer ratio
Base to emitter voltage
Collector to emitter saturation voltage
Transition frequency
Turn-on time
Storage time
Fall time
Symbol
ICES
ICEO
IEBO
VCEO
hFE1
*
hFE2
VBE
VCE(sat)
fT
ton
tstg
tf
Conditions
VCE = –60V, VBE = 0
VCE = –80V, VBE = 0
VCE = –30V, IB = 0
VCE = –60V, IB = 0
VEB = –5V, IC = 0
IC = –30mA, IB = 0
VCE = –4V, IC = –1A
VCE = –4V, IC = –3A
VCE = –4V, IC = –3A
IC = –4A, IB = – 0.4A
VCE = –10V, IC = – 0.1A, f = 10MHz
IC = –4A, IB1 = – 0.4A, IB2 = 0.4A
min
–60
–80
70
15
typ
30
0.2
0.5
0.2
max
–400
–400
–700
–700
–1
250
–2
–1.5
Unit
µA
µA
mA
V
V
V
MHz
µs
µs
µs
2SB942
2SB942A
2SB942
2SB942A
2SB942
2SB942A
Note: Ordering can be made by the common rank (PQ rank hFE1 = 70 to 250) in the
rank classification.
*h
FE1 Rank classification
Rank
Q
P
hFE1
70 to 150
120 to 250
Unit: mm
1:Base
2:Collector
3:Emitter
TO–220 Full Pack Package(a)
10.0
±0.2
5.5
±0.2
0.5
+0.2
–0.1
1.4
±0.1
1.3
±0.2
0.8
±0.1
2.54
±0.25
5.08
±0.5
2
13
2.7
±0.2
4.2
±0.2
φ3.1±0.1


同様の部品番号 - 2SD1267

メーカー部品番号データシート部品情報
logo
Panasonic Semiconductor
2SD1267 PANASONIC-2SD1267 Datasheet
47Kb / 2P
   Silicon NPN triple diffusion planar type
logo
Savantic, Inc.
2SD1267 SAVANTIC-2SD1267 Datasheet
136Kb / 4P
   Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2SD1267 ISC-2SD1267 Datasheet
160Kb / 4P
   Silicon NPN Power Transistors
logo
Savantic, Inc.
2SD1267 SAVANTIC-2SD1267 Datasheet
138Kb / 4P
   Silicon NPN Power Transistors
logo
Panasonic Semiconductor
2SD1267A PANASONIC-2SD1267A Datasheet
47Kb / 2P
   Silicon NPN triple diffusion planar type
More results

同様の説明 - 2SD1267

メーカー部品番号データシート部品情報
logo
Panasonic Semiconductor
2SB941 PANASONIC-2SB941 Datasheet
47Kb / 2P
   Silicon PNP epitaxial planar type(For low-frequency power amplification)
2SB967 PANASONIC-2SB967 Datasheet
43Kb / 2P
   Silicon PNP epitaxial planar type(For low-frequency power amplification)
DSA7504 PANASONIC-DSA7504 Datasheet
317Kb / 3P
   Silicon PNP epitaxial planar type For low frequency amplification
2SB1574 PANASONIC-2SB1574 Datasheet
28Kb / 1P
   Silicon PNP epitaxial planar type(For low-frequency output amplification)
2SB968 PANASONIC-2SB968 Datasheet
53Kb / 3P
   Silicon PNP epitaxial planar type(For low-frequency output amplification)
2SA2164 PANASONIC-2SA2164 Datasheet
463Kb / 3P
   Silicon PNP epitaxial planar type For high-frequency amplification
XP06435 PANASONIC-XP06435 Datasheet
89Kb / 3P
   Silicon PNP epitaxial planar type For high-frequency amplification
2SB1643 PANASONIC-2SB1643 Datasheet
56Kb / 3P
   Silicon PNP epitaxial planar type(For power amplification)
2SB954 PANASONIC-2SB954 Datasheet
47Kb / 2P
   Silicon PNP epitaxial planar type(For power amplification)
2SB1417 PANASONIC-2SB1417 Datasheet
55Kb / 3P
   Silicon PNP epitaxial planar type(For power amplification)
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com