データシートサーチシステム |
|
CDZ15B データシート(PDF) 1 Page - Rohm |
|
CDZ15B データシート(HTML) 1 Page - Rohm |
1 / 5 page CDZ4.7B Diodes 1/4 Zener diode CDZ4.7B Applications External dimensions (Unit : mm) Land size figure (Unit : mm) Constant voltage control Features 1) 2-pin ultra mini-mold type for high-density mounting (VMN2). 2) High reliability. 3) Can be mounted automatically, using chip mounter. Structure ROHM : VMN2 ① ② ① ② EX. CDZ3.6B dot (year week factory) + day 0.16±0.05 0.37±0.03 0.6±0.05 0.35±0.1 0.156 VMN2 0.55 Construction Silicon epitaxial planar Taping specifications (Unit : mm) 0.7±0.05 4.0±0.1 2±0.05 φ0.5 4±0.1 2±0.05 φ1.55 0.2±0.05 0.52 Absolute maximum ratings (Ta=25 °C) Symbol Unit Pm Tj ℃ Tstg ℃ Topr ℃ Operating temperature -55 to +150 Parameter Junction temperature Storage temperature Power dissipation Limits 150 -55 to +150 100 W |
同様の部品番号 - CDZ15B |
|
同様の説明 - CDZ15B |