データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BAT854AW データシート(PDF) 4 Page - NXP Semiconductors

部品番号 BAT854AW
部品情報  Schottky barrier (double) diodes
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BAT854AW データシート(HTML) 4 Page - NXP Semiconductors

  BAT854AW Datasheet HTML 1Page - NXP Semiconductors BAT854AW Datasheet HTML 2Page - NXP Semiconductors BAT854AW Datasheet HTML 3Page - NXP Semiconductors BAT854AW Datasheet HTML 4Page - NXP Semiconductors BAT854AW Datasheet HTML 5Page - NXP Semiconductors BAT854AW Datasheet HTML 6Page - NXP Semiconductors BAT854AW Datasheet HTML 7Page - NXP Semiconductors BAT854AW Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2001 Feb 27
4
Philips Semiconductors
Product specification
Schottky barrier (double) diodes
BAT854W series
GRAPHICAL DATA
handbook, halfpage
1.2
0.8
0.4
0
(1)
(3)
VF (V)
IF
(mA)
103
102
10
1
10−1
MLD546
(2)
Fig.6
Forward current as a function of forward
voltage; typical values.
(1) Tamb = 125 °C.
(2) Tamb =85 °C.
(3) Tamb =25 °C.
handbook, halfpage
40
20
10
0
VR (V)
IR
(
µA)
30
103
102
10
1
10−1
MLD547
(1)
(2)
(3)
Fig.7
Reverse current as a function of reverse
voltage; typical values.
(1) Tamb = 125 °C.
(2) Tamb =85 °C.
(3) Tamb =25 °C.
handbook, halfpage
0
VR (V)
Cd
(pF)
10
20
40
20
0
16
30
12
8
4
MLD548
Fig.8
Diode capacitance as a function of reverse
voltage; typical values.
f = 1 MHz; Tamb =25 °C.


同様の部品番号 - BAT854AW

メーカー部品番号データシート部品情報
logo
Guangdong Kexin Industr...
BAT854AW KEXIN-BAT854AW Datasheet
46Kb / 1P
   Schottky barrier (double) diodes
logo
NXP Semiconductors
BAT854AW NXP-BAT854AW Datasheet
218Kb / 7P
   Schottky barrier (double) diodes
2001 Feb 27
logo
Nexperia B.V. All right...
BAT854AW NEXPERIA-BAT854AW Datasheet
189Kb / 8P
   40 V, 200 mA Schottky barrier dual diode
4 January 2023
BAT854AW-Q NEXPERIA-BAT854AW-Q Datasheet
189Kb / 8P
   40 V, 200 mA Schottky barrier dual diode
19 July 2022
More results

同様の説明 - BAT854AW

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
BAT120 PHILIPS-BAT120_03 Datasheet
57Kb / 7P
   Schottky barrier double diodes
2003 Aug 04
BAT140 PHILIPS-BAT140 Datasheet
71Kb / 8P
   Schottky barrier double diodes
1997 Oct 03
BAT54 PHILIPS-BAT54 Datasheet
48Kb / 8P
   Schottky barrier double diodes
2002 Mar 04
BAT754 NXP-BAT754 Datasheet
204Kb / 7P
   Schottky barrier (double) diodes
2003 Mar 25
BAT160 PHILIPS-BAT160_15 Datasheet
192Kb / 7P
   Schottky barrier double diodes
1999 Sep 20
BAT721 PHILIPS-BAT721 Datasheet
48Kb / 8P
   Schottky barrier double diodes
1999 May 06
BAT160 PHILIPS-BAT160 Datasheet
52Kb / 8P
   Schottky barrier double diodes
1999 Sep 20
BAT754 PHILIPS-BAT754 Datasheet
47Kb / 8P
   Schottky barrier double diodes
1999 Aug 05
BAS40W PHILIPS-BAS40W Datasheet
52Kb / 8P
   Schottky barrier double diodes
1999 Apr 26
logo
Guangdong Kexin Industr...
BAT854W KEXIN-BAT854W Datasheet
46Kb / 1P
   Schottky barrier (double) diodes
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com