データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FMY4A データシート(PDF) 4 Page - Rohm

部品番号 FMY4A
部品情報  Power management (dual transistors)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

FMY4A データシート(HTML) 4 Page - Rohm

  FMY4A Datasheet HTML 1Page - Rohm FMY4A Datasheet HTML 2Page - Rohm FMY4A Datasheet HTML 3Page - Rohm FMY4A Datasheet HTML 4Page - Rohm FMY4A Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
FMY4A
Transistors
Rev.A
4/4
0.2
20
10
0.5 1
2
5
10 20
50 100 200
50
100
200
500
VCE=5V
3V
1V
Ta=25
°C
Fig.13 DC current gain vs.
collector current (
Ι )
COLLECTOR CURRENT : IC
(mA)
0.2
0.5
1
2
5
10 20
50 100 200
20
10
50
100
200
500
25
°C
−55°C
Ta=100
°C
VCE=
5V
Fig.14 DC current gain vs.
collector current (
ΙΙ )
COLLECTOR CURRENT : IC
(mA)
Fig.15 Collector-emitter saturation
voltage vs. collector current
0.2
COLLECTOR CURRENT : IC
(mA)
0.01
0.02
0.05
0.1
0.2
0.5
0.5
1
2
5
10
20
50 100 200
IC/IB=50
20
10
Ta=25
°C
Fig.16 Collector-emitter saturation
voltage vs. collector current (
Ι )
0.2
COLLECTOR CURRENT : IC
(mA)
0.01
0.02
0.05
0.1
0.2
0.5
0.5
1
2
5
10
20
50 100 200
IC/IB=10
Ta=100
°C
25
°C
−55°C
Fig.17 Collector-emitter saturation
voltage vs. collector current (
ΙΙ)
COLLECTOR CURRENT : IC
(mA)
0.2
0.01
0.02
0.05
0.1
0.2
0.5
0.5 1
2
5
10
20
50 100
IC/IB=50
Ta=100
°C
25
°C
−55°C
Fig.18 Gain bandwidth product vs.
emitter current
50
−0.5 −1
−2
−5 −10 −20
−50 −100
100
200
500
Ta=25
°C
VCE
=6V
EMITTER CURRENT : IE
(mA)
Fig.20 Base-collector time constant
vs. emitter current
−0.2
−0.5
−1
−2
−5
−10
EMITTER CURRENT : IE
(mA)
10
20
50
100
200
Ta=25
°C
f=32MHZ
VCB=6V
Fig.19
Collector output capacitance vs.
collector-base voltage
Emitter input capacitance vs.
emitter-base voltage
COLLECTOR TO BASE VOLTAGE : VCB
(V)
EMITTER TO BASE VOLTAGE
: VEB
(V)
0.2
0.5
1
2
5
10
20
50
1
2
5
10
20
Cob
Ta=25
°C
f
=1MHz
IE
=0A
IC
=0A
Cib


同様の部品番号 - FMY4A

メーカー部品番号データシート部品情報
logo
Rohm
FMY4A ROHM-FMY4A Datasheet
74Kb / 3P
   Power management (dual transistors)
FMY4A ROHM-FMY4A Datasheet
34Kb / 1P
   Power Management(Dual Transistors)
FMY4A ROHM-FMY4A Datasheet
61Kb / 2P
   Power management (dual transistors)
FMY4A ROHM-FMY4A Datasheet
80Kb / 5P
   Power management (dual transistors)
logo
Guangdong Kexin Industr...
FMY4A KEXIN-FMY4A Datasheet
210Kb / 4P
   Power Management
More results

同様の説明 - FMY4A

メーカー部品番号データシート部品情報
logo
Rohm
EMF6 ROHM-EMF6 Datasheet
97Kb / 5P
   Power management (dual transistors)
UMF6N ROHM-UMF6N Datasheet
99Kb / 6P
   Power management (dual transistors)
EMZ2T2R ROHM-EMZ2T2R Datasheet
85Kb / 5P
   Power management (dual transistors)
EMF5 ROHM-EMF5 Datasheet
99Kb / 5P
   Power management (dual transistors)
VT6X12 ROHM-VT6X12 Datasheet
191Kb / 3P
   Power management (dual transistors)
EMF5 ROHM-EMF5_08 Datasheet
89Kb / 5P
   Power management (dual transistors)
VT6T2 ROHM-VT6T2 Datasheet
190Kb / 3P
   Power management (dual transistors)
VT6T11 ROHM-VT6T11 Datasheet
193Kb / 3P
   Power management (dual transistors)
VT6X1 ROHM-VT6X1 Datasheet
192Kb / 3P
   Power management (dual transistors)
UMF9N ROHM-UMF9N Datasheet
97Kb / 6P
   Power management (dual transistors)
EMF4 ROHM-EMF4 Datasheet
100Kb / 5P
   Power management (dual transistors)
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com