データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM12B-SRSS-TB データシート(PDF) 2 Page - List of Unclassifed Manufacturers

部品番号 SM12B-SRSS-TB
部品情報  Disconnectable Insulation displacement connectors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC1 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC1 - List of Unclassifed Manufacturers

SM12B-SRSS-TB データシート(HTML) 2 Page - List of Unclassifed Manufacturers

  SM12B-SRSS-TB Datasheet HTML 1Page - List of Unclassifed Manufacturers SM12B-SRSS-TB Datasheet HTML 2Page - List of Unclassifed Manufacturers SM12B-SRSS-TB Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
224
SR CONNECTOR
Receptacle –––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––
B
A
2.45(.097)
2.1(.083)
1.0
(.039)
Material and Finish
Cir-
cuits
Model No.
Dimensions mm(in.)
Q’ty / box
B
2
3
4
5
6
7
8
9
10
11
12
13
14
02SR-3S
03SR-3S
04SR-3S
05SR-3S
06SR-3S
07SR-3S
08SR-3S
09SR-3S
10SR-3S
11SR-3S
12SR-3S
13SR-3S
14SR-3S
3,000
3,000
3,000
2,000
2,000
2,000
2,000
2,000
2,000
2,000
2,000
2,000
2,000
Contact: Phosphor bronze, tin-plated
Housing: Polyamide 66, UL94V-0, natural (ivory)
A
1.0(.039)
2.0(.079)
3.0(.118)
4.0(.157)
5.0(.197)
6.0(.236)
7.0(.276)
8.0(.315)
9.0(.354)
10.0(.394)
11.0(.433)
12.0(.472)
13.0(.512)
3.0(.118)
4.0(.157)
5.0(.197)
6.0(.236)
7.0(.276)
8.0(.315)
9.0(.354)
10.0(.394)
11.0(.433)
12.0(.472)
13.0(.512)
14.0(.551)
15.0(.591)
Shrouded header –––––––––––––––––––––––––––––––––––––––––––––––––––––––––
B
4.25(.167)
1.5
(.059)
0.7(.028)
A
1.0
(.039)
A
0.7(.028)
2.9(.114)
1.5
(.059)
B
1.0
(.039)
Material and Finish
Cir-
cuits
Top entry
type
Dimensions mm(in.)
Q'ty / reel
Top
entry
type
Side
entry
type
B
2
3
4
5
6
7
8
9
10
11
12
13
14
BM02B-SRSS-TB
BM03B-SRSS-TB
BM04B-SRSS-TB
BM05B-SRSS-TB
BM06B-SRSS-TB
BM07B-SRSS-TB
BM08B-SRSS-TB
BM09B-SRSS-TB
BM10B-SRSS-TB
BM11B-SRSS-TB
BM12B-SRSS-TB
BM13B-SRSS-TB
BM14B-SRSS-TB
1.0(.039)
2.0(.079)
3.0(.118)
4.0(.157)
5.0(.197)
6.0(.236)
7.0(.276)
8.0(.315)
9.0(.354)
10.0(.394)
11.0(.433)
12.0(.472)
13.0(.512)
4.0(.157)
5.0(.197)
6.0(.236)
7.0(.276)
8.0(.315)
9.0(.354)
10.0(.394)
11.0(.433)
12.0(.472)
13.0(.512)
14.0(.551)
15.0(.591)
16.0(.630)
3,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
1,500
1,500
1,500
1,500
1,500
1,500
1,500
1,500
1,500
1,500
1,500
1,500
1,500
Contact: Copper alloy, copper-undercoated, tin/lead plated
Wafer: Polyamide, UL94V-0, natural (ivory)
Solder tab: Brass, copper-undercoated, tin/lead plated
A
Side entry
type
SM02B-SRSS-TB
SM03B-SRSS-TB
SM04B-SRSS-TB
SM05B-SRSS-TB
SM06B-SRSS-TB
SM07B-S RSS-TB
SM08B-SRSS-TB
SM09B-SRSS-TB
SM10B-SRSS-TB
SM11B-SRSS-TB
SM12B-SRSS-TB
SM13B-SRSS-TB
SM14B-SRSS-TB
Side entry type
Note: 1. The products listed above are supplied on embossed-tape.
2. Contact JST for the top entry type headers with suction cap.
PC board layout (viewed from component side) and Assembly layout ––––––––––––––––––
4.85(.191)
Shrouded header
0.6
± 0.05
(.024
± .002)
0.7
± 0.1
(.028
± .004)
1.0
± 0.05
(.039
± .002)
1.2
± 0.1
(.047
± .004)
Note:
1. Tolerances are non-cumulative: ±0.05mm(±.002" ) for all centers.
2. Dimensions above should serve as a guideline. Contact JST for details.
Side entry type
2.9(.114)
Shrouded header
0.6
± 0.05
(.024
± .002)
0.7
± 0.1
(.028
± .004)
1.0
± 0.05
(.039
± .002)
1.2
± 0.1
(.047
± .004)
Top entry type
Top entry type


同様の部品番号 - SM12B-SRSS-TB

メーカー部品番号データシート部品情報
logo
Lightel Technologies IN...
SM12B-SRSS-TB LIGHTEL-SM12B-SRSS-TB Datasheet
151Kb / 2P
   1.0mm pitch/Disconnectable Crimp style connectors
logo
List of Unclassifed Man...
SM12B-SRSS-TB ETC2-SM12B-SRSS-TB Datasheet
161Kb / 2P
   1.0mm pitch/Disconnectable Crimp style connectors
More results

同様の説明 - SM12B-SRSS-TB

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
SSR ETC2-SSR Datasheet
89Kb / 3P
   Disconnectable Insulation displacement connectors
SM02B-SURS-TF ETC2-SM02B-SURS-TF Datasheet
84Kb / 2P
   0.8mm pitch/Disconnectable Insulation displacement connectors
06HR-6S-P-N ETC2-06HR-6S-P-N Datasheet
166Kb / 2P
   2.5mm pitch/Disconnectable Insulation displacement connectors
logo
JST Mfg. Co., Ltd.
KRW JST-KRW Datasheet
179Kb / 8P
   2.0mm pitch/Disconnectable Insulation displacement and Crimp style connectors
logo
List of Unclassifed Man...
H3P-SHF-AA ETC2-H3P-SHF-AA Datasheet
142Kb / 4P
   Disconnectable Crimp style connectors
B5P-VH ETC2-B5P-VH Datasheet
111Kb / 5P
   Disconnectable Crimp style connectors
B11B-ZR-SM3-TF ETC2-B11B-ZR-SM3-TF Datasheet
244Kb / 7P
   Disconnectable Crimp style connectors
SM02B-BHLS-1-TB ETC1-SM02B-BHLS-1-TB Datasheet
40Kb / 3P
   Disconnectable Crimp style connectors
B3P-VH ETC-B3P-VH Datasheet
111Kb / 5P
   Disconnectable Crimp style connectors
B3B-PH-SM3-TB ETC2-B3B-PH-SM3-TB Datasheet
182Kb / 7P
   Disconnectable Crimp style connectors
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com