データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA8588BJ データシート(PDF) 6 Page - NXP Semiconductors

部品番号 TDA8588BJ
部品情報  I2C-bus controlled 4 x 50 Watt power amplifier and multiple voltage regulator
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8588BJ データシート(HTML) 6 Page - NXP Semiconductors

Back Button TDA8588BJ Datasheet HTML 2Page - NXP Semiconductors TDA8588BJ Datasheet HTML 3Page - NXP Semiconductors TDA8588BJ Datasheet HTML 4Page - NXP Semiconductors TDA8588BJ Datasheet HTML 5Page - NXP Semiconductors TDA8588BJ Datasheet HTML 6Page - NXP Semiconductors TDA8588BJ Datasheet HTML 7Page - NXP Semiconductors TDA8588BJ Datasheet HTML 8Page - NXP Semiconductors TDA8588BJ Datasheet HTML 9Page - NXP Semiconductors TDA8588BJ Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 54 page
background image
2004 Feb 24
6
Philips Semiconductors
Product specification
I2C-bus controlled 4
× 50 Watt power
amplifier and multiple voltage regulator
TDA8588J; TDA8588xJ
PINNING
SYMBOL
PIN
DESCRIPTION
PGND2/TAB
1
power ground 2 and connection for heatsink
SDA
2
I2C-bus data input and output
OUT3
3
channel 3 negative output
SCL
4
I2C-bus clock input
OUT3+
5
channel 3 positive output
VP2
6
power supply voltage 2 to amplifier
OUT1
7
channel 1 negative output
PGND1
8
power ground 1
OUT1+
9
channel 1 positive output
SVR
10
half supply voltage filter capacitor
IN1
11
channel 1 input
IN3
12
channel 3 input
SGND
13
signal ground
IN4
14
channel 4 input
IN2
15
channel 2 input
ACGND
16
AC ground
OUT2+
17
channel 2 positive output
PGND3
18
power ground 3
OUT2
19
channel 2 negative output
VP1
20
power supply voltage 1 to amplifier
OUT4+
21
channel 4 positive output
STB
22
standby or operating or mute mode select input
OUT4
23
channel 4 negative output
PGND4
24
power ground 4
DIAG
25
diagnostic and clip detection output, active LOW
RST
26
reset output
SW2
27
antenna switch; supplies unregulated power to car aerial motor
RESCAP
28
reset delay capacitor
SW1
29
amplifier switch; supplies unregulated power to amplifier(s)
REG1
30
regulator 1 output; supply for audio part of radio and CD player
REG3
31
regulator 3 output; supply for signal processor part (mechanical digital) of CD player
GND
32
combined voltage regulator, power and signal ground
REG4
33
regulator 4 output; supply for mechanical part (mechanical drive) of CD player
REG5
34
regulator 5 output; supply for display part of radio and CD player
VP
35
power supply to voltage regulator
BUCAP
36
connection for backup capacitor
REG2
37
regulator 2 output; supply voltage to microcontroller


同様の部品番号 - TDA8588BJ

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA8580 PHILIPS-TDA8580 Datasheet
144Kb / 20P
   Multi-purpose power amplifier
1998 Feb 25
TDA8580J PHILIPS-TDA8580J Datasheet
181Kb / 28P
   Multi-purpose power amplifier
2000 Apr 18
TDA8581 PHILIPS-TDA8581 Datasheet
113Kb / 20P
   Multi-purpose high-gain power amplifier
1998 May 27
TDA8586 PHILIPS-TDA8586 Datasheet
138Kb / 24P
   Power amplifier with load detection and auto BTL/SE selection
1999 Apr 08
TDA8589AJ PHILIPS-TDA8589AJ Datasheet
545Kb / 55P
   I2C-bus controlled 4 45 Watt power amplifier and multiple voltage regulator
2004 Feb 24
More results

同様の説明 - TDA8588BJ

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDF8553J NXP-TDF8553J Datasheet
390Kb / 47P
   I2C-bus controlled 4 X 50 Watt power amplifier and multiple voltage regulator
Rev. 01-3 December 2008
TDA8589J PHILIPS-TDA8589J Datasheet
545Kb / 55P
   I2C-bus controlled 4 45 Watt power amplifier and multiple voltage regulator
2004 Feb 24
TDA8594 NXP-TDA8594 Datasheet
290Kb / 48P
   I2C-bus controlled 4 X 50 W power amplifier
Rev. 02-11 December 2007
TDA8594 PHILIPS-TDA8594_15 Datasheet
469Kb / 49P
   I2C-bus controlled 4 ??50 W power amplifier
Rev. 5-11 June 2013
TDA8595 PHILIPS-TDA8595_15 Datasheet
484Kb / 51P
   I2C-bus controlled 4 ??45 W power amplifier
Rev. 5-11 June 2013
TDA8595 NXP-TDA8595 Datasheet
294Kb / 50P
   I2C-bus controlled 4 쨈 45 W power amplifier
Rev. 02-21 November 2007
TDF8546_SDS PHILIPS-TDF8546_SDS_15 Datasheet
410Kb / 21P
   I2C-bus controlled 4 ??45 W best efficiency amplifier
Rev. 8-27 September 2013
logo
STMicroelectronics
TDA7569LV STMICROELECTRONICS-TDA7569LV Datasheet
831Kb / 39P
   4 x 50 W power amplifier with full I2C diagnostics,high efficiency and low voltage operation
May 2011
logo
NXP Semiconductors
TDA8596 PHILIPS-TDA8596_15 Datasheet
275Kb / 48P
   I2C-bus controlled 4 쨈 45 W power amplifier with symmetrical inputs
Rev. 02-8 November 2007
logo
STMicroelectronics
TDA7569BDLVPD STMICROELECTRONICS-TDA7569BDLVPD Datasheet
719Kb / 37P
   4 x 50 W differential power amplifier with full I2C diagnostics, high efficiency and low voltage operation
September 2014 Rev 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com