データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA8588BJ データシート(PDF) 8 Page - NXP Semiconductors

部品番号 TDA8588BJ
部品情報  I2C-bus controlled 4 x 50 Watt power amplifier and multiple voltage regulator
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8588BJ データシート(HTML) 8 Page - NXP Semiconductors

Back Button TDA8588BJ Datasheet HTML 4Page - NXP Semiconductors TDA8588BJ Datasheet HTML 5Page - NXP Semiconductors TDA8588BJ Datasheet HTML 6Page - NXP Semiconductors TDA8588BJ Datasheet HTML 7Page - NXP Semiconductors TDA8588BJ Datasheet HTML 8Page - NXP Semiconductors TDA8588BJ Datasheet HTML 9Page - NXP Semiconductors TDA8588BJ Datasheet HTML 10Page - NXP Semiconductors TDA8588BJ Datasheet HTML 11Page - NXP Semiconductors TDA8588BJ Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 54 page
background image
2004 Feb 24
8
Philips Semiconductors
Product specification
I2C-bus controlled 4
× 50 Watt power
amplifier and multiple voltage regulator
TDA8588J; TDA8588xJ
FUNCTIONAL DESCRIPTION
The TDA8588 is a multiple voltage regulator combined
with four independent audio power amplifiers configured in
bridge tied load with diagnostic capability. The output
voltages of all regulators except regulators 2 and 3 can be
controlled via the I2C-bus. However, regulator 3 can be set
to 0 V via the I2C-bus. The output voltage of regulator 2
(microcontroller supply) and the maximum output voltage
of regulator 3 (mechanical digital and microcontroller
supplies) can both be either 5 V or 3.3 V depending on the
type number. The maximum output voltages of both
regulators are fixed to avoid any risk of damaging the
microcontroller that may occur during a disturbance of the
I2C-bus.
The amplifier diagnostic functions give information about
output offset, load, or short-circuit. Diagnostic functions
are controlled via the I2C-bus. The TDA8588 is protected
against short-circuit, over-temperature, open ground and
open VP connections. If a short-circuit occurs at the input
or output of a single amplifier, that channel shuts down,
and the other channels continue to operate normally. The
channel that has a short-circuit can be disabled by the
microcontroller via the appropriate enable bit of the
I2C-bus to prevent any noise generated by the fault
condition from being heard.
Start-up
At power on, regulator 2 will reach its final voltage when
the backup capacitor voltage exceeds 5.5 V independently
of the voltage on pin STB. When pin STB is LOW, the total
quiescent current is low, and the I2C-bus lines are high
impedance.
When pin STB is HIGH, the I2C-bus is biased on and then
the TDA8588 performs a power-on reset. When bit D0 of
instruction byte IB1 is set, the amplifier is activated, bit D7
of data byte 2 (power-on reset occurred) is reset, and
pin DIAG is no longer held LOW.
Start-up and shut-down timing (see Fig.12)
A capacitor connected to pin SVR enables smooth start-up
and shut-down, preventing the amplifier from producing
audible clicks at switch-on or switch-off. The start-up and
shut-down times can be extended by increasing the
capacitor value.
If the amplifier is shut down using pin STB, the amplifier is
muted, the regulators and switches are switched off, and
the capacitor connected to pin SVR discharges. The low
current standby mode is activated 2 seconds after pin STB
goes LOW.
Power-on reset and supply voltage spikes (see Fig.13
and Fig.14)
If the supply voltage drops too low to guarantee the
integrity of the data in the I2C-bus latches, the power-on
reset cycle will start. All latches will be set to a pre-defined
state, pin DIAG will be pulled LOW to indicate that a
power-on reset has occurred, and bit D7 of data byte 2 is
also set for the same reason. When D0 of instruction
byte 1 is set, the power-on flag resets, pin DIAG is
released and the amplifier will then enter its start-up cycle.
Diagnostic output
Pin DIAG indicates clipping, thermal protection
pre-warning of amplifier and voltage regulator sections,
short-circuit protection, low and high battery voltage.
Pin DIAG is an open-drain output, is active LOW, and must
be connected to an external voltage via an external pull-up
resistor. If a failure occurs, pin DIAG remains LOW during
the failure and no clipping information is available. The
microcontroller can read the failure information via the
I2C-bus.
AMPLIFIERS
Muting
A hard mute and a soft mute can both be performed via the
I2C-bus. A hard mute mutes the amplifier within 0.5 ms. A
soft mute mutes the amplifier within 20 ms and is less
audible. A hard mute is also activated if a voltage of 8 V is
applied to pin STB.
Temperature protection
If the average junction temperature rises to a temperature
value that has been set via the I2C-bus, a thermal
protection pre-warning is activated making pin DIAG LOW.
If the temperature continues to rise, all four channels will
be muted to reduce the output power (soft thermal
clipping). The value at which the temperature mute control
activates is fixed; only the temperature at which the
thermal protection pre-warning signal occurs can be
specified by bit D4 in instruction byte 3. If implementing
the temperature mute control does not reduce the average
junction temperature, all the power stages will be switched
off (muted) at the absolute maximum temperature Tj(max).
Offset detection
Offset detection can only be performed when there is no
input signal to the amplifiers, for instance when the
external digital signal processor is muted after a start-up.
The output voltage of each channel is measured and


同様の部品番号 - TDA8588BJ

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA8580 PHILIPS-TDA8580 Datasheet
144Kb / 20P
   Multi-purpose power amplifier
1998 Feb 25
TDA8580J PHILIPS-TDA8580J Datasheet
181Kb / 28P
   Multi-purpose power amplifier
2000 Apr 18
TDA8581 PHILIPS-TDA8581 Datasheet
113Kb / 20P
   Multi-purpose high-gain power amplifier
1998 May 27
TDA8586 PHILIPS-TDA8586 Datasheet
138Kb / 24P
   Power amplifier with load detection and auto BTL/SE selection
1999 Apr 08
TDA8589AJ PHILIPS-TDA8589AJ Datasheet
545Kb / 55P
   I2C-bus controlled 4 45 Watt power amplifier and multiple voltage regulator
2004 Feb 24
More results

同様の説明 - TDA8588BJ

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDF8553J NXP-TDF8553J Datasheet
390Kb / 47P
   I2C-bus controlled 4 X 50 Watt power amplifier and multiple voltage regulator
Rev. 01-3 December 2008
TDA8589J PHILIPS-TDA8589J Datasheet
545Kb / 55P
   I2C-bus controlled 4 45 Watt power amplifier and multiple voltage regulator
2004 Feb 24
TDA8594 NXP-TDA8594 Datasheet
290Kb / 48P
   I2C-bus controlled 4 X 50 W power amplifier
Rev. 02-11 December 2007
TDA8594 PHILIPS-TDA8594_15 Datasheet
469Kb / 49P
   I2C-bus controlled 4 ??50 W power amplifier
Rev. 5-11 June 2013
TDA8595 PHILIPS-TDA8595_15 Datasheet
484Kb / 51P
   I2C-bus controlled 4 ??45 W power amplifier
Rev. 5-11 June 2013
TDA8595 NXP-TDA8595 Datasheet
294Kb / 50P
   I2C-bus controlled 4 쨈 45 W power amplifier
Rev. 02-21 November 2007
TDF8546_SDS PHILIPS-TDF8546_SDS_15 Datasheet
410Kb / 21P
   I2C-bus controlled 4 ??45 W best efficiency amplifier
Rev. 8-27 September 2013
logo
STMicroelectronics
TDA7569LV STMICROELECTRONICS-TDA7569LV Datasheet
831Kb / 39P
   4 x 50 W power amplifier with full I2C diagnostics,high efficiency and low voltage operation
May 2011
logo
NXP Semiconductors
TDA8596 PHILIPS-TDA8596_15 Datasheet
275Kb / 48P
   I2C-bus controlled 4 쨈 45 W power amplifier with symmetrical inputs
Rev. 02-8 November 2007
logo
STMicroelectronics
TDA7569BDLVPD STMICROELECTRONICS-TDA7569BDLVPD Datasheet
719Kb / 37P
   4 x 50 W differential power amplifier with full I2C diagnostics, high efficiency and low voltage operation
September 2014 Rev 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com