データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC10LVEP16 データシート(PDF) 6 Page - ON Semiconductor

部品番号 MC10LVEP16
部品情報  2.5V / 3.3V ECL Differential Receiver/Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10LVEP16 データシート(HTML) 6 Page - ON Semiconductor

Back Button MC10LVEP16 Datasheet HTML 2Page - ON Semiconductor MC10LVEP16 Datasheet HTML 3Page - ON Semiconductor MC10LVEP16 Datasheet HTML 4Page - ON Semiconductor MC10LVEP16 Datasheet HTML 5Page - ON Semiconductor MC10LVEP16 Datasheet HTML 6Page - ON Semiconductor MC10LVEP16 Datasheet HTML 7Page - ON Semiconductor MC10LVEP16 Datasheet HTML 8Page - ON Semiconductor MC10LVEP16 Datasheet HTML 9Page - ON Semiconductor MC10LVEP16 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
MC10LVEP16, MC100LVEP16
http://onsemi.com
6
Table 10. AC CHARACTERISTICS VCC = 0 V; VEE = −3.8 V to −2.375 V or VCC = 2.375 V to 3.8 V; VEE = 0 V (Note 26)
−40°C
25°C
85°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
fmax
Maximum Frequency
(See Figure 2. Fmax/JITTER)
> 4
> 4
> 4
GHz
tPLH,
tPHL
Propagation Delay to
Output Differential
150
220
300
170
240
320
190
260
330
ps
tSKEW
Duty Cycle Skew (Note 27)
5.0
20
5.0
20
5.0
20
ps
tJITTER
CLOCK Random Jitter (RMS)
(See Figure 2. Fmax/JITTER)
0.2
< 1
0.2
< 1
0.2
< 1
ps
VPP
Input Voltage Swing
(Differential Configuration)
150
800
1200
150
800
1200
150
800
1200
mV
tr
tf
Output Rise/Fall Times
Q, Q
(20% − 80%)
70
120
170
80
130
180
100
150
200
ps
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
26.Measured using a 750 mV source, 50% duty cycle clock source. All loading with 50 W to VCC − 2.0 V.
27.Skew is measured between outputs under identical transitions. Duty cycle skew is defined only for differential operation when the delays
are measured from the cross point of the inputs to the cross point of the outputs.
0
100
200
300
400
500
600
700
800
900
0
1000
2000
3000
4000
5000
6000
FREQUENCY (MHz)
1
2
3
4
5
6
7
8
(JITTER)
Figure 2. Fmax/Jitter
9


同様の部品番号 - MC10LVEP16

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC10LVEP16 ONSEMI-MC10LVEP16 Datasheet
167Kb / 12P
   2.5V / 3.3V ECL Differential Receiver/Driver
December, 2006 ??Rev. 10
MC10LVEP16D ONSEMI-MC10LVEP16D Datasheet
167Kb / 12P
   2.5V / 3.3V ECL Differential Receiver/Driver
December, 2006 ??Rev. 10
MC10LVEP16DG ONSEMI-MC10LVEP16DG Datasheet
167Kb / 12P
   2.5V / 3.3V ECL Differential Receiver/Driver
December, 2006 ??Rev. 10
MC10LVEP16DG ONSEMI-MC10LVEP16DG Datasheet
196Kb / 12P
   2.5V / 3.3V ECL Differential Receiver/Driver
August, 2016 ??Rev. 12
MC10LVEP16DR2 ONSEMI-MC10LVEP16DR2 Datasheet
167Kb / 12P
   2.5V / 3.3V ECL Differential Receiver/Driver
December, 2006 ??Rev. 10
More results

同様の説明 - MC10LVEP16

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC10LVEP16 ONSEMI-MC10LVEP16_06 Datasheet
167Kb / 12P
   2.5V / 3.3V ECL Differential Receiver/Driver
December, 2006 ??Rev. 10
MC10EP16 ONSEMI-MC10EP16_06 Datasheet
165Kb / 11P
   3.3V / 5V ECL Differential Receiver/Driver
December, 2006 ??Rev. 5
NB100LVEP17 ONSEMI-NB100LVEP17 Datasheet
147Kb / 10P
   2.5V / 3.3V Quad Differential Driver/Receiver
November, 2006 ??Rev. 7
MC100LVEL16 ONSEMI-MC100LVEL16_06 Datasheet
142Kb / 9P
   3.3V ECL Differential Receiver
December, 2006 ??Rev. 5
logo
Fairchild Semiconductor
100LVEL16 FAIRCHILD-100LVEL16 Datasheet
141Kb / 6P
   3.3V ECL Differential Receiver
logo
ON Semiconductor
MC100LVEL16 ONSEMI-MC100LVEL16_15 Datasheet
101Kb / 9P
   3.3V ECL Differential Receiver
July, 2015 ??Rev. 7
MC10EP17 ONSEMI-MC10EP17_06 Datasheet
179Kb / 11P
   3.3V / 5V ECL Quad Differential Driver/Receiver
December, 2006 ??Rev. 7
logo
Micrel Semiconductor
SY10EP16UMG MICREL-SY10EP16UMG Datasheet
524Kb / 15P
   2.5/3.3V Precision ECL Differential Receiver/Driver
SY100EP16U MICREL-SY100EP16U Datasheet
524Kb / 15P
   2.5/3.3V Precision ECL Differential Receiver/Driver
logo
ON Semiconductor
MC10EP17 ONSEMI-MC10EP17 Datasheet
83Kb / 8P
   3.3V / 5V ECL Quad Differential Driver/Receiver
September, 2002 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com