データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2SD1272 データシート(PDF) 1 Page - Panasonic Semiconductor

部品番号 2SD1272
部品情報  Silicon NPN triple diffusion planar type(For high-speed switching and high current amplification ratio)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PANASONIC [Panasonic Semiconductor]
ホームページ  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SD1272 データシート(HTML) 1 Page - Panasonic Semiconductor

  2SD1272 Datasheet HTML 1Page - Panasonic Semiconductor 2SD1272 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Power Transistors
2SD1272
Silicon NPN triple diffusion planar type
For high-speed switching and high current amplification ratio
s Features
q
High foward current transfer ratio hFE
q
Satisfactory linearity of foward current transfer ratio hFE
q
Full-pack package which can be installed to the heat sink with
one screw
s Absolute Maximum Ratings (T
C=25˚C)
Parameter
Collector to base voltage
Collector to emitter voltage
Emitter to base voltage
Peak collector current
Collector current
Base current
Collector power
dissipation
Junction temperature
Storage temperature
Symbol
VCBO
VCEO
VEBO
ICP
IC
IB
PC
Tj
Tstg
Ratings
200
150
6
2.5
1
0.1
40
2
150
–55 to +150
Unit
V
V
V
A
A
A
W
˚C
˚C
s Electrical Characteristics (T
C=25˚C)
Parameter
Collector cutoff current
Emitter cutoff current
Collector to emitter voltage
Forward current transfer ratio
Collector to emitter saturation voltage
Transition frequency
Symbol
ICBO
IEBO
VCEO
hFE
*
VCE(sat)
fT
Conditions
VCB = 200V, IE = 0
VEB = 6V, IC = 0
IC = 25mA, IB = 0
VCE = 4V, IC = 0.2A
IC = 0.5A, IB = 0.02A
VCE = 4V, IC = 0.1A, f = 10MHz
min
150
500
typ
25
max
100
100
2000
1
Unit
µA
µA
V
V
MHz
*h
FE Rank classification
Rank
Q
P
hFE
500 to 1200 800 to 2000
TC=25°C
Ta=25
°C
Unit: mm
1:Base
2:Collector
3:Emitter
TO–220 Full Pack Package(a)
10.0
±0.2
5.5
±0.2
0.5
+0.2
–0.1
1.4
±0.1
1.3
±0.2
0.8
±0.1
2.54
±0.25
5.08
±0.5
2
13
2.7
±0.2
4.2
±0.2
φ3.1±0.1


同様の部品番号 - 2SD1272

メーカー部品番号データシート部品情報
logo
Panasonic Semiconductor
2SD1270 PANASONIC-2SD1270 Datasheet
55Kb / 3P
   Silicon PNP epitaxial planar type(For power switching)
2SD1270 PANASONIC-2SD1270 Datasheet
55Kb / 3P
   Silicon NPN epitaxial planar type(For power switching)
logo
Wing Shing Computer Com...
2SD1270 WINGS-2SD1270 Datasheet
70Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR(POWER AMPLIFIER VERTICAL DEFLECTION OUTPUT)
logo
Savantic, Inc.
2SD1270 SAVANTIC-2SD1270 Datasheet
135Kb / 4P
   Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2SD1270 ISC-2SD1270 Datasheet
162Kb / 4P
   Silicon NPN Power Transistors
More results

同様の説明 - 2SD1272

メーカー部品番号データシート部品情報
logo
Panasonic Semiconductor
2SD1775 PANASONIC-2SD1775 Datasheet
57Kb / 3P
   Silicon NPN triple diffusion planar type(For high-speed switching and high current amplification ratio)
2SD2139 PANASONIC-2SD2139 Datasheet
50Kb / 3P
   Silicon NPN triple diffusion planar type(For high-current amplification ratio, power amplification)
2SD2375 PANASONIC-2SD2375 Datasheet
43Kb / 2P
   Silicon NPN triple diffusion planar type(For power amplification with high forward current transfer ratio)
2SD2544 PANASONIC-2SD2544 Datasheet
51Kb / 3P
   Silicon NPN triple diffusion planar type(For power amplification with high forward current transfer ratio)
2SD1776 PANASONIC-2SD1776 Datasheet
54Kb / 3P
   Silicon NPN triple diffusion planar type(For power amplification with high forward current transfer ratio)
2SD1754 PANASONIC-2SD1754 Datasheet
48Kb / 2P
   Silicon NPN triple diffusion planar type(For power amplification with high forward current transfer ratio)
2SD2527 PANASONIC-2SD2527 Datasheet
42Kb / 2P
   Silicon NPN triple diffusion planar type(For power amplification with high forward current transfer ratio)
2SD1753 PANASONIC-2SD1753 Datasheet
48Kb / 2P
   Silicon NPN triple diffusion planar type(For power amplification with high forward current transfer ratio)
2SD1258 PANASONIC-2SD1258 Datasheet
48Kb / 2P
   Silicon NPN triple diffusion planar type(For power amplification with high forward current transfer ratio)
2SD2486 PANASONIC-2SD2486 Datasheet
70Kb / 2P
   Silicon NPN triple diffusion planar type(For power amplification with high forward current transfer ratio)
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com