データシートサーチシステム |
|
IN44780 データシート(PDF) 4 Page - Integral Corp. |
|
IN44780 データシート(HTML) 4 Page - Integral Corp. |
4 / 10 page IZ44780 Resistor circuit External clock circuit OSC1 Rf Rf: 91k + 2% Ω OSC2 OSC1 OSC2 open Frequency input *2). Input the voltage listed in table below to V1 ~ V5 Duty 1/8, 1/11 1/16 Bias Power supply 1/4 1/5 V1 VDD – VLCD/4 VDD – VLCD/5 V2 VDD – VLCD/2 VDD – 2VLCD/5 V3 VDD – VLCD/2 VDD – 3VLCD/5 V4 VDD – 3VLCD/4 VDD – 4VLCD/5 V5 VDD – VLCD VDD – VLCD *VLCD is the LCD driving voltage, refer to the initial set of the instruction code. AC CHARACTERISTICS (VDD = 5V, VSS = 0V, Ta = 25 oC) (1) Write mode (Writing data from MPU to IZ44780) Characteristic Symbol Test pin Min Typ Max Unit E Cycle Time tC E 500 ns E Rise Time tR E 25 ns E Fall Time tF E 25 ns E Pulse Width (High, Low) tW E 220 ns R/W and RS Set-up Time tSU1 R/W, RS 40 ns R/W and RS Hold Time tH1 R/W, RS 10 ns Data Set-up Time tSU2 DB0 ~ DB7 60 ns Data Hold Time tH2 DB0 ~ DB7 10 ns 4 |
同様の部品番号 - IN44780 |
|
同様の説明 - IN44780 |