データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IN44780U データシート(PDF) 4 Page - Integral Corp.

部品番号 IN44780U
部品情報  DOT MATRIX LIQUID CRYSTAL DISPLAY CONTROLLER & DRIVER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTEGRAL [Integral Corp.]
ホームページ  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IN44780U データシート(HTML) 4 Page - Integral Corp.

  IN44780U Datasheet HTML 1Page - Integral Corp. IN44780U Datasheet HTML 2Page - Integral Corp. IN44780U Datasheet HTML 3Page - Integral Corp. IN44780U Datasheet HTML 4Page - Integral Corp. IN44780U Datasheet HTML 5Page - Integral Corp. IN44780U Datasheet HTML 6Page - Integral Corp. IN44780U Datasheet HTML 7Page - Integral Corp. IN44780U Datasheet HTML 8Page - Integral Corp. IN44780U Datasheet HTML 9Page - Integral Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
IN44780U
4
Resistor circuit
External clock circuit
OSC1
Rf
Rf: 91k +2%
OSC2
OSC1
OSC2
open
Frequency input
*2). Input the voltage listed in table below to V1 ~ V5
Duty
1/8, 1/11
1/16
Bias
Power supply
1/4
1/5
V1
VDD – VLCD/4
VDD – VLCD/5
V2
VDD – VLCD/2
VDD – 2VLCD/5
V3
VDD – VLCD/2
VDD – 3VLCD/5
V4
VDD – 3VLCD/4
VDD – 4VLCD/5
V5
VDD – VLCD
VDD – VLCD
*VLCD is the LCD driving voltage, refer to the initial set of the instruction code.
AC CHARACTERISTICS (VDD = 5V, VSS = 0V, Ta = 25oC)
(1) Write mode (Writing data from MPU to IZ44780)
Characteristic
Symbol
Test pin
Min
Typ
Max
Unit
E Cycle Time
tC
E
500
ns
E Rise Time
tR
E
25
ns
E Fall Time
tF
E
25
ns
E Pulse Width (High,
Low)
tW
E
220
ns
R/W and RS Set-up Time
tSU1
R/W, RS
40
ns
R/W and RS Hold Time
tH1
R/W, RS
10
ns
Data Set-up Time
tSU2
DB0 ~ DB7
60
ns
Data Hold Time
tH2
DB0 ~ DB7
10
ns


同様の部品番号 - IN44780U

メーカー部品番号データシート部品情報
logo
Integral Corp.
IN44780 INTEGRAL-IN44780 Datasheet
345Kb / 10P
   DOT MATRIX LIQUID CRYSTAL DISPLAY CONTROLLER & DRIVER
More results

同様の説明 - IN44780U

メーカー部品番号データシート部品情報
logo
Hitachi Semiconductor
HD66712 HITACHI-HD66712 Datasheet
662Kb / 88P
   Dot-Matrix Liquid Crystal Display Controller/Driver
logo
KODENSHI_AUK CORP.
KK44780 KODENSHI-KK44780 Datasheet
366Kb / 10P
   DOT MATRIX LIQUID CRYSTAL DISPLAY CONTROLLER & DRIVER
logo
Hitachi Semiconductor
HD66710 HITACHI-HD66710 Datasheet
507Kb / 73P
   (Dot Matrix Liquid Crystal Display Controller/Driver)
HD44780U HITACHI-HD44780U Datasheet
316Kb / 59P
   Dot Matrix Liquid Crystal Display Controller/Driver
logo
Integral Corp.
IN44780 INTEGRAL-IN44780 Datasheet
345Kb / 10P
   DOT MATRIX LIQUID CRYSTAL DISPLAY CONTROLLER & DRIVER
IZD1520U INTEGRAL-IZD1520U Datasheet
221Kb / 12P
   DOT MATRIX LIQUID CRYSTAL DISPLAY CONTROLLER & DRIVER
logo
Hitachi Semiconductor
HD66780 HITACHI-HD66780 Datasheet
2Mb / 48P
   Dot Matrix Liquid Crystal Display Controller and Driver
HD66717 HITACHI-HD66717 Datasheet
716Kb / 90P
   (Low-Power Dot-Matrix Liquid Crystal Display Controller/Driver)
HD44102 HITACHI-HD44102 Datasheet
911Kb / 22P
   Dot Matrix Liquid Crystal Graphic Display Column Driver)
logo
List of Unclassifed Man...
AX6108 ETC2-AX6108 Datasheet
243Kb / 31P
   Dot Matrix Liquid Crystal Graphic Display Column Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com