データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IN44780U データシート(PDF) 1 Page - Integral Corp.

部品番号 IN44780U
部品情報  DOT MATRIX LIQUID CRYSTAL DISPLAY CONTROLLER & DRIVER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTEGRAL [Integral Corp.]
ホームページ  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IN44780U データシート(HTML) 1 Page - Integral Corp.

  IN44780U Datasheet HTML 1Page - Integral Corp. IN44780U Datasheet HTML 2Page - Integral Corp. IN44780U Datasheet HTML 3Page - Integral Corp. IN44780U Datasheet HTML 4Page - Integral Corp. IN44780U Datasheet HTML 5Page - Integral Corp. IN44780U Datasheet HTML 6Page - Integral Corp. IN44780U Datasheet HTML 7Page - Integral Corp. IN44780U Datasheet HTML 8Page - Integral Corp. IN44780U Datasheet HTML 9Page - Integral Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
IN44780U
1
DOT MATRIX LIQUID CRYSTAL DISPLAY CONTROLLER &
DRIVER
FEATURES
• Internal Memory
-
Character Generator ROM: 8320 bits
-
Character Generator RAM: 512 bit
-
Display Data RAM: 80 x 8 bits for 80 digits
• Internal automatic reset circuit at power ON
• Internal oscillation circuit
• Power Supply Voltage: +5V ± 10%
• LCD Driving Voltage for display: 0 ~ -5V(V5)
• Duty factor selection (sselected by programs)
1/8 duty: 5 x 7 dots format 1 line,
1/11 duty: 5 x 10 dots format 1 line
1/16 duty: 5 x 7 dots format 2 line
• Bare chip available
• Pin-to-Pin replacement for KS0066, HD44780,
SED1278
FUNCTION
• Character type dot matrix LCD driver & controller
• Internal driver: 16 common and 40 segment signal
output
• Display character format: 5 x 7 dots + cursor,
5 x 10 dots + cursor
• Easy interface with a 4-bit or 8-bit MPU
• Display character pattern:
5 x 7 dots format: 192 kinds, 5 x 10 dots format: 32
kinds
• The special character pattern can be programmable by
Character Generator RAM directly
• A customer character pattern can be programmable by
mask
option
• Wide range of instruction function:
Display clear, Cursor home, Display ON/OFF, Display
shift
Cursor ON/OFF, Display character blink, Cursor shift
DESCRIPTION
The IZ44780 is a dot matrix liquid crystal display controller & driver LSI that displays
alphanumerics, characters and symbols.
It drives dot matrix LCD under microcomputer control. All functions needed for dot matrix
LCD drive are internally provided
on one chip.
ODERING INFORMATION
Type
CGROM
IZ44780 – 00
English
Numberal
Russian
IZ44780 – 01
English
Numberal
Japanese
IZ44780 – XX
Custom font (XX – ROM code)
ABSOLUTE MAXIMUM RATINGS
Characteristic
Symbol
Value
Unit
Power Supply Voltage
VDD
- 0.3 ~ 7.0
V
Driver Supply Voltage
V1 ~ V5
VDD - 13.5 ~ VDD + 0.3
V
Input Voltage
VI
-0.3 ~VDD + 0.3
V
Operating Temperature
Ta
- 20 ~ + 75
oC
Storage Temperature
Tstg
- 55 ~ + 125
oC
Notes: Must keep the relation of VDD ≥ V1 ≥ V2 ≥ V3 ≥ V4 ≥ V5


同様の部品番号 - IN44780U

メーカー部品番号データシート部品情報
logo
Integral Corp.
IN44780 INTEGRAL-IN44780 Datasheet
345Kb / 10P
   DOT MATRIX LIQUID CRYSTAL DISPLAY CONTROLLER & DRIVER
More results

同様の説明 - IN44780U

メーカー部品番号データシート部品情報
logo
Hitachi Semiconductor
HD66712 HITACHI-HD66712 Datasheet
662Kb / 88P
   Dot-Matrix Liquid Crystal Display Controller/Driver
logo
KODENSHI_AUK CORP.
KK44780 KODENSHI-KK44780 Datasheet
366Kb / 10P
   DOT MATRIX LIQUID CRYSTAL DISPLAY CONTROLLER & DRIVER
logo
Hitachi Semiconductor
HD66710 HITACHI-HD66710 Datasheet
507Kb / 73P
   (Dot Matrix Liquid Crystal Display Controller/Driver)
HD44780U HITACHI-HD44780U Datasheet
316Kb / 59P
   Dot Matrix Liquid Crystal Display Controller/Driver
logo
Integral Corp.
IN44780 INTEGRAL-IN44780 Datasheet
345Kb / 10P
   DOT MATRIX LIQUID CRYSTAL DISPLAY CONTROLLER & DRIVER
IZD1520U INTEGRAL-IZD1520U Datasheet
221Kb / 12P
   DOT MATRIX LIQUID CRYSTAL DISPLAY CONTROLLER & DRIVER
logo
Hitachi Semiconductor
HD66780 HITACHI-HD66780 Datasheet
2Mb / 48P
   Dot Matrix Liquid Crystal Display Controller and Driver
HD66717 HITACHI-HD66717 Datasheet
716Kb / 90P
   (Low-Power Dot-Matrix Liquid Crystal Display Controller/Driver)
HD44102 HITACHI-HD44102 Datasheet
911Kb / 22P
   Dot Matrix Liquid Crystal Graphic Display Column Driver)
logo
List of Unclassifed Man...
AX6108 ETC2-AX6108 Datasheet
243Kb / 31P
   Dot Matrix Liquid Crystal Graphic Display Column Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com