データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IZ44780-01 データシート(PDF) 8 Page - Integral Corp.

部品番号 IZ44780-01
部品情報  DOT MATRIX LIQUID CRYSTAL DISPLAY CONTROLLER & DRIVER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTEGRAL [Integral Corp.]
ホームページ  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IZ44780-01 データシート(HTML) 8 Page - Integral Corp.

Back Button IZ44780-01 Datasheet HTML 2Page - Integral Corp. IZ44780-01 Datasheet HTML 3Page - Integral Corp. IZ44780-01 Datasheet HTML 4Page - Integral Corp. IZ44780-01 Datasheet HTML 5Page - Integral Corp. IZ44780-01 Datasheet HTML 6Page - Integral Corp. IZ44780-01 Datasheet HTML 7Page - Integral Corp. IZ44780-01 Datasheet HTML 8Page - Integral Corp. IZ44780-01 Datasheet HTML 9Page - Integral Corp. IZ44780-01 Datasheet HTML 10Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
IN44780U
8
CONTROL and DISPLAY COMMANDS
Command
RS R/W DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0 Execution time
(fOSC=250KHz)
Remark
DISPLAY CLEAR
L
L
L
L
L
L
L
L
L
H
1.64 ms
RETURN HOME
L
L
L
L
L
L
L
L
H
X
1.64 ms
Cursor move to first digit
*I/D: set cursor move
direction
I/D
H
Increase
L
Decrease
*SH: Specifies shift of
display
SH
H
Display is
shifted
ENTRY MODE SET L
L
L
L
L
L
L
H
I/D SH
40
µs
L
Display is
not shifted
*Display
D
H
Display on
L
Display off
*Cursor
C
H
Cursor on
L
Cursor off
*Blinking
B
H
Blinking on
DISPLAY ON/OFF
L
L
L
L
L
L
H
D
C
B
40
µs
L
Blinking off
SC
H
Display shift
L
Cursor move
R/L
H
Right shift
SHIFT
L
L
L
L
L
H
S/C R/L X
X
40
µs
L
Left shift
DL
H
8 bits
interface
L
4 bits
interface
N
H
2 line display
L
1 line display
F
H
5x10 dots
SET FUNCTION
L
L
L
L
H
DL N
F
X
X
40
µs
L
5x7 dots
SET CG RAM
ADDRESS
L
L
L
H
CG RAM address
(corresponds to cursor
address)
40
µs
CG RAM Data is sent and
received after this setting
SET DD RAM
ADDRESS
L
L
H
DD RAM address
40
µs
DD RAM Data is sent and
received after this setting
BF
H
Busy
L
Ready
READ BUSY FLAG
& ADDRESS
L
H
BF
Address Counter used for
Both DD & CG RAM address
0
µs
-Reads BF indication
internal operating
is being performed.
-Reads address
counter contents
WRITE DATA
H
L
Write Data
46
µs
Write data DD or CG RAM
READ DATA
H
H
Read Data
46
µs
Read data from DD or CG
RAM
Note: X – Don’t care.


同様の部品番号 - IZ44780-01

メーカー部品番号データシート部品情報
logo
Integral Corp.
IZ44780-01 INTEGRAL-IZ44780-01 Datasheet
345Kb / 10P
   DOT MATRIX LIQUID CRYSTAL DISPLAY CONTROLLER & DRIVER
More results

同様の説明 - IZ44780-01

メーカー部品番号データシート部品情報
logo
Hitachi Semiconductor
HD66712 HITACHI-HD66712 Datasheet
662Kb / 88P
   Dot-Matrix Liquid Crystal Display Controller/Driver
logo
KODENSHI_AUK CORP.
KK44780 KODENSHI-KK44780 Datasheet
366Kb / 10P
   DOT MATRIX LIQUID CRYSTAL DISPLAY CONTROLLER & DRIVER
logo
Hitachi Semiconductor
HD66710 HITACHI-HD66710 Datasheet
507Kb / 73P
   (Dot Matrix Liquid Crystal Display Controller/Driver)
HD44780U HITACHI-HD44780U Datasheet
316Kb / 59P
   Dot Matrix Liquid Crystal Display Controller/Driver
logo
Integral Corp.
IN44780 INTEGRAL-IN44780 Datasheet
345Kb / 10P
   DOT MATRIX LIQUID CRYSTAL DISPLAY CONTROLLER & DRIVER
IZD1520U INTEGRAL-IZD1520U Datasheet
221Kb / 12P
   DOT MATRIX LIQUID CRYSTAL DISPLAY CONTROLLER & DRIVER
logo
Hitachi Semiconductor
HD66780 HITACHI-HD66780 Datasheet
2Mb / 48P
   Dot Matrix Liquid Crystal Display Controller and Driver
HD66717 HITACHI-HD66717 Datasheet
716Kb / 90P
   (Low-Power Dot-Matrix Liquid Crystal Display Controller/Driver)
HD44102 HITACHI-HD44102 Datasheet
911Kb / 22P
   Dot Matrix Liquid Crystal Graphic Display Column Driver)
logo
List of Unclassifed Man...
AX6108 ETC2-AX6108 Datasheet
243Kb / 31P
   Dot Matrix Liquid Crystal Graphic Display Column Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com