データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IZD1520U データシート(PDF) 6 Page - Integral Corp.

部品番号 IZD1520U
部品情報  DOT MATRIX LIQUID CRYSTAL DISPLAY CONTROLLER & DRIVER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTEGRAL [Integral Corp.]
ホームページ  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IZD1520U データシート(HTML) 6 Page - Integral Corp.

Back Button IZD1520U Datasheet HTML 2Page - Integral Corp. IZD1520U Datasheet HTML 3Page - Integral Corp. IZD1520U Datasheet HTML 4Page - Integral Corp. IZD1520U Datasheet HTML 5Page - Integral Corp. IZD1520U Datasheet HTML 6Page - Integral Corp. IZD1520U Datasheet HTML 7Page - Integral Corp. IZD1520U Datasheet HTML 8Page - Integral Corp. IZD1520U Datasheet HTML 9Page - Integral Corp. IZD1520U Datasheet HTML 10Page - Integral Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
IZD1520U
6
Read/Write timing for the 80-port MPU
Characteristic
Symbol
Signal
Condition
Min
Typ
Max
Unit
Address hold time
tAH8
A0, CS
10
ns
Address setup time
tAW8
20
ns
System cycle time
tCYC8
WR, RD
1000
ns
Control pulse width
tCC8
200
ns
Data setup time
tDS8
80
ns
Data hold time
tDH8
10
ns
VDD access time
tACC8
D0
÷ D7
90
ns
Output Disable time
tOH8
CL = 100pF
10
60
ns
Low-level pulsewidth
tWLCL
35
µs
High-level pulsewidth
tWHCL
CL
35
µs
Rise time
tr
30
150
ns
Fall time
tf
30
150
ns
FR delay time
Note 1
tFDR
FR (Input)
-2.0
0.2
2.0
µs
FR delay time
Note 2
tFDR
FR (Input)
0.2
2.0
µs
Read/Write timing for the 68-port MPU
Characteristic
Symbol
Signal
Condition
Min
Typ
Max
Unit
System cycle time
tCYC6
A0
1000
ns
Address setup time
tAW6
R/W
20
ns
Address hold time
tAH6
10
ns
Data setup time
tDS6
80
ns
Data hold time
tDH6
10
ns
Output disable time
tOH6
D0
÷ D7
10
60
ns
Access time
tACC6
CL = 100pF
90
ns
Enable
READ
tEW
E
100
ns
pulse width
WRITE
80
ns
Low-level pulsewidth
tWLCL
35
µs
High-level pulsewidth
tWHCL
CL
35
µs
Rise time
tr
30
150
ns
Fall time
tf
30
150
ns
FR delay time
Note 1
tFDR
FR (Input)
-2.0
0.2
2.0
µs
FR delay time
Note 2
tFDR
FR (Input)
0.2
2.0
µs
* The rating when VSS = -3.0V are approximately 100% higher that when VSS = -5.0V
Notes: 1. The listed input tFDR applies to IZ1520 and IZ1521 in slave mode.
2. The listed input tFDR applies to IZ1520 and IZ1521 in master mode.


同様の部品番号 - IZD1520U

メーカー部品番号データシート部品情報
logo
Integral Corp.
IZD1520 INTEGRAL-IZD1520 Datasheet
153Kb / 13P
   CMOS DOT MATRIX LCD DRIVER
IZD1520AA INTEGRAL-IZD1520AA Datasheet
153Kb / 13P
   CMOS DOT MATRIX LCD DRIVER
IZD1520OA INTEGRAL-IZD1520OA Datasheet
153Kb / 13P
   CMOS DOT MATRIX LCD DRIVER
More results

同様の説明 - IZD1520U

メーカー部品番号データシート部品情報
logo
Hitachi Semiconductor
HD66712 HITACHI-HD66712 Datasheet
662Kb / 88P
   Dot-Matrix Liquid Crystal Display Controller/Driver
logo
KODENSHI_AUK CORP.
KK44780 KODENSHI-KK44780 Datasheet
366Kb / 10P
   DOT MATRIX LIQUID CRYSTAL DISPLAY CONTROLLER & DRIVER
logo
Hitachi Semiconductor
HD66710 HITACHI-HD66710 Datasheet
507Kb / 73P
   (Dot Matrix Liquid Crystal Display Controller/Driver)
logo
Integral Corp.
IN44780U INTEGRAL-IN44780U Datasheet
190Kb / 10P
   DOT MATRIX LIQUID CRYSTAL DISPLAY CONTROLLER & DRIVER
logo
Hitachi Semiconductor
HD44780U HITACHI-HD44780U Datasheet
316Kb / 59P
   Dot Matrix Liquid Crystal Display Controller/Driver
logo
Integral Corp.
IN44780 INTEGRAL-IN44780 Datasheet
345Kb / 10P
   DOT MATRIX LIQUID CRYSTAL DISPLAY CONTROLLER & DRIVER
logo
Hitachi Semiconductor
HD66780 HITACHI-HD66780 Datasheet
2Mb / 48P
   Dot Matrix Liquid Crystal Display Controller and Driver
HD66717 HITACHI-HD66717 Datasheet
716Kb / 90P
   (Low-Power Dot-Matrix Liquid Crystal Display Controller/Driver)
HD44102 HITACHI-HD44102 Datasheet
911Kb / 22P
   Dot Matrix Liquid Crystal Graphic Display Column Driver)
logo
List of Unclassifed Man...
AX6108 ETC2-AX6108 Datasheet
243Kb / 31P
   Dot Matrix Liquid Crystal Graphic Display Column Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com