データシートサーチシステム |
|
IZD1521OA データシート(PDF) 5 Page - Integral Corp. |
|
IZD1521OA データシート(HTML) 5 Page - Integral Corp. |
5 / 13 page CMOS DOT MATRIX LCD DRIVER IZD1520 5 ELECTRICAL CHARACTERISTICS (Ta = 25 oC, VDD = 0V, VSS = -5.0V unless otherwise specified) Characteristic Symbo l Test Condition Applicable Terminals Min Typ Max Unit Operating Recommended -5.5 -5.0 -4.5 Voltage(1) Note 1 VSS VSS -7.0 -2.4 V Recommended V5 V5 -13.0 -3.5 Operating -13.0 V Voltage(2) Permitted V1, V2 V1, V2 0.6 x V5 VDD Permitted V3, V4 V3, V4 V5 0.4xV5 HIGH Input Voltage VIH A0,Di, E, R/W, CS VSS+2.0 VDD V CL, FR, M/S, RES 0.2 x VSS VDD LOW Input Voltage VIL A0, Di, E, R/W, CS VSS VSS+0.8 V CL, FR, M/S, RES VSS 0.8+VSS IOH = -3.0 mA D0 ÷ D7 VSS+2.4 HIGH Output Voltage VOH IOH = -2.0 mA FR VSS+2.4 V IOH = -120 µA OSC2 0.2 x VSS IOL = 3.0 mA D0 ÷ D7 VSS+0.4 LOW Output Voltage VOL IOL = 2.0 mA FR VSS+0.4 V IOL = 120 µA OSC2 0.8xVSS Input Leakage Current ILI A0, E, R/W, CS, CL, M/S, RES -1.0 1.0 µA Output Leakage Current ILO Outputs are high impedance D0 ÷ D7, FR -3.0 3.0 µA LCD Driver ON Resistance RON V5=-5.0V SEG0 ~ SEG79 5.0 7.5 K Ω Note 2 COM0 ~ COM15 Supply Current, Static IDDQ CS = CL = VDD VDD 0.05 1.0 µA During fCL=2kHz Note 3 2.0 5.0 display V5=-5.0V Rf =1M Ω Note 4 VDD 9.5 15.0 µA Supply Current, Dynamic IDD fCL=18KHz Note 5 5.0 10.0 During access fcyc=200KHz 300 500 µA Input Terminal Capacity CIN f = 1 MHz All inputs 5.0 8.0 pF Oscillator Frequency fOSC Rf =1M Ω±2% 15 18 21 KHz Reset Time tR RES 1.0 1000 µs Notes: 1. Operating over the specified voltage range is guaranteed, except where the supply voltage changes suddenly during CPU access. 2. For a voltage differential of 0.1V between input (V1, …, V4) and output (COM, SEC) pins. All voltages within specified operating voltage range. 3. IZD1520AA and IZD1521AA only. Does not include transient currents due to stray and panel capacitances. 4. IZD1521OA only. Does not include transient currents due to stray and panel capacitances. 5. IZD1520OA only. Does not include transient currents due to stray and panel capacitances. |
同様の部品番号 - IZD1521OA |
|
同様の説明 - IZD1521OA |