データシートサーチシステム |
|
MC100EP58DT データシート(PDF) 2 Page - ON Semiconductor |
|
MC100EP58DT データシート(HTML) 2 Page - ON Semiconductor |
2 / 8 page MC10EP58, MC100EP58 http://onsemi.com 2 1 2 3 45 6 7 8 Q VEE VCC Da Q Db SEL NC 1 0 MUX Figure 1. 8–Lead Pinout (Top View) and Logic Diagram PIN DESCRIPTION PIN Da*, Db* ECL Select Inputs FUNCTION ECL Data Inputs TRUTH TABLE SEL H L Data a b SEL* ECL Data Outputs Negative Supply Positive Supply NC VCC VEE No Connect Q, Q * Pins will default LOW when left open. ATTRIBUTES Characteristics Value Internal Input Pulldown Resistor 75 k W Internal Input Pullup Resistor N/A ESD Protection Human Body Model Machine Model Charged Device Model > 4 kV > 200 V > 2 kV Moisture Sensitivity, Indefinite Time Out of Drypack (Note 1.) Level 1 Flammability Rating Oxygen Index UL–94 code V–0 A 1/8” 28 to 34 Transistor Count 41 Devices Meets or exceeds JEDEC Spec EIA/JESD78 IC Latchup Test 1. For additional information, see Application Note AND8003/D. MAXIMUM RATINGS (Note 2.) Symbol Parameter Condition 1 Condition 2 Rating Units VCC PECL Mode Power Supply VEE = 0 V 6 V VEE NECL Mode Power Supply VCC = 0 V –6 V VI PECL Mode Input Voltage VEE = 0 V VI VCC 6 V VI PECL Mode In ut Voltage NECL Mode Input Voltage VEE = 0 V VCC = 0 V VI VCC VI VEE 6 –6 V V Iout Output Current Continuous Surge 50 100 mA mA IBB VBB Sink/Source ± 0.5 mA TA Operating Temperature Range –40 to +85 °C Tstg Storage Temperature Range –65 to +150 °C θJA Thermal Resistance (Junction to Ambient) 0 LFPM 500 LFPM 8 SOIC 8 SOIC 190 130 °C/W °C/W θJC Thermal Resistance (Junction to Case) std bd 8 SOIC 41 to 44 °C/W θJA Thermal Resistance (Junction to Ambient) 0 LFPM 500 LFPM 8 TSSOP 8 TSSOP 185 140 °C/W °C/W θJC Thermal Resistance (Junction to Case) std bd 8 TSSOP 41 to 44 °C/W Tsol Wave Solder <2 to 3 sec @ 248 °C 265 °C 2. Maximum Ratings are those values beyond which device damage may occur. |
同様の部品番号 - MC100EP58DT |
|
同様の説明 - MC100EP58DT |