データシートサーチシステム
Selected language   Japanese  ▼
品番検索
         詳細検索


2SD1752 データシート(Datasheet) 1 Page - Panasonic Semiconductor

部品番号. 2SD1752
部品情報  Silicon NPN epitaxial planar type
ダウンロード  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
メーカー  PANASONIC [Panasonic Semiconductor]
ホームページ  http://www.panasonic.com/industrial/
Logo 

   
 1 page
background image
1
Power Transistors
2SD1752, 2SD1752A
Silicon NPN epitaxial planar type
For power amplification and low-voltage switching
Complementary to 2SB1148 and 2SB1148A
s Features
q
Low collector to emitter saturation voltage VCE(sat)
q
High-speed switching
q
Satisfactory linearity of foward current transfer ratio hFE
q
Large collector current IC
q
I type package enabling direct soldering of the radiating fin to
the printed circuit board, etc. of small electronic equipment.
s Absolute Maximum Ratings (T
C=25˚C)
Parameter
Collector to
base voltage
Collector to
emitter voltage
Emitter to base voltage
Peak collector current
Collector current
Collector power
dissipation
Junction temperature
Storage temperature
Symbol
VCBO
VCEO
VEBO
ICP
IC
PC
Tj
Tstg
Ratings
40
50
20
40
5
20
10
15
1.3
150
–55 to +150
Unit
V
V
V
A
A
W
˚C
˚C
2SD1752
2SD1752A
2SD1752
2SD1752A
TC=25°C
Ta=25
°C
s Electrical Characteristics (T
C=25˚C)
Parameter
Collector cutoff
current
Emitter cutoff current
Collector to emitter
voltage
Forward current transfer ratio
Collector to emitter saturation voltage
Base to emitter saturation voltage
Transition frequency
Collector output capacitance
Turn-on time
Storage time
Fall time
Symbol
ICBO
IEBO
VCEO
hFE1
hFE2
*
VCE(sat)
VBE(sat)
fT
Cob
ton
tstg
tf
Conditions
VCB = 40V, IE = 0
VCB = 50V, IE = 0
VEB = 5V, IC = 0
IC = 10mA, IB = 0
VCE = 2V, IC = 0.1A
VCE = 2V, IC = 3A
IC = 10A, IB = 0.33A
IC = 10A, IB = 0.33A
VCE = 10V, IC = 0.5A, f = 10MHz
VCB = 10V, IE = 0, f = 1MHz
IC = 3A, IB1 = 0.1A, IB2 = – 0.1A,
VCC = 20V
min
20
40
45
90
typ
120
200
0.3
0.4
0.1
max
50
50
50
260
0.6
1.5
Unit
µA
µA
V
V
V
MHz
pF
µs
µs
µs
2SD1752
2SD1752A
2SD1752
2SD1752A
*h
FE2 Rank classification
Rank
Q
P
hFE2
90 to 180
130 to 260
Unit: mm
1:Base
2:Collector
3:Emitter
I Type Package
Unit: mm
1:Base
2:Collector
3:Emitter
I Type Package (Y)
7.0
±0.3
3.0
±0.2
3.5
±0.2
4.6
±0.4
2
13
1.1
±0.1
0.75
±0.1
2.3
±0.2
0.85
±0.1
0.4
±0.1
7.0
±0.3
0.75
±0.1
2.3
±0.2
4.6
±0.4
1.1
±0.1
2.0
±0.2
0.9
±0.1
3.5
±0.2
3.0
±0.2
123
0 to 0.15
0 to 0.15
2.5
0.5 max.




Html ページ

1  2  3 


Datasheet Download



関連電子部品番号

部品番号コンポーネントの説明Html Viewメーカー
XP01211Silicon NPN epitaxial planar type 1 2 3 Panasonic Semiconductor
2SD2051Silicon NPN epitaxial planar type Darlington For low-frequency amplification 1 2 Panasonic Semiconductor
SUR503EFEpitaxial Planar Type NPN Silicon Transistor 1 2 3 AUK corp
2SD2018Silicon NPN epitaxial planar type darlington 1 2 3 Panasonic Semiconductor
2SC5505Silicon NPN epitaxial planar type 1 2 3 Panasonic Semiconductor
2SD2504Silicon NPN epitaxial planar type 1 2 3 Panasonic Semiconductor
UP03390Silicon NPN epitaxial planar type 1 2 3 4 5 Panasonic Semiconductor
XP01554Silicon NPN epitaxial planar type 1 2 3 Panasonic Semiconductor
SUT485JEpitaxial Planar type NPN Silicon Transistor 1 2 3 4 AUK corp

リンク URL

ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ]  

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   ブックマーク   |   リンク交換   |   メーカーリスト
All Rights Reserved© Alldatasheet.com 2003 - 2015    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl