データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TP80C251SB16 データシート(PDF) 3 Page - Intel Corporation

部品番号 TP80C251SB16
部品情報  HIGH-PERFORMANCE CHMOS MICROCONTROLLER
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTEL [Intel Corporation]
ホームページ  http://www.intel.com
Logo INTEL - Intel Corporation

TP80C251SB16 データシート(HTML) 3 Page - Intel Corporation

  TP80C251SB16 Datasheet HTML 1Page - Intel Corporation TP80C251SB16 Datasheet HTML 2Page - Intel Corporation TP80C251SB16 Datasheet HTML 3Page - Intel Corporation TP80C251SB16 Datasheet HTML 4Page - Intel Corporation TP80C251SB16 Datasheet HTML 5Page - Intel Corporation TP80C251SB16 Datasheet HTML 6Page - Intel Corporation TP80C251SB16 Datasheet HTML 7Page - Intel Corporation TP80C251SB16 Datasheet HTML 8Page - Intel Corporation TP80C251SB16 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
PRELIMINARY
3
8XC251SA/SB/SP/SQ HIGH-PERFORMANCE CHMOS MICROCONTROLLER
Figure 1. 8XC251SA/SB/SP/SQ Block Diagram
SRC2 (8)
Code Address (24)
Clock & Reset
Code Bus (16)
Data RAM
512 Bytes
or
1024 Bytes
Code
OTPROM/ROM
8 Kbytes
or
16 Kbytes
Watchdog
Timer
Timer/
Counters
PCA
Serial I/O
Peripherals
Port 2
Drivers
P2.7:0
Port 0
Drivers
P0.7:0
Port 3
Drivers
P3.7:0
Port 1
Drivers
P1.7:0
Memory Address (16)
MCS® 251 Microcontroller Core
System Bus and I/O Ports
I/O Ports and
Peripheral Signals
SRC1 (8)
Peripheral
Interface
Interrupt
Handler
Clock
&
Reset
Bus Interface
Instruction Sequencer
DST (16)
ALU
Data
Memory
Interface
Memory Data (16)
Register
File
8XC251SA/SB/SP/SQ Microcontroller
A4214-01


同様の部品番号 - TP80C251SB16

メーカー部品番号データシート部品情報
logo
Intel Corporation
TP80C32 INTEL-TP80C32 Datasheet
312Kb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
TP80C51FA INTEL-TP80C51FA Datasheet
200Kb / 13P
   EVENT-CONTROL CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
logo
Rochester Electronics
TP80C51FA ROCHESTER-TP80C51FA Datasheet
1,007Kb / 1P
   POWERFUL MICROCONTROLLER from the MCS 51 controller family 40 pin DIP
logo
Intel Corporation
TP80C52 INTEL-TP80C52 Datasheet
312Kb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
TP80C54 INTEL-TP80C54 Datasheet
312Kb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
More results

同様の説明 - TP80C251SB16

メーカー部品番号データシート部品情報
logo
Intel Corporation
8XC151SA INTEL-8XC151SA Datasheet
595Kb / 33P
   HIGH-PERFORMANCE CHMOS MICROCONTROLLER
87C151SB INTEL-87C151SB Datasheet
297Kb / 33P
   HIGH-PERFORMANCE CHMOS MICROCONTROLLER
EE80C251TB24 INTEL-EE80C251TB24 Datasheet
1Mb / 36P
   HIGH-PERFORMANCE CHMOS MICROCONTROLLER
EN80C251TB24 INTEL-EN80C251TB24 Datasheet
1Mb / 36P
   HIGH-PERFORMANCE CHMOS MICROCONTROLLER
8XC251SA INTEL-8XC251SA Datasheet
440Kb / 36P
   HIGH-PERFORMANCE CHMOS MICROCONTROLLER
8XC251TA INTEL-8XC251TA Datasheet
238Kb / 34P
   HIGH-PERFORMANCE CHMOS MICROCONTROLLER
P80C251TB24 INTEL-P80C251TB24 Datasheet
819Kb / 36P
   TQHIGH-PERFORMANCE CHMOS MICROCONTROLLER
M80C196KB INTEL-M80C196KB Datasheet
401Kb / 30P
   16-BIT HIGH PERFORMANCE CHMOS MICROCONTROLLER
N80C251TB24 INTEL-N80C251TB24 Datasheet
1Mb / 36P
   TQHIGH-PERFORMANCE CHMOS MICROCONTROLLER
87C196KC INTEL-87C196KC Datasheet
258Kb / 21P
   16-BIT HIGH-PERFORMANCE CHMOS MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com