データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CXA2660N データシート(PDF) 1 Page - List of Unclassifed Manufacturers

部品番号 CXA2660N
部品情報  Optical Pickup Chipset Achieves the Industrys Fastest CD-R/RW Write Speed
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC1 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC1 - List of Unclassifed Manufacturers

CXA2660N データシート(HTML) 1 Page - List of Unclassifed Manufacturers

  CXA2660N Datasheet HTML 1Page - List of Unclassifed Manufacturers CXA2660N Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VOICE
We had to work around the clock
for each IC in this chip set to cre-
ate this truly “sleepless” optical
pickup chip set, which supports
the industry’s fastest CD-R drives.
We reviewed Sony’s previously
developed technologies down to
the last detail to achieve the high-
est speeds possible. I strongly rec-
ommend that you put this chipset
in your next product’s “laser spot-
light.”
Optical Pickup Chipset Achieves the Industry’s Fastest CD-R/RW Write Speed
CXA2660N/CXA2663N
CXA2652EM/AEM/BEM
The increases in CD-R write speeds have been phenom-
enal and currently rival playback speeds.
Sony has now developed both a photodetector IC (PDIC)
that achieves the industry’s fastest write speed and an IC
that monitors the laser power during write operations by
taking maximum advantage of the process technologies
of which Sony is so proud.
These ICs, which provide the top performance level in
the industry, enable the implementation of CD-R/RW
optical pickups with the industry’s highest write speed.
CXA2660N/CXA2663N
RF/Servo PDIC
s
Supports high-speed CD-R writing
s
Built-in WRF output function: CXA2660N
s
Built-in gain switching function (8 dB): CXA2663N
s
Miniature transparent 14-pin molded package
(Straight lead and surface mounting packages)
CXA2652EM/AEM/BEM
Laser Front Monitor
s
Built-in chip capacitors (1005)
s
Photodetectors in a wide range of sizes
s
Miniature 6-pin side through hole COB package
CXA2660N
The CXA2660N is a photodetector IC
(PDIC) that detects the light reflected from
the disc. This device provides pulse
response characteristics (see table 1) that
allow applications to achieve high-speed
write operations. One feature of this
device is that in addition to an RRF output
pin used for RD signal detection during
playback, it also provides a WRF output
pin used for laser power detection during
writing. To improve the FPC (flexible
printed circuit) transmission characteris-
tics, this device is provided with a limiter
function for amplitude limitation for each
servo signal. It is provided in a miniature
transparent 14-pin molded package (in
both straight lead and surface mounting
versions) and has a structure that can with-
stand reflow soldering (under stipulated
conditions).
CXA2663N
Like the CXA2660N, the CXA2663N is
a PDIC that detects light reflected from
the disc and provides pulse response
characteristics (see table 1) that allow
applications to achieve high-speed write
operations. This device inherits the gain
switching function from the CXA2636N
and CXA2637N, and can both prevent
output voltage saturation during high-
speed writing as well as prevent signal-
to-noise ratio degradation in playback
mode. This device is also provided in a
miniature transparent 14-pin molded pack-
age (in both straight lead and surface
mounting versions) and has a structure that
can withstand reflow soldering (under
stipulated conditions).
CXA2652EM/AEM/BEM
The CXA2652 Series products are photo-
detectors (front monitors) that are used to
monitor the laser power during write op-
erations. Since these devices include a
built-in I-V amplifier, they have a low
output impedance and provide a stable
output. They are provided in a 6-pin side
through hole miniature COB (chip-on-
board) package (3.2 mm
× 4.5 mm). A chip
capacitor (1005) is included within the
package making these devices optimal for
optical pickups, which have limited
mounting space.


同様の部品番号 - CXA2660N

メーカー部品番号データシート部品情報
logo
Sony Corporation
CXA2610AN SONY-CXA2610AN Datasheet
119Kb / 10P
   Laser Driver
CXA2610N SONY-CXA2610N Datasheet
119Kb / 10P
   Laser Driver
CXA2640ER SONY-CXA2640ER Datasheet
171Kb / 17P
   3-Channel 2-LD Driver for Optical Disc Drive
CXA2647 SONY-CXA2647 Datasheet
268Kb / 23P
   RF Signal Processor for CD Players
CXA2647N SONY-CXA2647N Datasheet
268Kb / 23P
   RF Signal Processor for CD Players
More results

同様の説明 - CXA2660N

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
43148 ETC2-43148 Datasheet
38Kb / 1P
   CD-R/RW Media
logo
Sony Corporation
CXA2702GA SONY-CXA2702GA Datasheet
50Kb / 2P
   Optical Pickup Chipset with Photodetector ICs Supports High-Speed Writing to CD and DVD
logo
Roithner LaserTechnik G...
ADL-78901TL ROITHNER-ADL-78901TL Datasheet
347Kb / 2P
   Virtual keyboard CD R/RW
logo
Sony Corporation
CXA2598M SONY-CXA2598M Datasheet
71Kb / 8P
   PDIC for CD-R/RW
logo
Roithner LaserTechnik G...
ADL-78901TX ROITHNER-ADL-78901TX Datasheet
112Kb / 1P
   Virtual keyboard CD R/RW
logo
Sony Corporation
CXA2677 SONY-CXA2677 Datasheet
57Kb / 2P
   Optical Pickup Chipset with CD/DVD Recording Photodetector IC (PDIC) Supports High-Speed Writing to both CD and DVD Media
logo
Cirrus Logic
CL-CR3470 CIRRUS-CL-CR3470 Datasheet
122Kb / 4P
   ATAPI CD-R/RW Encoder/Decoder
July 1998
logo
Rohm
BB6390KU ROHM-BB6390KU Datasheet
178Kb / 6P
   Control IC for CD-R/RW, DVDR/RW, DVD-RAM drive
logo
Samsung semiconductor
MAX-B550 SAMSUNG-MAX-B550 Datasheet
6Mb / 24P
   THREE-CD CHANGER MINI-COMPACT SYSTEM CD-R/RW PLAYBACK
logo
Rohm
BB6381KU ROHM-BB6381KU Datasheet
166Kb / 6P
   Control IC for CD-R/RW drive
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com