データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI1402DH データシート(PDF) 2 Page - Vishay Siliconix

部品番号 SI1402DH
部品情報  N-Channel 30-V (D-S) MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1402DH データシート(HTML) 2 Page - Vishay Siliconix

  SI1402DH Datasheet HTML 1Page - Vishay Siliconix SI1402DH Datasheet HTML 2Page - Vishay Siliconix SI1402DH Datasheet HTML 3Page - Vishay Siliconix SI1402DH Datasheet HTML 4Page - Vishay Siliconix SI1402DH Datasheet HTML 5Page - Vishay Siliconix SI1402DH Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Si1402DH
Vishay Siliconix
New Product
www.vishay.com
2
Document Number: 73328
S-50527—Rev. A, 28-Mar-05
SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 mA
0.6
1.6
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = "12 V
"100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 30 V, VGS = 0 V
1
mA
Zero Gate Voltage Drain Current
IDSS
VDS = 30 V, VGS = 0 V, TJ = 55_C
5
mA
On-State Drain Currenta
ID(on)
VDS w 5 V, VGS = 4.5 V
4
A
Drain-Source On-State Resistancea
rDS(on)
VGS = 4.5 V, ID = 3.0 A
0.064
0.077
W
Drain-Source On-State Resistancea
rDS(on)
VGS = 2.5 V, ID = 2.0 A
0.095
0.120
W
Forward Transconductancea
gfs
VDS = 5 V, ID = 3.0 A
10
S
Diode Forward Voltagea
VSD
IS = 1.05 A, VGS = 0 V
0.80
1.1
V
Dynamicb
Total Gate Charge
Qg
3
4.5
Gate-Source Charge
Qgs
VDS = 15 V, VGS = 4.5 V, ID = 2.0 A
0.6
nC
Gate-Drain Charge
Qgd
1.0
Gate Resistance
Rg
f = 1.0 MHz
2.4
W
Turn-On Delay Time
td(on)
5
8
Rise Time
tr
VDD = 15 V, RL = 15 W
12
23
Turn-Off Delay Time
td(off)
VDD = 15 V, RL = 15 W
ID ^ 1 A, VGEN = 10 V, Rg = 6 W
13
23
ns
Fall Time
tf
7
12
Source-Drain Reverse Recovery Time
trr
IF = 1 05 A di/dt = 100 A/ms
15
25
Reverse Recovery Charge
Qrr
IF = 1.05 A, di/dt = 100 A/ms
7.5
12
nC
Notes
a.
Pulse test; pulse width v 300 ms, duty cycle v 2%.
b.
Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.


同様の部品番号 - SI1402DH

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI1400DL VISHAY-SI1400DL Datasheet
124Kb / 5P
   N-Channel 20-V (D-S) MOSFET
S10-0721-Rev. D, 29-Mar-10
SI1400DL-T1 VISHAY-SI1400DL-T1 Datasheet
124Kb / 5P
   N-Channel 20-V (D-S) MOSFET
S10-0721-Rev. D, 29-Mar-10
SI1400DL-T1-E3 VISHAY-SI1400DL-T1-E3 Datasheet
124Kb / 5P
   N-Channel 20-V (D-S) MOSFET
S10-0721-Rev. D, 29-Mar-10
logo
VBsemi Electronics Co.,...
SI1400DL-T1-GE3 VBSEMI-SI1400DL-T1-GE3 Datasheet
1,009Kb / 8P
   N-Channel 30 V (D-S) MOSFET
logo
Vishay Siliconix
SI1400DL VISHAY-SI1400DL_15 Datasheet
244Kb / 10P
   N-Channel 20 V (D-S) MOSFET
Rev. D, 29-Mar-10
More results

同様の説明 - SI1402DH

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI3456DV VISHAY-SI3456DV Datasheet
61Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 23-Nov-98
SUU50N03-12P VISHAY-SUU50N03-12P Datasheet
60Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 15-Sep-03
SI4894DY VISHAY-SI4894DY Datasheet
129Kb / 3P
   N-Channel 30-V (D-S) MOSFET
17-May-04
SI4406DY VISHAY-SI4406DY Datasheet
38Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. C, 26-May-03
SI7380DP VISHAY-SI7380DP Datasheet
180Kb / 3P
   N-Channel 30-V (D-S) MOSFET
24-May-04
SI733ADP VISHAY-SI733ADP Datasheet
61Kb / 5P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 25-Oct-04
SI4892DY VISHAY-SI4892DY Datasheet
71Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. F, 01-Aug-05
logo
Vaishali Semiconductor
SI4356ADY VAISH-SI4356ADY Datasheet
143Kb / 3P
   N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SIRA00DP VISHAY-SIRA00DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA04DP VISHAY-SIRA04DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA14DP VISHAY-SIRA14DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 12-Mar-12
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com