データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD8008 データシート(PDF) 3 Page - Analog Devices

部品番号 AD8008
部品情報  ULTRALOW DISTORTION HIGH SPEED AMPLIFIERS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD8008 データシート(HTML) 3 Page - Analog Devices

  AD8008 Datasheet HTML 1Page - Analog Devices AD8008 Datasheet HTML 2Page - Analog Devices AD8008 Datasheet HTML 3Page - Analog Devices AD8008 Datasheet HTML 4Page - Analog Devices AD8008 Datasheet HTML 5Page - Analog Devices AD8008 Datasheet HTML 6Page - Analog Devices AD8008 Datasheet HTML 7Page - Analog Devices AD8008 Datasheet HTML 8Page - Analog Devices AD8008 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
REV. C
AD8007/AD8008
–3–
VS = +5 V (@ T
A = 25 C, RS = 200
, RL = 150
, RF = 499
, Gain = +2, unless otherwise noted.)
AD8007/AD8008
Parameter
Conditions
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
–3 dB Bandwidth
G = +1, VO = 0.2 V p-p, RL = 1 k
520
580
MHz
G = +1, VO = 0.2 V p-p, RL = 150
350
490
MHz
G = +2, VO = 0.2 V p-p, RL = 150
190
260
MHz
G = +1, VO = 1 V p-p, RL = 1 k
270
320
MHz
Bandwidth for 0.1 dB Flatness
Vo = 0.2 V p-p, G = +2, RL = 150
72
120
MHz
Overdrive Recovery Time
2.5 V Input Step, G = +2, RL = 1 k
30
ns
Slew Rate
G = +1, VO = 2 V Step
665
740
V/
µs
Settling Time to 0.1%
G = +2, VO = 2 V Step
18
ns
Settling Time to 0.01%
G = +2, VO = 2 V Step
35
ns
NOISE/HARMONIC PERFORMANCE
Second Harmonic
fC = 5 MHz, VO = 1 V p-p
–96/–95
dBc
fC = 20 MHz, VO = 1 V p-p
–83/–80
dBc
Third Harmonic
fC = 5 MHz, VO = 1 V p-p
–100
dBc
fC = 20 MHz, VO = 1 V p-p
–85/–88
dBc
IMD
fC = 19.5 MHz to 20.5 MHz, RL = 1 k
Ω,
–89/–87
dBc
VO = 1 V p-p
Third Order Intercept
fC = 5 MHz, RL = 1 k
43.0
dBm
fC = 20 MHz, RL = 1 k
42.5/41.5
dBm
Crosstalk (AD8008)
Output to Output f = 5 MHz, G = +2
–68
dB
Input Voltage Noise
f = 100 kHz
2.7
nV/
√Hz
Input Current Noise
–Input, f = 100 kHz
22.5
pA/
√Hz
+Input, f = 100 kHz
2
pA/
√Hz
DC PERFORMANCE
Input Offset Voltage
0.5
4
mV
Input Offset Voltage Drift
3
µV/°C
Input Bias Current
+Input
4
8
µA
–Input
0.7
6
µA
Input Bias Current Drift
+Input
15
nA/
°C
–Input
8
nA/
°C
Transimpedance
VO = 1.5 V to 3.5 V, RL = 1 k
0.5
1.3
M
RL = 150
0.4
0.6
M
INPUT CHARACTERISTICS
Input Resistance
+Input
4
M
Input Capacitance
+Input
1
pF
Input Common-Mode Voltage Range
1.1 to 3.9
V
Common-Mode Rejection Ratio
VCM = 1.75 V to 3.25 V
54
56
dB
OUTPUT CHARACTERISTICS
Output Saturation Voltage
VCC – VOH, VOL – VEE, RL = 1 k
1.05
1.15
V
Short Circuit Current, Source
70
mA
Short Circuit Current, Sink
50
mA
Capacitive Load Drive
30% Overshoot
8
pF
POWER SUPPLY
Operating Range
5
12
V
Quiescent Current per Amplifier
8.1
9
mA
Power Supply Rejection Ratio
+PSRR
59
62
dB
–PSRR
59
63
dB


同様の部品番号 - AD8008

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8008 AD-AD8008 Datasheet
423Kb / 20P
   Ultralow Distortion High Speed Amplifiers
REV. D
AD8008 AD-AD8008 Datasheet
535Kb / 21P
   Ultralow Distortion,High Speed Amplifiers
Rev. E
AD8008AR AD-AD8008AR Datasheet
423Kb / 20P
   Ultralow Distortion High Speed Amplifiers
REV. D
AD8008AR AD-AD8008AR Datasheet
535Kb / 21P
   Ultralow Distortion,High Speed Amplifiers
Rev. E
AD8008AR-REEL AD-AD8008AR-REEL Datasheet
423Kb / 20P
   Ultralow Distortion High Speed Amplifiers
REV. D
More results

同様の説明 - AD8008

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8007 AD-AD8007_03 Datasheet
423Kb / 20P
   Ultralow Distortion High Speed Amplifiers
REV. D
AD8008 AD-AD8008_15 Datasheet
587Kb / 21P
   Ultralow Distortion, High Speed Amplifiers
Rev. E
AD8007 AD-AD8007_15 Datasheet
587Kb / 21P
   Ultralow Distortion, High Speed Amplifiers
Rev. E
AD8007ARZR7 AD-AD8007ARZR7 Datasheet
535Kb / 21P
   Ultralow Distortion,High Speed Amplifiers
Rev. E
AD8099 AD-AD8099_15 Datasheet
811Kb / 29P
   Ultralow Distortion, High Speed
REV. D
logo
Texas Instruments
THS4011 TI1-THS4011_16 Datasheet
1Mb / 35P
[Old version datasheet]   290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
THS4012CDGNR TI-THS4012CDGNR Datasheet
1Mb / 35P
[Old version datasheet]   290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
THS4011 TI-THS4011 Datasheet
439Kb / 30P
[Old version datasheet]   290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
THS4011IDGNR TI-THS4011IDGNR Datasheet
1Mb / 35P
[Old version datasheet]   290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
logo
National Semiconductor ...
THS4011 NSC-THS4011 Datasheet
1Mb / 36P
   290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com