データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74VCX16373DTR データシート(PDF) 3 Page - ON Semiconductor

部品番号 74VCX16373DTR
部品情報  Low-Voltage 1.8/2.5/3.3V 16-Bit Transparent Latch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74VCX16373DTR データシート(HTML) 3 Page - ON Semiconductor

  74VCX16373DTR Datasheet HTML 1Page - ON Semiconductor 74VCX16373DTR Datasheet HTML 2Page - ON Semiconductor 74VCX16373DTR Datasheet HTML 3Page - ON Semiconductor 74VCX16373DTR Datasheet HTML 4Page - ON Semiconductor 74VCX16373DTR Datasheet HTML 5Page - ON Semiconductor 74VCX16373DTR Datasheet HTML 6Page - ON Semiconductor 74VCX16373DTR Datasheet HTML 7Page - ON Semiconductor 74VCX16373DTR Datasheet HTML 8Page - ON Semiconductor 74VCX16373DTR Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
74VCX16373
http://onsemi.com
3
TRUTH TABLE
Inputs
Outputs
Inputs
Outputs
LE1
OE1
D0:7
O0:7
LE2
OE2
D8:15
O8:15
X
H
X
Z
X
H
X
Z
H
L
L
L
H
L
L
L
H
L
H
H
H
L
H
H
L.
L
X
O0
L
L
X
O0
H = High Voltage Level
L = Low Voltage Level
Z = High Impedance State
X = High or Low Voltage Level and Transitions Are Acceptable, for ICC reasons, DO NOT FLOAT Inputs
O0 = No Change
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Condition
Unit
VCC
DC Supply Voltage
−0.5 to +4.6
V
VI
DC Input Voltage
−0.5
≤ VI ≤ +4.6
V
VO
DC Output Voltage
−0.5
≤ VO ≤ +4.6
Output in 3−State
V
−0.5
≤ VO ≤ VCC + 0.5
Note 1; Outputs Active
IIK
DC Input Diode Current
−50
VI < GND
mA
IOK
DC Output Diode Current
−50
VO < GND
mA
+50
VO > VCC
IO
DC Output Source/Sink Current
±50
mA
ICC
DC Supply Current Per Supply Pin
±100
mA
IGND
DC Ground Current Per Ground Pin
±100
mA
TSTG
Storage Temperature Range
−65 to +150
°C
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.
1. IO absolute maximum rating must be observed.
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Typ
Max
Unit
VCC
Supply Voltage
Operating
Data Retention Only
1.65
1.2
3.3
3.3
3.6
3.6
V
VI
Input Voltage
−0.3
3.6
V
VO
Output Voltage
(Active State)
(3−State)
0
0
VCC
3.6
V
IOH
HIGH Level Output Current, VCC = 3.0 V − 3.6 V
−24
mA
IOL
LOW Level Output Current, VCC = 3.0 V − 3.6 V
24
mA
IOH
HIGH Level Output Current, VCC = 2.3 V − 2.7 V
−18
mA
IOL
LOW Level Output Current, VCC = 2.3 V − 2.7 V
18
mA
IOH
HIGH Level Output Current, VCC = 1.65 V − 1.95 V
−6
mA
IOL
LOW Level Output Current, VCC = 1.65 V − 1.95 V
6
mA
TA
Operating Free−Air Temperature
−40
+85
°C
Dt/DV
Input Transition Rise or Fall Rate, VIN from 0.8 V to 2.0 V, VCC = 3.0 V
0
10
ns/V


同様の部品番号 - 74VCX16373DTR

メーカー部品番号データシート部品情報
logo
ON Semiconductor
74VCX16373DTR ONSEMI-74VCX16373DTR Datasheet
234Kb / 10P
   Low?뭋oltage 1.8/2.5/3.3V 16?묪it Transparent Latch
June, 2006 ??Rev. 6
More results

同様の説明 - 74VCX16373DTR

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MC74VCX16373 MOTOROLA-MC74VCX16373 Datasheet
141Kb / 8P
   LOW-VOLTAGE 1.8/2.5/3.3V 16-BIT TRANSPARENT LATCH
logo
ON Semiconductor
74VCX16373 ONSEMI-74VCX16373_06 Datasheet
234Kb / 10P
   Low?뭋oltage 1.8/2.5/3.3V 16?묪it Transparent Latch
June, 2006 ??Rev. 6
74ALVCH16373 ONSEMI-74ALVCH16373 Datasheet
143Kb / 12P
   LOW-VOLTAGE 16-BIT TRANSPARENT LATCH WITH BUS HOLD 1.8/2.5/3.3 V
September, 2002 ??Rev. 1
74VCXH16245 ONSEMI-74VCXH16245 Datasheet
91Kb / 8P
   Low-Voltage 1.8/2.5/3.3V 16-Bit Transceiver
May, 2004 ??Rev. 3
logo
Motorola, Inc
MC74VCX16244 MOTOROLA-MC74VCX16244 Datasheet
134Kb / 8P
   LOW-VOLTAGE 1.8/2.5/3.3V 16-BIT BUFFER
MC74VCX16245 MOTOROLA-MC74VCX16245 Datasheet
137Kb / 8P
   LOW-VOLTAGE 1.8/2.5/3.3V 16-BIT TRANSCEIVER
logo
ON Semiconductor
74LCX162373 ONSEMI-74LCX162373 Datasheet
239Kb / 12P
   Low Voltage 16-Bit Transparent Latch
Revised May 2005
74VCX16373 ONSEMI-74VCX16373_18 Datasheet
237Kb / 12P
   Low Voltage 16-Bit Transparent Latch
Revised June 2005
74VCX162373 ONSEMI-74VCX162373 Datasheet
262Kb / 10P
   Low Voltage 16-Bit Transparent Latch
Revised June 2005
74VCXH16373 ONSEMI-74VCXH16373 Datasheet
246Kb / 11P
   Low?뭋oltage 1.8/2.5/3.3 V 16?묪it Transparent Latch
June, 2006 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com