データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

8TWS08STRL データシート(PDF) 2 Page - International Rectifier

部品番号 8TWS08STRL
部品情報  PHASE CONTROL SCR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IRF [International Rectifier]
ホームページ  http://www.irf.com
Logo IRF - International Rectifier

8TWS08STRL データシート(HTML) 2 Page - International Rectifier

  8TWS08STRL Datasheet HTML 1Page - International Rectifier 8TWS08STRL Datasheet HTML 2Page - International Rectifier 8TWS08STRL Datasheet HTML 3Page - International Rectifier 8TWS08STRL Datasheet HTML 4Page - International Rectifier 8TWS08STRL Datasheet HTML 5Page - International Rectifier 8TWS08STRL Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
8TWS..S
SAFEIR Series
Preliminary Data Sheet I2132 rev. C 10/99
Voltage Ratings
Part Number
V
RRM
/ V
DRM
, max. repetitive
V
RSM
, maximum non repetitive
I
RRM
/ I
DRM
peak and off-state voltage
peak reverse voltage
125°C
VV
mA
8TWS04S
400
500
5
8TWS06S
600
700
8TWS08S
800
900
I
T(AV)
Max.Average On-state Current
8
A
@ T
C
=95°C,180°conductionhalfsinewave
I
RMS
Max. RMS On-state Current
1 2
I
TSM
Max. Peak One Cycle
100
10msSinepulse,ratedVRRMapplied,T
J
= 125°C
Non-Repetitive Surge Current
120
10msSine pulse,novoltagereapplied,T
J
= 125°C
I
2t
Max. I
2t for fusing
45
A
2s
10msSinepulse,ratedV
RRM
applied,T
J
= 125°C
70
10msSinepulse,novoltagereapplied`T
J
= 125°C
I
2√t
Max. I
2√t for fusing
700
A
2√s
t = 0.1 to 10ms, no voltage reapplied
V
TM
Max.On-stateVoltageDrop
1.2
V
@ 8A, T
J
= 25°C
r
t
On-state slope resistance
2724
m
T
J
= 125°C
VT(TO)
Threshold Voltage
1.011
V
I
RM
/ I
DM
Max.Reverse and Direct
0.05
mA
T
J
= 25 °C
Leakage Current
5
TJ = 125 °C
I
H
Max. Holding Current
85
mA
Anode Supply = 6V, Resistive load, Initial I
T
=1A
I
L
Max.LatchingCurrent
75
mA
Anode Supply = 6V, Resistive load
dv/dt
Max. rate of rise of off-state Voltage
200
V/µs
di/dt
Max. rate of rise of turned-on Current
150
A/µs
Absolute Maximum Ratings
Parameters
8TWS..S
Units
Conditions
V
R
= rated V
RRM
/ V
DRM


同様の説明 - 8TWS08STRL

メーカー部品番号データシート部品情報
logo
International Rectifier
70TPS12 IRF-70TPS12 Datasheet
135Kb / 7P
   PHASE CONTROL SCR
logo
Powerex Power Semicondu...
T9G01000A POWEREX-T9G01000A_13 Datasheet
508Kb / 4P
   Phase Control SCR
T720 POWEREX-T720_13 Datasheet
736Kb / 4P
   Phase Control SCR
logo
International Rectifier
40TPS16 IRF-40TPS16 Datasheet
171Kb / 7P
   PHASE CONTROL SCR
logo
Powerex Power Semicondu...
T620 POWEREX-T620_13 Datasheet
752Kb / 4P
   Phase Control SCR
logo
International Rectifier
16S IRF-16S Datasheet
251Kb / 6P
   PHASE CONTROL SCR
logo
New Jersey Semi-Conduct...
2N3884 NJSEMI-2N3884 Datasheet
427Kb / 4P
   PHASE CONTROL SCR
logo
International Rectifier
12TTS08 IRF-12TTS08 Datasheet
83Kb / 7P
   PHASE CONTROL SCR
25TTS12PBF IRF-25TTS12PBF Datasheet
181Kb / 7P
   PHASE CONTROL SCR
logo
Powerex Power Semicondu...
T7H8650A POWEREX-T7H8650A Datasheet
153Kb / 4P
   Phase Control SCR
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com