データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

8TWS04STRR データシート(PDF) 1 Page - International Rectifier

部品番号 8TWS04STRR
部品情報  PHASE CONTROL SCR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IRF [International Rectifier]
ホームページ  http://www.irf.com
Logo IRF - International Rectifier

8TWS04STRR データシート(HTML) 1 Page - International Rectifier

  8TWS04STRR Datasheet HTML 1Page - International Rectifier 8TWS04STRR Datasheet HTML 2Page - International Rectifier 8TWS04STRR Datasheet HTML 3Page - International Rectifier 8TWS04STRR Datasheet HTML 4Page - International Rectifier 8TWS04STRR Datasheet HTML 5Page - International Rectifier 8TWS04STRR Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PHASE CONTROL SCR
1
Preliminary Data Sheet I2132 rev. C 10/99
V
T
< 1.2 V @ 8A
I
TSM
= 120A
V
R / VD = up to 800V
SAFEIR Series
8TWS..S
Major Ratings and Characteristics
I
T(AV)
Sinusoidalwaveform
8
A
I
RMS
12
A
V
RRM /
V
DRM
upto800
V
I
TSM
120
A
V
T
@ 8 A, T
J
= 25°C
1.2
V
dv/dt
200
V/µs
di/dt
150
A/µs
T
J
- 40 to 125
°C
Characteristics
8TWS..S
Units
TO-252AA (D-Pak )
Description/Features
The 8TWS..S
SAFEIR new series of silicon
controlled rectifiers in D-Pak, are specifically
designed for low power switching and phase
control applications. The glass passivation
technology used has reliable operation up to
125°C junction temperature.
Typical applications are in input rectification
(soft start), AC switches, Motor Control and
Crow-Bar. These products are designed to be
used with International Rectifier input diodes,
switches and output rectifiers which are avail-
able in identical package outlines.
Package Outline


同様の説明 - 8TWS04STRR

メーカー部品番号データシート部品情報
logo
International Rectifier
70TPS12 IRF-70TPS12 Datasheet
135Kb / 7P
   PHASE CONTROL SCR
logo
Powerex Power Semicondu...
T9G01000A POWEREX-T9G01000A_13 Datasheet
508Kb / 4P
   Phase Control SCR
T720 POWEREX-T720_13 Datasheet
736Kb / 4P
   Phase Control SCR
logo
International Rectifier
40TPS16 IRF-40TPS16 Datasheet
171Kb / 7P
   PHASE CONTROL SCR
logo
Powerex Power Semicondu...
T620 POWEREX-T620_13 Datasheet
752Kb / 4P
   Phase Control SCR
logo
International Rectifier
16S IRF-16S Datasheet
251Kb / 6P
   PHASE CONTROL SCR
logo
New Jersey Semi-Conduct...
2N3884 NJSEMI-2N3884 Datasheet
427Kb / 4P
   PHASE CONTROL SCR
logo
International Rectifier
12TTS08 IRF-12TTS08 Datasheet
83Kb / 7P
   PHASE CONTROL SCR
25TTS12PBF IRF-25TTS12PBF Datasheet
181Kb / 7P
   PHASE CONTROL SCR
logo
Powerex Power Semicondu...
T7H8650A POWEREX-T7H8650A Datasheet
153Kb / 4P
   Phase Control SCR
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com