データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC13109AFB データシート(PDF) 9 Page - Motorola, Inc

部品番号 MC13109AFB
部品情報  UNIVERSAL CORDLESS TELEPHONE SUBSYSTEM IC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOTOROLA [Motorola, Inc]
ホームページ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC13109AFB データシート(HTML) 9 Page - Motorola, Inc

Back Button MC13109AFB Datasheet HTML 5Page - Motorola, Inc MC13109AFB Datasheet HTML 6Page - Motorola, Inc MC13109AFB Datasheet HTML 7Page - Motorola, Inc MC13109AFB Datasheet HTML 8Page - Motorola, Inc MC13109AFB Datasheet HTML 9Page - Motorola, Inc MC13109AFB Datasheet HTML 10Page - Motorola, Inc MC13109AFB Datasheet HTML 11Page - Motorola, Inc MC13109AFB Datasheet HTML 12Page - Motorola, Inc MC13109AFB Datasheet HTML 13Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
MC13109A
9
MOTOROLA RF/IF DEVICE DATA
ELECTRICAL CHARACTERISTICS (continued)
Compressor/ALC/Tx Mute/Limiter
The compressor analog gound is set to the half supply
reference so the input and output swing capability will
increase as the supply voltage increases. The “C In” input is
ac coupled. The ALC (Automatic Level Control) provides a
soft limit to the output signal swing as the input voltage
increases slowly (i.e., a sine wave is maintained). The Limiter
circuit limits rapidly changing signal levels by clipping the
signal peaks. The ALC and/or Limiter can be disabled
through the MPU serial interface.
(Test Conditions: VCC = 2.6 V, fin = 1.0 kHz, TA = 25°C.)
Characteristic
Condition
Input
Pin
Measure
Pin
Symbol
Min
Typ
Max
Unit
Compressor 0 dB Gain
Level
Vin = –10 dBV, ALC
disabled, Limiter
disabled
C In
Lim Out
G
–3.0
–0.06
3.0
dB
Compressor Gain
Tracking
Vin = –30 dBV, Output
Relative to G
C In
Lim Out
Gt
–11
–10.12
–9.0
dB
Vin = –50 dBV, Output
Relative to G
–23
–20.16
–17
Maximum Compressor
Gain
Vin –70 dBV
C In
Lim Out
AVmax
29
dB
Total Harmonic
Distortion
Vin –10 dBV, ALC
disabled, Limiter
disabled
C In
Lim Out
THD
0.5
%
Input Impedance
C In
Lim Out
Zin
16
k
Attack Time
Ccap = 1.0 µF,
Rfilt = 20 kΩ
(see Appendix B)
C In
Lim Out
ta
3.0
ms
Release Time
Ccap = 1.0 µF,
Rfilt = 20 kΩ
(see Appendix B)
C In
Lim Out
tr
13.5
ms
Expander to
Compressor Crosstalk
V (C In) = 0 Vrms,
Vin = –10 dBV
Rx
Audio In
Lim Out
CT
–43.6
dB
Tx Data Mute
Vin = –10 dBV, ALC
disabled
No popping detectable
during Rx Mute
transitions
C In
Lim Out
Me
–76
dB
ALC Dynamic Range
C In
Lim Out
DR
–18 to 2.5
dBV
ALC Output Level
Vin = –18 dBV
C In
Lim Out
ALCout
–16
dBV
Vin = –2.5 dBV
–11.4
Limiter Output Level
ALC disabled
C In
Tx Out
Vlim
0.8
Vpp


同様の部品番号 - MC13109AFB

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MC13109 MOTOROLA-MC13109 Datasheet
381Kb / 28P
   Universal Cordless Telephone Subsystem IC
MC13109FB MOTOROLA-MC13109FB Datasheet
381Kb / 28P
   Universal Cordless Telephone Subsystem IC
MC13109FTA MOTOROLA-MC13109FTA Datasheet
381Kb / 28P
   Universal Cordless Telephone Subsystem IC
More results

同様の説明 - MC13109AFB

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MC13109 MOTOROLA-MC13109 Datasheet
381Kb / 28P
   Universal Cordless Telephone Subsystem IC
MC13110A MOTOROLA-MC13110A Datasheet
1Mb / 68P
   UNIVERSAL CORDLESS TELEPHONE SUBSYSTEM IC
logo
List of Unclassifed Man...
PCT14 ETC1-PCT14 Datasheet
396Kb / 11P
   Cordless Telephone Handest Subsystem
logo
Motorola, Inc
MC34016 MOTOROLA-MC34016 Datasheet
301Kb / 16P
   Cordless Universal Telephone Interface
logo
NXP Semiconductors
UAA2062 PHILIPS-UAA2062 Datasheet
170Kb / 40P
   Analog cordless telephone IC
2000 Aug 10
logo
Panasonic Semiconductor
AN6167S PANASONIC-AN6167S Datasheet
46Kb / 3P
   Cordless Telephone Speech Network IC
AN6166NK PANASONIC-AN6166NK Datasheet
221Kb / 4P
   Cordless Telephone Speech Network IC
logo
ATMEL Corporation
U3600BM ATMEL-U3600BM Datasheet
709Kb / 43P
   SINGLE CHIP CORDLESS TELEPHONE IC
logo
Toshiba Semiconductor
TA31101P TOSHIBA-TA31101P Datasheet
712Kb / 12P
   COMPANDER IC FOR CORDLESS TELEPHONE
logo
ATMEL Corporation
U3600BM ATMEL-U3600BM_05 Datasheet
738Kb / 44P
   Single-chip Cordless Telephone IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com