データシートサーチシステム |
|
TD62001AFG データシート(PDF) 4 Page - Toshiba Semiconductor |
|
TD62001AFG データシート(HTML) 4 Page - Toshiba Semiconductor |
4 / 13 page TD62001~004APG/AFG 2002-12-11 4 Electrical Characteristics (Ta = 25°C unless otherwise noted) Characteristics Symbol Test Circuit Test Condition Min Typ. Max Unit VCE = 50 V, Ta = 25°C ― ― 50 Ooutput leakage current ICEX 1 VCE = 50 V, Ta = 85°C ― ― 100 mA IOUT = 350 mA, IIN = 500 mA ― 1.3 1.6 IOUT = 200 mA, IIN = 350 mA ― 1.1 1.3 Collector−emitter saturation voltage VCE (sat) 2 IOUT = 100 mA, IIN = 250 mA ― 0.9 1.1 V DC current transfer ratio hFE 2 VCE = 2 V, IOUT = 350 mA 1000 ― ― TD62002 VIN = 20 V, IOUT = 350 mA ― 1.1 1.7 TD62003 VIN = 2.4 V, IOUT = 350 mA ― 0.4 0.7 Input current (output on) TD62004 IIN (ON) 3 VIN = 9.5 V, IOUT = 350 mA ― 0.8 1.2 mA Input current (output off) IIN (OFF) 4 IOUT = 500 mA, Ta = 85°C 50 65 ― mA IOUT = 350 mA ― ― 13.7 TD62002 IOUT = 200 mA ― ― 11.4 IOUT = 350 mA ― ― 2.6 TD62003 IOUT = 200 mA ― ― 2.0 IOUT = 350 mA ― ― 4.7 Input voltage (output on) TD62004 VIN (ON) 5 VCE = 2 V hFE = 800 IOUT = 200 mA ― ― 4.4 V VR = 50 V, Ta = 25°C ― ― 50 Clamp diode reverse current IR 6 VR = 50 V, Ta = 85°C ― ― 100 mA Clamp diode forward voltage VF 7 IF = 350 mA ― ― 2.0 V Input capacitance CIN ― ― 15 ― pF Turn−on delay tON 8 VOUT = 50 V, RL = 125 W CL = 15 pF ― 0.1 ― Turn−off delay tOFF 8 VOUT = 50 V, RL = 125 W CL = 15 pF ― 0.2 ― ms |
同様の部品番号 - TD62001AFG |
|
同様の説明 - TD62001AFG |