データシートサーチシステム |
|
LM105H データシート(PDF) 1 Page - National Semiconductor (TI) |
|
|
LM105H データシート(HTML) 1 Page - National Semiconductor (TI) |
1 / 8 page TLH7755 January 1995 LM105LM205LM305LM305A LM376 Voltage Regulators General Description The LM105 series are positive voltage regulators similar to the LM100 except that an extra gain stage has been added for improved regulation A redesign of the biasing circuitry removes any minimum load current requirement and at the same time reduces standby current drain permitting higher voltage operation They are direct plug-in replacements for the LM100 in both linear and switching regulator circuits with output voltages greater than 45V Important character- istics of the circuits are Y Output voltage adjustable from 45V to 40V Y Output currents in excess of 10A possible by adding external transistors Y Load regulation better than 01% full load with current limiting Y DC line regulation guaranteed at 003%V Y Ripple rejection on 001%V Y 45 mA output current without external pass transistor (LM305A) Like the LM100 they also feature fast response to both load and line transients freedom from oscillations with varying resistive and reactive loads and the ability to start reliably on any load within rating The circuits are built on a single sili- con chip and are supplied in a TO-99 metal can The LM105 is specified for operation for b55 C s TA s a 125 C and the LM305LM305A is specified for 0 C s TA s a 70 C Schematic and Connection Diagrams TLH7755 – 1 Metal Can Package TLH7755 – 3 Top View Order Number LM105H LM105H883 SMD 5962-8958801 LM305H or LM305AH See NS Package Number H08C C1995 National Semiconductor Corporation RRD-B30M115Printed in U S A |
同様の部品番号 - LM105H |
|
同様の説明 - LM105H |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |