データシートサーチシステム |
|
STUSB02EQR データシート(PDF) 8 Page - STMicroelectronics |
|
STUSB02EQR データシート(HTML) 8 Page - STMicroelectronics |
8 / 20 page 4 Electrical Characteristics STUSB02E 8/20 Table 8. ESD Performance Table 9. DC Electrical Characteristics (Transceiver) (VIF = 3.6V, VBUS = 5V unless otherwise noted; TA = 25°C, specifications over temperature, -40 to 85°C) Table 10. DC Electrical Characteristics (Transceiver) (VIF = 3.6V, VBUS = 5V unless otherwise noted; TA = 25°C) (3) Pins D+, D- Symbol Parameter Test Conditions Min. Typ. Max. Unit ESD IEC-1000-4-2 (D+, D-) Air Discharge (10 pulses) ± 8 KV Contact Discharge (10 pulses) ± 6 IEC-1000-4-2 (VBUS only) Air Discharge (10 pulses) ± 5 Contact Discharge (10 pulses) ± 5 Symbol Parameter Test Conditions Min. Typ. Max. Unit ILO Hi-Z State Data Line Leakage (Suspend Mode) VI = 0 to 3.3 V, SUS = 1 -10 10 µA VDI Differential Input Sensitivity |(D+) - (D-)| 0.2 V VCM Differential Common Mode Range Includes VDI range 0.8 2.5 V VSE Single Ended Receiver Threshold 0.8 2.0 V VRHYS Receiver Hysteresis VCM = 0.8 V 100 mV VOL Static Output Low RL = 1.5 KΩ at 3.6V (see test circuit) 0.3 V VOH Static Output High RL = 15 KΩ at GND (see test circuit) 2.8 3.6 V CI Transceiver Capacitance Pin to GND 25 pF ZDRV Driver Output Resistance Steady state drive 9 22 W Symbol Parameter Test Conditions Min. Typ. Max. Unit ILO Hi-Z State Data Line Leakage (Suspend Mode) VI = 0 to 3.3 V, SUS = 1 -2 2 µA VDI Differential Input Sensitivity |(D+) - (D-)| 0.2 V VCM Differential Common Mode Range Includes VDI range 0.8 2.5 V VSE Single Ended Receiver Threshold 0.8 2 V VRHYS Receiver Hysteresis VCM = 0.8 V 50 mV VOL Static Output Low RL = 1.5 KΩ at 3.6V (see Test Circuits) 0.3 V VOH Static Output High RL = 15 KΩ at GND (see Test Circuits) 2.8 3.6 V CI Transceiver Capacitance (3) Pin to GND 25 pF ZDRV Driver Output Resistance Steady state drive 16 W |
同様の部品番号 - STUSB02EQR |
|
同様の説明 - STUSB02EQR |