データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

8XC51FA データシート(PDF) 9 Page - NXP Semiconductors

部品番号 8XC51FA
部品情報  80C51 8-bit microcontroller family 8K-4K/256-1K OTP/ROM/ROMless, low voltage (2.7V-5.5V), low power, high speed (33 MHz)
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

8XC51FA データシート(HTML) 9 Page - NXP Semiconductors

Back Button 8XC51FA Datasheet HTML 5Page - NXP Semiconductors 8XC51FA Datasheet HTML 6Page - NXP Semiconductors 8XC51FA Datasheet HTML 7Page - NXP Semiconductors 8XC51FA Datasheet HTML 8Page - NXP Semiconductors 8XC51FA Datasheet HTML 9Page - NXP Semiconductors 8XC51FA Datasheet HTML 10Page - NXP Semiconductors 8XC51FA Datasheet HTML 11Page - NXP Semiconductors 8XC51FA Datasheet HTML 12Page - NXP Semiconductors 8XC51FA Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 56 page
background image
87C51RA+/RB+/RC+/RD+ AND 80C51RA+ ORDERING INFORMATION
MEMORY SIZE
8K
× 8
MEMORY SIZE
16K
× 8
MEMORY SIZE
32K
× 8
MEMORY SIZE
64K
× 8
ROMless
TEMPERATURE RANGE
°C
AND PACKAGE
VOLTAGE
RANGE
FREQ.
(MHz)
DWG.
#
ROM
P83C51RA+4N
P83C51RB+4N
P83C51RC+4N
P83C51RD+4N
P80C51RA+4N
0 to +70,
2 7Vto5 5V
0to16
SOT129 1
OTP
P87C51RA+4N
P87C51RB+4N
P87C51RC+4N
P87C51RD+4N
P80C51RA+4N
,
40-Pin Plastic Dual In-line Pkg.
2.7V to 5.5V
0 to 16
SOT129-1
ROM
P83C51RA+4A
P83C51RB+4A
P83C51RC+4A
P83C51RD+4A
P80C51RA+4A
0 to +70,
2 7Vto5 5V
0to16
SOT187 2
OTP
P87C51RA+4A
P87C51RB+4A
P87C51RC+4A
P87C51RD+4A
P80C51RA+4A
,
44-Pin Plastic Leaded Chip Carrier
2.7V to 5.5V
0 to 16
SOT187-2
ROM
P83C51RA+4B
P83C51RB+4B
P83C51RC+4B
P83C51RD+4B
P80C51RA+4B
0 to +70,
2 7Vto5 5V
0to16
SOT307 2
OTP
P87C51RA+4B
P87C51RB+4B
P87C51RC+4B
P87C51RD+4B
P80C51RA+4B
,
44-Pin Plastic Quad Flat Pack
2.7V to 5.5V
0 to 16
SOT307-2
ROM
P83C51RA+5N
P83C51RB+5N
P83C51RC+5N
P83C51RD+5N
P80C51RA+5N
–40 to +85,
2 7Vto5 5V
0to16
SOT129 1
OTP
P87C51RA+5N
P87C51RB+5N
P87C51RC+5N
P87C51RD+5N
P80C51RA+5N
,
40-Pin Plastic Dual In-line Pkg.
2.7V to 5.5V
0 to 16
SOT129-1
ROM
P83C51RA+5A
P83C51RB+5A
P83C51RC+5A
P83C51RD+5A
P80C51RA+5A
–40 to +85,
2 7Vto5 5V
0to16
SOT187 2
OTP
P87C51RA+5A
P87C51RB+5A
P87C51RC+5A
P87C51RD+5A
P80C51RA+5A
,
44-Pin Plastic Leaded Chip Carrier
2.7V to 5.5V
0 to 16
SOT187-2
ROM
P83C51RA+5B
P83C51RB+5B
P83C51RC+5B
P83C51RD+5B
P80C51RA+5B
–40 to +85,
2 7Vto5 5V
0to16
SOT307 2
OTP
P87C51RA+5B
P87C51RB+5B
P87C51RC+5B
P87C51RD+5B
P80C51RA+5B
,
44-Pin Plastic Quad Flat Pack
2.7V to 5.5V
0 to 16
SOT307-2
ROM
P83C51RA+IN
P83C51RB+IN
P83C51RC+IN
P83C51RD+IN
P80C51RA+IN
0 to +70,
5V
0to33
SOT129 1
OTP
P87C51RA+IN
P87C51RB+IN
P87C51RC+IN
P87C51RD+IN
P80C51RA+IN
,
40-Pin Plastic Dual In-line Pkg.
5V
0 to 33
SOT129-1
ROM
P83C51RA+IA
P83C51RB+IA
P83C51RC+IA
P83C51RD+IA
P80C51RA+IA
0 to +70,
5V
0to33
SOT187 2
OTP
P87C51RA+IA
P87C51RB+IA
P87C51RC+IA
P87C51RD+IA
P80C51RA+IA
,
44-Pin Plastic Leaded Chip Carrier
5V
0 to 33
SOT187-2
ROM
P83C51RA+IB
P83C51RB+IB
P83C51RC+IB
P83C51RD+IB
P80C51RA+IB
0 to +70,
5V
0to33
SOT307 2
OTP
P87C51RA+IB
P87C51RB+IB
P87C51RC+IB
P87C51RD+IB
P80C51RA+IB
,
44-Pin Plastic Quad Flat Pack
5V
0 to 33
SOT307-2
ROM
P83C51RA+JN
P83C51RB+JN
P83C51RC+JN
P83C51RD+JN
P80C51RA+JN
–40 to +85,
5V
0to33
SOT129 1
OTP
P87C51RA+JN
P87C51RB+JN
P87C51RC+JN
P87C51RD+JN
P80C51RA+JN
,
40-Pin Plastic Dual In-line Pkg.
5V
0 to 33
SOT129-1
ROM
P83C51RA+JA
P83C51RB+JA
P83C51RC+JA
P83C51RD+JA
P80C51RA+JA
–40 to +85,
5V
0to33
SOT187 2
OTP
P87C51RA+JA
P87C51RB+JA
P87C51RC+JA
P87C51RD+JA
P80C51RA+JA
,
44-Pin Plastic Leaded Chip Carrier
5V
0 to 33
SOT187-2
ROM
P83C51RA+JB
P83C51RB+JB
P83C51RC+JB
P83C51RD+JB
P80C51RA+JB
–40 to +85,
5V
0to33
SOT307-2
OTP
P87C51RA+JB
P87C51RB+JB
P87C51RC+JB
P87C51RD+JB
P80C51RA+JB
,
44-Pin Plastic Quad Flat Pack
5V
0 to 33
SOT307-2
Note: For Multi Time Programmable devices, See P89C51RX+ Flash datasheet.


同様の部品番号 - 8XC51FA

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
8XC51FA PHILIPS-8XC51FA Datasheet
348Kb / 55P
   8-bit CMOS (low voltage, low power and high speed) microcontroller families
1999 Apr 01
More results

同様の説明 - 8XC51FA

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
8XC54_51FX_51RX PHILIPS-8XC54_51FX_51RX_15 Datasheet
371Kb / 56P
   80C51 8-bit microcontroller family 8K??4K/256??K OTP/ROM/ROMless, low voltage (2.7V??.5V), low power, high speed (33 MHz)
2000 Aug 07
80C51 PHILIPS-80C51 Datasheet
350Kb / 38P
   80C51 8-bit microcontroller family 4K/128 OTP/ROM/ROMless low voltage 2.7V.5.5V, low power, high speed 33 MHz
2000 Jan 20
P87C51X2BBD157 PHILIPS-P87C51X2BBD157 Datasheet
409Kb / 62P
   80C51 8-bit microcontroller family 4K/8K/16K/32K ROM/OTP, low voltage (2.7 to 5.5 V), low power, high speed (30/33 MHz)
2003 Jan 24
80C451 PHILIPS-80C451 Datasheet
162Kb / 22P
   80C51 8-bit microcontroller family 4K/128 OTP/ROM/ROMless, expanded I/O
1998 May 01
83C453 PHILIPS-83C453 Datasheet
188Kb / 26P
   80C51 8-bit microcontroller family 8K/256 OTP/ROM, expanded I/O
1998 Apr 23
87C750 PHILIPS-87C750 Datasheet
137Kb / 16P
   80C51 8-bit microcontroller family 1K/64 OTP ROM, low pin count
1998 May 01
80C575 PHILIPS-80C575 Datasheet
383Kb / 40P
   80C51 8-bit microcontroller family 8K/256 OTP/ROM/ROMless, 4 comparator, failure detect circuitry, watchdog timer
1998 May 01
83C750 PHILIPS-83C750 Datasheet
158Kb / 16P
   80C51 8-bit microcontroller family 1K/64 OTP ROM, low pin count
1998 May 01
80C31X2 PHILIPS-80C31X2 Datasheet
380Kb / 62P
   80C51 8-bit microcontroller family 4K/8K/16K/32K ROM/OTP 128B/256B RAM low voltage 2.7 to 5.5 V, low power, high speed 30/33 MHz
2003 Jan 24
P80C31X2 NXP-P80C31X2 Datasheet
408Kb / 62P
   80C51 8-bit microcontroller family 4K/8K/16K/32K ROM/OTP 128B/256B RAM low voltage (2.7 to 5.5 V), low power, high speed (30/33 MHz)
2003 Jan 24
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com