データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC3564CM-70U データシート(PDF) 4 Page - Sanyo Semicon Device

部品番号 LC3564CM-70U
部品情報  64K (8192-word x 8-bit) SRAM with OE, CE1, and CE2 Control Pins
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC3564CM-70U データシート(HTML) 4 Page - Sanyo Semicon Device

  LC3564CM-70U Datasheet HTML 1Page - Sanyo Semicon Device LC3564CM-70U Datasheet HTML 2Page - Sanyo Semicon Device LC3564CM-70U Datasheet HTML 3Page - Sanyo Semicon Device LC3564CM-70U Datasheet HTML 4Page - Sanyo Semicon Device LC3564CM-70U Datasheet HTML 5Page - Sanyo Semicon Device LC3564CM-70U Datasheet HTML 6Page - Sanyo Semicon Device LC3564CM-70U Datasheet HTML 7Page - Sanyo Semicon Device LC3564CM-70U Datasheet HTML 8Page - Sanyo Semicon Device LC3564CM-70U Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
No. 6635-4/11
LC3564CM, CT-55U/70U
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VCC max
7.0
V
Input voltage
VIN
–0.3* to VCC + 0.3
V
I/O voltage
VI/O
–0.3 to VCC + 0.3
V
Operating temperature
Topr
–40 to +85
°C
Storage temperature
Tstg
–55 to +125
°C
Specifications
Absolute Maximum Ratings at Ta = 25°C
Note: For pulse widths less than 30 ns: –3.0 V
Note: These parameters are sampled, and are not measured for every unit.
Note: For pulse widths less than 30 ns: –3.0 V
Note *: Reference values at VCC = 5 V, Ta = 25°C
[5-V Operation]
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
I/O pin capacitance
CI/O
VI/O = 0 V
6
10
pF
Input pin capacitance
CIN
VIN = 0 V
6
10
pF
Input and Output Capacitances at Ta = 25°C, f = 1 MHz
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Supply voltage
VCC
4.5
5.0
5.5
V
Input voltage
VIH
2.2
VCC + 0.3
V
VIL
–0.3*
+0.8
V
DC Allowable Operating Ranges at Ta = –40 to +85°C, VCC = 4.5 to 5.5 V
Parameter
Symbol
Conditions
Ratings
Unit
min
typ *
max
Input leakage current
ILI
VIN = 0 to VCC
–1.0
+1.0
µA
I/O leakage current
ILO
VCE1 = VIH or VCE2 = VIL or VOE = VIH or
–1.0
+1.0
µA
VWE = VIL, VI/O = 0 to VCC
Output high-level voltage
VOH
IOH = –1.0 mA
2.4
V
Output low-level voltage
VOL
IOL = 2.0 mA
0.4
V
VCE1 ≤ 0.2 V, VCE2 ≥ VCC – 0.2 V,
Ta
≤ 70°C
0.01
1.0
µA
ICCA1
II/O = 0 mA, VIN ≤ 0.2 V or
VCC – 0.2 V/0.2 V
VIN ≥ VCC – 0.2 V
Ta
≤ 85°C
3.0
inputs
min
LC3564CM, CT-55U
45
ICCA4
cycle
LC3564CM, CT-70U
35
mA
1 µs cycle
4
Operating supply current
ICCA2
VCE1 = VIL, VCE2 = VIH, II/O = 0 mA,
7
mA
VIN = VIH or VIL
TTL inputs
min
LC3564CM, CT-55U
45
ICCA3
cycle
LC3564CM, CT-70U
40
mA
1 µs cycle
7
Standby mode supply
VCC – 0.2 V/0.2 V
VCE2 ≤ 0.2 V or
Ta
≤ 70°C
0.01
1.0
µA
current
inputs
ICCS1
VCE1 ≥ VCC – 0.2 V
VCE2 ≥ VCC – 0.2 V
Ta
≤ 85°C
3.0
TTL inputs
ICC2
VCE2 = VIL or VCE1 = VIH, VIN = 0 to VCC
2.0
mA
DC Electrical Characteristics at Ta = –40 to +85°C, VCC = 4.5 to 5.5 V
VCE1 ≤ 0.2 V,
VCE2 ≥ VCC – 0.2 V,
II/O = 0 mA,
DUTY = 100%
VCE1 = VIL,
VCE2 = VIH,
II/O = 0 mA,
DUTY = 100%


同様の部品番号 - LC3564CM-70U

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC3564B SANYO-LC3564B Datasheet
137Kb / 9P
   64K (8192-word 쨈 8-bit) SRAM with OE, CE1, and CE2 Control Pins
LC3564BM SANYO-LC3564BM Datasheet
137Kb / 9P
   64K (8192-word 쨈 8-bit) SRAM with OE, CE1, and CE2 Control Pins
LC3564BS SANYO-LC3564BS Datasheet
137Kb / 9P
   64K (8192-word 쨈 8-bit) SRAM with OE, CE1, and CE2 Control Pins
LC3564BT SANYO-LC3564BT Datasheet
137Kb / 9P
   64K (8192-word 쨈 8-bit) SRAM with OE, CE1, and CE2 Control Pins
LC3564BT-10 SANYO-LC3564BT-10 Datasheet
137Kb / 9P
   64K (8192-word 쨈 8-bit) SRAM with OE, CE1, and CE2 Control Pins
More results

同様の説明 - LC3564CM-70U

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC3564B SANYO-LC3564B Datasheet
137Kb / 9P
   64K (8192-word 쨈 8-bit) SRAM with OE, CE1, and CE2 Control Pins
LC35256D-10 SANYO-LC35256D-10 Datasheet
108Kb / 8P
   Dual Control Pins: OE and CE 256K (32768-word X 8-bit) SRAM
LC3564S SANYO-LC3564S Datasheet
239Kb / 10P
   64K (8192 words x 8 bits) SRAM?
LC3564RM SANYO-LC3564RM Datasheet
442Kb / 10P
   64K (8192 words x 8 bits) SRAM
LC35W256EM SANYO-LC35W256EM Datasheet
46Kb / 6P
   256K (32K words x 8 bits) SRAM Control pins: OE and CE
LC35V256EM SANYO-LC35V256EM Datasheet
46Kb / 6P
   256K (32K words x 8 bits) SRAM Control pins: OE and CE
LC35256FT SANYO-LC35256FT Datasheet
60Kb / 7P
   256K (32768 words X 8 bits) SRAM Control Pins: OE and CE
LC35256A SANYO-LC35256A Datasheet
181Kb / 8P
   256 K (32768 words X 8 bits) SRAM with OE and CE control Pins
LC35256AM SANYO-LC35256AM Datasheet
174Kb / 7P
   256 K (32768 words X 8 bits) SRAM with OE and CE control Pins?
LC35256FM SANYO-LC35256FM Datasheet
49Kb / 7P
   256K (32768 words 8 bits) SRAM Control Pins: OE and CE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com