データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM211-Q1 データシート(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM211-Q1
部品情報  DIFFERENTIAL COMPARATOR WITH STROBES
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LM211-Q1 データシート(HTML) 11 Page - Texas Instruments

Back Button LM211-Q1 Datasheet HTML 7Page - Texas Instruments LM211-Q1 Datasheet HTML 8Page - Texas Instruments LM211-Q1 Datasheet HTML 9Page - Texas Instruments LM211-Q1 Datasheet HTML 10Page - Texas Instruments LM211-Q1 Datasheet HTML 11Page - Texas Instruments LM211-Q1 Datasheet HTML 12Page - Texas Instruments LM211-Q1 Datasheet HTML 13Page - Texas Instruments LM211-Q1 Datasheet HTML 14Page - Texas Instruments LM211-Q1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
LM211Q1
DIFFERENTIAL COMPARATOR WITH STROBES
SLCS143 − APRIL 2004
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
† Resistor values shown are for a 0- to 30-V logic swing and a 15-V threshold.
‡ May be added to control speed and reduce susceptibility to noise spikes
5 V
1 k
240 k
82 k
47 k
82 k
Output to TTL
Input†
Figure 15. TTL Interface With High-Level Logic
Figure 16. Detector for Magnetic Transducer
5 V
2 k
4.5 k
1 k
Magnetic
Transducer
Output
to TTL
Figure 17. 100-kHz Crystal Oscillator
0.1
µF
50 k
VCC+
2 k
100 k
100 k
100 kHz
Output
10 pF


同様の部品番号 - LM211-Q1

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM211-Q1 TI1-LM211-Q1 Datasheet
354Kb / 21P
[Old version datasheet]   DIFFERENTIAL COMPARATOR WITH STROBES
LM211-Q1 TI1-LM211-Q1_14 Datasheet
354Kb / 21P
[Old version datasheet]   DIFFERENTIAL COMPARATOR WITH STROBES
More results

同様の説明 - LM211-Q1

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM211-EP TI1-LM211-EP Datasheet
597Kb / 22P
[Old version datasheet]   DIFFERENTIAL COMPARATOR WITH STROBES
LM211-Q1 TI1-LM211-Q1_14 Datasheet
354Kb / 21P
[Old version datasheet]   DIFFERENTIAL COMPARATOR WITH STROBES
LM211-EP TI1-LM211-EP_14 Datasheet
820Kb / 24P
[Old version datasheet]   DIFFERENTIAL COMPARATOR WITH STROBES
LM211-EP TI1-LM211-EP_16 Datasheet
820Kb / 23P
[Old version datasheet]   DIFFERENTIAL COMPARATOR WITH STROBES
LM211P TI1-LM211P Datasheet
1Mb / 31P
[Old version datasheet]   DIFFERENTIAL COMPARATORS WITH STROBES
LM111 TI1-LM111_14 Datasheet
1Mb / 32P
[Old version datasheet]   DIFFERENTIAL COMPARATORS WITH STROBES
LM111 TI-LM111 Datasheet
506Kb / 25P
[Old version datasheet]   DIFFERENTIAL COMPARATORS WITH STROBES
LM111_1003 TI-LM111_1003 Datasheet
653Kb / 28P
[Old version datasheet]   DIFFERENTIAL COMPARATORS WITH STROBES
LP211 TI-LP211_06 Datasheet
240Kb / 11P
[Old version datasheet]   LOW-POWER DIFFERENTIAL COMPARATORS WITH STROBES
LP211 TI1-LP211_14 Datasheet
829Kb / 14P
[Old version datasheet]   LOW-POWER DIFFERENTIAL COMPARATORS WITH STROBES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com