データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDS3012B データシート(PDF) 7 Page - List of Unclassifed Manufacturers

部品番号 TDS3012B
部品情報  DIGITAL PHOSPHOR OSCILLOSCOPES
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC1 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC1 - List of Unclassifed Manufacturers

TDS3012B データシート(HTML) 7 Page - List of Unclassifed Manufacturers

  TDS3012B Datasheet HTML 1Page - List of Unclassifed Manufacturers TDS3012B Datasheet HTML 2Page - List of Unclassifed Manufacturers TDS3012B Datasheet HTML 3Page - List of Unclassifed Manufacturers TDS3012B Datasheet HTML 4Page - List of Unclassifed Manufacturers TDS3012B Datasheet HTML 5Page - List of Unclassifed Manufacturers TDS3012B Datasheet HTML 6Page - List of Unclassifed Manufacturers TDS3012B Datasheet HTML 7Page - List of Unclassifed Manufacturers TDS3012B Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Digital Phosphor Oscilloscopes • www.tektronix.com/tds3000b
7
Digital Phosphor Oscilloscopes
TDS3012B • TDS3014B • TDS3024B • TDS3032B • TDS3034B • TDS3044B • TDS3052B • TDS3054B • TDS3064B
WaveStarTM Software for Oscilloscopes –
Microsoft Windows 98/ME/2000/NT 4.0 Application.
TDS3BATB – Lithium Ion battery pack for up to 3
hours continuous operation without line power.
TDS3CHG – Fast charger for battery pack.
TDS3PRT – Plug-in printer adds easy, portable
documentation capability to your TDS3000B
oscilloscope.
016-1907-00 – 5-roll pack of paper for TDS3PRT
plug-in thermal printer.
AC3000 – Soft case for carrying instrument.
HCTEK321 – Hard plastic case for carrying instrument.
RM3000 – Rackmount kit.
Service Manual (TDS3000B Series) –
English only (071-0972-00).
TNGTDS01 – Self-paced self-study operator
training kit.
For customer training on this product outside the
U.S. call 1-503-627-7510, inside the U.S. call
1-800-833-9200 ext. 77510.
Recommended Probes
ADA400A – 100X, 10X, 1X, 0.1X high gain
differential amplifier.
P6243 – 1 GHz,
≤1 pF input C 10x active probe.
P5205 – 1.3 kV, 100 MHz high voltage
differential probe.
P5210 – 5.6 kV, 50 MHz high voltage
differential probe.
P5100 – 2.5 kV, 100X high voltage passive probe.
TCP202 – 50 MHz, 15 A AC/DC current probe.
TCP303*3 – 15 MHz, 150 A current probe.
TCP305*3 – 50 MHz, 50 A current probe.
TCP312*3 – 100 MHz, 30 A current probe.
TCPA300 – 100 MHz probe amplifier.
TCP404XL*4 – 2 MHz, 500 A current probe.
TCPA400 – 50 MHz probe amplifier.
International Power Plugs
Opt. A0 – North America power.
Opt. A1 – Universal EURO power.
Opt. A2 – United Kingdom power.
Opt. A3 – Australia power.
Opt. A5 – Switzerland power.
Opt. A6 – Japan power.
Opt. A10 – China power.
Opt. A99 – No power cord.
*3 Requires TCPA300 probe amplifier.
*4 Requires TCPA400 probe amplifier.
Language Options
(includes front panel overlay)
Opt. L0 – English.
Opt. L1 – French.
Opt. L2 – Italian.
Opt. L3 – German.
Opt. L4 – Spanish.
Opt. L5 – Japanese.
Opt. L6 – Portuguese.
Opt. L7 – Simplified Chinese.
Opt. L8 – Traditional Chinese.
Opt. L9 – Korean.
Opt. LR – Russian.
Opt. L99 – No Manual.
Service
Opt. C3 – Calibration Service 3 Years.
Opt. C5 – Calibration Service 5 Years.
Opt. D1 – Calibration Data Report.
Opt. D3 – Calibration Data Report 3 Years
(with Option C3).
Opt. D5 – Calibration Data Report 5 Years
(with Option C5).
Opt. R5 – Repair Service 5 Years.
Warranty
Three year warranty covering all labor and parts,
excluding probes.
TDS3BATB – Lithium Ion battery pack
delivers up to 3 hours continuous operation
without line power.
TDS3PRT – Plug-in printer provides instant,
portable documentation of your work.
Tektronix probes are expressly designed for
your oscilloscope, with identical quality
standards and built-in compatibility for
optimum performance.


同様の部品番号 - TDS3012B

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
TDS3012C ETC2-TDS3012C Datasheet
919Kb / 14P
   Digital Phosphor Oscilloscopes
logo
TEKTRONIX, INC.
TDS3012C TEKTRONIX-TDS3012C Datasheet
711Kb / 12P
   Digital Phosphor Oscilloscopes
More results

同様の説明 - TDS3012B

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
TDS7000B ETC-TDS7000B Datasheet
191Kb / 12P
   Digital Phosphor Oscilloscopes
logo
TEKTRONIX, INC.
DPO7000C TEKTRONIX-DPO7000C Datasheet
3Mb / 28P
   Digital Phosphor Oscilloscopes
logo
List of Unclassifed Man...
TDS3000C ETC2-TDS3000C Datasheet
919Kb / 14P
   Digital Phosphor Oscilloscopes
TDS5000B ETC1-TDS5000B Datasheet
167Kb / 12P
   Digital Phosphor Oscilloscopes
logo
TEKTRONIX, INC.
TDS3000C TEKTRONIX-TDS3000C Datasheet
711Kb / 12P
   Digital Phosphor Oscilloscopes
logo
List of Unclassifed Man...
TBS1000 ETC2-TBS1000 Datasheet
1Mb / 12P
   Digital Storage Oscilloscopes
2550SERIES ETC2-2550SERIES Datasheet
379Kb / 6P
   Digital Storage Oscilloscopes
logo
TEKTRONIX, INC.
TDS2000C TEKTRONIX-TDS2000C Datasheet
930Kb / 10P
   Digital Storage Oscilloscopes
logo
Keysight Technologies
U1604B KEYSIGHT-U1604B Datasheet
498Kb / 12P
   Handheld Digital Oscilloscopes
logo
List of Unclassifed Man...
TPS2000B ETC2-TPS2000B Datasheet
873Kb / 14P
   Digital Storage Oscilloscopes
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com