データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

H06 データシート(PDF) 10 Page - NXP Semiconductors

部品番号 H06
部品情報  Inverter with open-drain outputs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

H06 データシート(HTML) 10 Page - NXP Semiconductors

Back Button H06 Datasheet HTML 6Page - NXP Semiconductors H06 Datasheet HTML 7Page - NXP Semiconductors H06 Datasheet HTML 8Page - NXP Semiconductors H06 Datasheet HTML 9Page - NXP Semiconductors H06 Datasheet HTML 10Page - NXP Semiconductors H06 Datasheet HTML 11Page - NXP Semiconductors H06 Datasheet HTML 12Page - NXP Semiconductors H06 Datasheet HTML 13Page - NXP Semiconductors H06 Datasheet HTML 14Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
2003 Dec 02
10
Philips Semiconductors
Product specification
Inverter with open-drain outputs
74HC3G06; 74HCT3G06
handbook, full pagewidth
open
GND
50 pF
VCC
VCC
VI
VO
MNA742
D.U.T.
CL =
RT
RL =
1 k
PULSE
GENERATOR
S1
Fig.6 Load circuitry for switching times.
Definitions for test circuit:
RL = Load resistor.
CL = Load capacitance including jig and probe capacitance.
RT = Termination resistance should be equal to the output impedance Zo of the pulse generator.
TEST
S1
tPLH/tPHL
VCC
tPLZ/tPZL
VCC


同様の部品番号 - H06

メーカー部品番号データシート部品情報
logo
Dielectric Laboratories...
H060XHXS DILABS-H060XHXS Datasheet
255Kb / 2P
   6GHz Surface Mount Highpass Filter
logo
Knowles Electronics
H060XHXS KNOWLES-H060XHXS Datasheet
255Kb / 2P
   6GHz Surface Mount Highpass Filter
logo
Productwell Precision E...
H06C PRODUCTWELL-H06C Datasheet
113Kb / 1P
   CARRON FILM TRIMMER POTENTIOMETER
H06CH1 PRODUCTWELL-H06CH1 Datasheet
151Kb / 1P
   CARRON FILM TRIMMER POTENTIOMETER
H06CV1 PRODUCTWELL-H06CV1 Datasheet
152Kb / 1P
   CARRON FILM TRIMMER POTENTIOMETER
More results

同様の説明 - H06

メーカー部品番号データシート部品情報
logo
Unisonic Technologies
U74HCT3G06 UTC-U74HCT3G06 Datasheet
184Kb / 4P
   INVERTER WITH OPEN-DRAIN OUTPUTS
logo
ON Semiconductor
NL17SZ06 ONSEMI-NL17SZ06_12 Datasheet
107Kb / 6P
   Single Inverter with Open Drain Outputs
April, 2012 ??Rev. 7
logo
NXP Semiconductors
74HC_HCT3G06 PHILIPS-74HC_HCT3G06_15 Datasheet
182Kb / 14P
   Triple inverter with open-drain outputs
Rev. 4-19 December 2013
logo
ON Semiconductor
NL17SZ05 ONSEMI-NL17SZ05 Datasheet
104Kb / 5P
   Single Inverter with Open Drain Outputs
November, 2013 ??Rev. P0
MC74HC05A ONSEMI-MC74HC05A Datasheet
157Kb / 7P
   Hex Inverter with Open Drain Outputs
November, 2009 ??Rev. 0
NL27WZ06 ONSEMI-NL27WZ06_12 Datasheet
127Kb / 7P
   Dual Inverter with Open Drain Outputs
April, 2012 ??Rev. 9
logo
Nexperia B.V. All right...
74LVC06A-Q100 NEXPERIA-74LVC06A-Q100 Datasheet
223Kb / 12P
   Hex inverter with open-drain outputs
logo
Diodes Incorporated
74LVC3G06 DIODES-74LVC3G06 Datasheet
546Kb / 8P
   TRIPLE INVERTER WITH OPEN DRAIN OUTPUTS
November 2022 Rev. 1 - 2
logo
ON Semiconductor
NL37WZ06 ONSEMI-NL37WZ06 Datasheet
88Kb / 8P
   Triple Inverter with Open Drain Outputs
August, 2003 ??Rev. 2
logo
KODENSHI_AUK CORP.
KK74HC05A KODENSHI-KK74HC05A Datasheet
286Kb / 6P
   Hex Inverter with Open-Drain Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com