データシートサーチシステム
Selected language   Japanese  ▼
品番検索
         詳細検索


AN5790N データシート(Datasheet) 1 Page - Panasonic Semiconductor

部品番号. AN5790N
部品情報  Horizontal Signal Processing ICs for CRT Display
ダウンロード  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
メーカー  PANASONIC [Panasonic Semiconductor]
ホームページ  http://www.panasonic.com/industrial/
Logo 

   
 1 page
background image
ICs for TV
s Overview
The AN5790N and AN5792 are the intergrated circuits
designed for CRT display horizontal signal processing cir-
cuits.
s Features
Horizontal synchronous signal is available in both polar-
ities.
Wide range of horizontal osciallation frequency : 14kHz
to 60kHz.
Output pulse width : 2µs to 40µs
Package
AN5790N...NF-12S(12-Pin SIL plastic package)
AN5792...F-12S (12-Pin SIL plastic package with fin)
AN5790N, AN5792
Horizontal Signal Processing ICs for CRT Display
1
2
3
4
5
6
7
8
9
10
11
12
1.7
±0.25
7.9
±0.3
3.5
±0.25
1.2
±0.25
0.45 + 0.1
– 0.05
1.7
±0.25
Unit : mm
12-Pin SIL Plastic Package (12-SIP)
AN5790N
6
5
8
7
10
9
11
12
4
3
2
1
VCC
GND
Polarity
Switch
X-ray
Protector
Pre-Amp.
AFC
Hor. Osc.
PulseWidth
Adjustment
s Block Diagram
1
2
3
4
5
6
7
8
9
10
11
12
5.8
±0.25
7.9
±0.3
3.5
±0.25
1.2
±0.25
1.7
±0.25
AN5792
12-Pin SIL Plastic Package with Fin (12-SIF (f))
Unit : mm




Html ページ

1  2  3  4 


Datasheet Download



関連電子部品番号

部品番号コンポーネントの説明Html Viewメーカー
AN5635NCHROMINANCE SIGNAL PROCESSING ICS FOR SECAM SYSTEM COLOR TV 1 2 3 4 Panasonic Semiconductor
AN5612Video Signal Chrominance Signal Processing ICs for Color TV 1 2 3 Panasonic Semiconductor
AN5795NKDeflection Signal Processing IC for CRT 1 2 3 Panasonic Semiconductor
NTE2354Silicon NPN Transistor High Voltage Horizontal Output for High Definition CRT 1 2 NTE Electronics
2SC3591High-Definition CRT Display Horizontal Deflection Output Applications     1 2 3 Sanyo Semicon Device
2SD1908CRT Display Horizontal Deflection Output Applications 1 2 3 Sanyo Semicon Device
TS7990Ultrahigh-Definition CRT Display Horizontal Deflection Output Applications 1 2 3 Sanyo Semicon Device
TT2062ULTRAHIGH-DEFINITION CRT DISPLAY HORIZONTAL DEFLECTION OUTPUT APPLICATIONS 1 2 3 4 Sanyo Semicon Device
MD2009DFXHigh voltage NPN Power transistor for standard definition CRT display 1 2 3 4 5 MoreSTMicroelectronics

リンク URL

ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ]  

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   ブックマーク   |   リンク交換   |   メーカーリスト
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl