データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM101A データシート(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 LM101A
部品情報  SINGLE OPERATIONAL AMPLIFIER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM101A データシート(HTML) 5 Page - National Semiconductor (TI)

  LM101A Datasheet HTML 1Page - National Semiconductor (TI) LM101A Datasheet HTML 2Page - National Semiconductor (TI) LM101A Datasheet HTML 3Page - National Semiconductor (TI) LM101A Datasheet HTML 4Page - National Semiconductor (TI) LM101A Datasheet HTML 5Page - National Semiconductor (TI) LM101A Datasheet HTML 6Page - National Semiconductor (TI) LM101A Datasheet HTML 7Page - National Semiconductor (TI) LM101A Datasheet HTML 8Page - National Semiconductor (TI) LM101A Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
MRLM101A-X-RH REV 1B2
MICROCIRCUIT DATA SHEET
Electrical Characteristics
DC PARAMETERS: See NOTE 3(Continued)
(The following conditions apply to all the following parameters, unless otherwise specified.)
DC:
+Vcc = +20V, Vcm = 0V, Rs = 50 ohms
SYMBOL
PARAMETER
CONDITIONS
NOTES
PIN-
NAME
MIN
MAX
UNIT
SUB-
GROUPS
Iib-
Input Bias
Current
+Vcc = 35V, -Vcc = -5V, Vcm = -15V,
Rs = 100K Ohms
-0.1
75
nA
1, 2
-0.1
100
nA
3
+Vcc = 5V, -Vcc = -35V, Vcm = +15V,
Rs = 100K Ohms
-0.1
75
nA
1, 2
-0.1
100
nA
3
Vcm = 0V, Rs = 100K Ohms
-0.1
75
nA
1, 2
-0.1
100
nA
3
+Vcc = 5V, -Vcc = -5V, Vcm = 0V,
Rs = 100K Ohms
-0.1
75
nA
1, 2
-0.1
100
nA
3
+PSRR
Power Supply
Rejection Ratio
+Vcc = 10V, -Vcc = -20V
-50
+50
uV/V
1
-100
+100
uV/V
2, 3
-PSRR
Power Supply
Rejection Ratio
+Vcc = 20V, -Vcc = -10V
-50
+50
uV/V
1
-100
+100
uV/V
2, 3
CMRR
Common Mode
Rejection Ratio
Vcc = +35V to +5V, Vcm = +15V
80
dB
1, 2,
3
VioADJ(+)
Adjustment for
Input Offset
Voltage
4
mV
1, 2,
3
VioADJ(-)
Adjustment for
Input Offset
Voltage
-4
mV
1, 2,
3
Ios+
Output Short
Circuit Current
+Vcc = 15V, -Vcc = -15V, t < 25mS,
Vcm = -15V
-60
mA
1, 2,
3
Ios-
Output Short
Circuit Current
+Vcc = 15V, -Vcc = -15V, t <25mS,
Vcm = +15V
+60
mA
1, 2,
3
Icc
Power Supply
Current
+Vcc = 15V, -Vcc = -15V
3
mA
1
2.32
mA
2
3.5
mA
3
Delta
Vio/Delta
T
Temperature
Coefficient of
Input Offset
Voltage
+25 C < TA < +125 C
1
-15
+15
uV/ C 2
+25 C < TA < -55 C
1
-18
+18
uV/ C 3
Delta
Iio/Delta
T
Temperature
Coefficient of
Input Offset
Current
+25 C < TA < +125 C
1
-100
+100
pA/ C 2
+25 C < TA < -55 C
1
-200
+200
pA/ C 3
5


同様の部品番号 - LM101A

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM101A NSC-LM101A Datasheet
509Kb / 17P
   Operational Amplifiers
logo
STMicroelectronics
LM101A STMICROELECTRONICS-LM101A Datasheet
165Kb / 11P
   SINGLE OPERATIONAL AMPLIFIER
logo
Linear Technology
LM101A LINER-LM101A Datasheet
388Kb / 6P
   Operational Amplifiers
logo
National Semiconductor ...
LM101A NSC-LM101A Datasheet
32Kb / 5P
   OPERATION AMPLIFIER
LM101A NSC-LM101A Datasheet
608Kb / 20P
   Operational Amplifiers
More results

同様の説明 - LM101A

メーカー部品番号データシート部品情報
logo
Unisonic Technologies
UTCM2100 UTC-UTCM2100 Datasheet
429Kb / 4P
   SINGLE OPERATIONAL AMPLIFIER
logo
Toshiba Semiconductor
TA75S01F TOSHIBA-TA75S01F Datasheet
208Kb / 5P
   SINGLE OPERATIONAL AMPLIFIER
logo
STMicroelectronics
LM101A-LM201A STMICROELECTRONICS-LM101A-LM201A Datasheet
165Kb / 11P
   SINGLE OPERATIONAL AMPLIFIER
logo
Toshiba Semiconductor
TC75S54F TOSHIBA-TC75S54F_07 Datasheet
231Kb / 11P
   Single Operational Amplifier
logo
Fairchild Semiconductor
LM741E FAIRCHILD-LM741E Datasheet
921Kb / 7P
   SINGLE OPERATIONAL AMPLIFIER
logo
Toshiba Semiconductor
TA75S01F TOSHIBA-TA75S01F_07 Datasheet
251Kb / 6P
   Single Operational Amplifier
TA7540P TOSHIBA-TA7540P Datasheet
232Kb / 7P
   SINGLE OPERATIONAL AMPLIFIER
logo
Fairchild Semiconductor
KA741 FAIRCHILD-KA741 Datasheet
116Kb / 12P
   Single Operational Amplifier
KA301A FAIRCHILD-KA301A Datasheet
57Kb / 6P
   Single Operational Amplifier
logo
Toshiba Semiconductor
TA75061P TOSHIBA-TA75061P Datasheet
255Kb / 7P
   SINGLE OPERATIONAL AMPLIFIER
TC75S51F TOSHIBA-TC75S51F Datasheet
260Kb / 8P
   SINGLE OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com