データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM101A データシート(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 LM101A
部品情報  SINGLE OPERATIONAL AMPLIFIER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM101A データシート(HTML) 6 Page - National Semiconductor (TI)

Back Button LM101A Datasheet HTML 2Page - National Semiconductor (TI) LM101A Datasheet HTML 3Page - National Semiconductor (TI) LM101A Datasheet HTML 4Page - National Semiconductor (TI) LM101A Datasheet HTML 5Page - National Semiconductor (TI) LM101A Datasheet HTML 6Page - National Semiconductor (TI) LM101A Datasheet HTML 7Page - National Semiconductor (TI) LM101A Datasheet HTML 8Page - National Semiconductor (TI) LM101A Datasheet HTML 9Page - National Semiconductor (TI) LM101A Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
MRLM101A-X-RH REV 1B2
MICROCIRCUIT DATA SHEET
Electrical Characteristics
DC PARAMETERS: See NOTE 3(Continued)
(The following conditions apply to all the following parameters, unless otherwise specified.)
DC:
+Vcc = +20V, Vcm = 0V, Rs = 50 ohms
SYMBOL
PARAMETER
CONDITIONS
NOTES
PIN-
NAME
MIN
MAX
UNIT
SUB-
GROUPS
Avs-
Large Signal
(Open Loop)
Voltage Gain
Rl = 2K Ohms, Vout = -15V
2
50
V/mV
4
2
25
V/mV
5, 6
Rl = 10K Ohms, Vout = -15V
2
50
V/mV
4
2
25
V/mV
5, 6
Avs+
Large Signal
(Open Loop)
Voltage Gain
Rl = 2K Ohms, Vout = +15V
2
50
V/mV
4
2
25
V/mV
5, 6
Rl = 10K Ohms, Vout = +15V
2
50
V/mV
4
2
25
V/mV
5, 6
Avs
Large Signal
(Open Loop)
Voltage Gain
Vcc = +5V, Rl = 2K Ohms, Vout = +2V
2
10
V/mV
4, 5,
6
Vcc = +5V, Rl = 10K Ohms, Vout = +2V
2
10
V/mV
4, 5,
6
Vop+
Output Voltage
Swing
Rl = 10K Ohms, Vcm = -20V
+16
V
4, 5,
6
Rl = 2K Ohms, Vcm = -20V
+15
V
4, 5,
6
Vop-
Output Voltage
Swing
Rl = 10K Ohms, Vcm = 20V
-16
V
4, 5,
6
Rl = 2K ohms, Vcm = 20V
-15
V
4, 5,
6
AC PARAMETERS: See NOTE 3
(The following conditions apply to all the following parameters, unless otherwise specified.)
AC:
+Vcc = +20V, Vcm = 0V, Rs = 50 Ohms
Sr+
Slew Rate
Av = 1, Vin = -5V to +5V
0.3
V/uS
7, 8A
0.2
V/uS
8B
Sr-
Slew Rate
Av = 1, Vin = +5V to -5V
0.3
V/uS
7, 8A
0.2
V/uS
8B
TR(tr)
Rise Time
Av = 1, Vin = 50mV
800
nS
7, 8A,
8B
TR(os)
Overshoot
Av = 1, Vin = 50mV
25
%
7
35
%
8A, 8B
NI(BB)
Noise Broadband
BW = 10Hz to 5KHz, Rs = 0 Ohms
15
uVrms 7
NI(PC)
Noise Popcorn
BW = 10Hz to 5KHz, Rs = 100K Ohms
80
uVpk
7
6


同様の部品番号 - LM101A

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM101A NSC-LM101A Datasheet
509Kb / 17P
   Operational Amplifiers
logo
STMicroelectronics
LM101A STMICROELECTRONICS-LM101A Datasheet
165Kb / 11P
   SINGLE OPERATIONAL AMPLIFIER
logo
Linear Technology
LM101A LINER-LM101A Datasheet
388Kb / 6P
   Operational Amplifiers
logo
National Semiconductor ...
LM101A NSC-LM101A Datasheet
32Kb / 5P
   OPERATION AMPLIFIER
LM101A NSC-LM101A Datasheet
608Kb / 20P
   Operational Amplifiers
More results

同様の説明 - LM101A

メーカー部品番号データシート部品情報
logo
Unisonic Technologies
UTCM2100 UTC-UTCM2100 Datasheet
429Kb / 4P
   SINGLE OPERATIONAL AMPLIFIER
logo
Toshiba Semiconductor
TA75S01F TOSHIBA-TA75S01F Datasheet
208Kb / 5P
   SINGLE OPERATIONAL AMPLIFIER
logo
STMicroelectronics
LM101A-LM201A STMICROELECTRONICS-LM101A-LM201A Datasheet
165Kb / 11P
   SINGLE OPERATIONAL AMPLIFIER
logo
Toshiba Semiconductor
TC75S54F TOSHIBA-TC75S54F_07 Datasheet
231Kb / 11P
   Single Operational Amplifier
logo
Fairchild Semiconductor
LM741E FAIRCHILD-LM741E Datasheet
921Kb / 7P
   SINGLE OPERATIONAL AMPLIFIER
logo
Toshiba Semiconductor
TA75S01F TOSHIBA-TA75S01F_07 Datasheet
251Kb / 6P
   Single Operational Amplifier
TA7540P TOSHIBA-TA7540P Datasheet
232Kb / 7P
   SINGLE OPERATIONAL AMPLIFIER
logo
Fairchild Semiconductor
KA741 FAIRCHILD-KA741 Datasheet
116Kb / 12P
   Single Operational Amplifier
KA301A FAIRCHILD-KA301A Datasheet
57Kb / 6P
   Single Operational Amplifier
logo
Toshiba Semiconductor
TA75061P TOSHIBA-TA75061P Datasheet
255Kb / 7P
   SINGLE OPERATIONAL AMPLIFIER
TC75S51F TOSHIBA-TC75S51F Datasheet
260Kb / 8P
   SINGLE OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com