データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM101A データシート(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 LM101A
部品情報  SINGLE OPERATIONAL AMPLIFIER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM101A データシート(HTML) 7 Page - National Semiconductor (TI)

Back Button LM101A Datasheet HTML 3Page - National Semiconductor (TI) LM101A Datasheet HTML 4Page - National Semiconductor (TI) LM101A Datasheet HTML 5Page - National Semiconductor (TI) LM101A Datasheet HTML 6Page - National Semiconductor (TI) LM101A Datasheet HTML 7Page - National Semiconductor (TI) LM101A Datasheet HTML 8Page - National Semiconductor (TI) LM101A Datasheet HTML 9Page - National Semiconductor (TI) LM101A Datasheet HTML 10Page - National Semiconductor (TI) LM101A Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
MRLM101A-X-RH REV 1B2
MICROCIRCUIT DATA SHEET
Electrical Characteristics
DC PARAMETERS: DRIFT VALUES
(The following conditions apply to all the following parameters, unless otherwise specified.)
DC:
+Vcc = +20V, Vcm = 0V, Rs = 50 Ohms.
"Delta calculations performed on JAN S and QMLV devices at group
B, subgroup 5 only".
SYMBOL
PARAMETER
CONDITIONS
NOTES
PIN-
NAME
MIN
MAX
UNIT
SUB-
GROUPS
Vio
Input Offset
Voltage
Vcm = 0V
-0.5
0.5
mV
1
Iib+
Input Bias
Current
Vcm = 0V, Rs = 100K Ohms
-7.5
7.5
nA
1
Iib-
Input Bias
Current
Vcm = 0V, Rs = 100K Ohms
-7.5
7.5
nA
1
Note 1:
Calculated parameter.
Note 2:
Datalog reading of K = V/mV.
Note 3:
Pre and post irradiation limits are identical to those listed under AC and DC
electrical characteristics except as listed in the Post Radiation Limits Table. These
parts may be dose rate sensitive in a space environment and demonstrate enhanced low
dose rate effect. Radiation end point limits for the noted parameters are guaranteed
only for the conditions as specified in MIL-STD-883, Method 1019.5
7


同様の部品番号 - LM101A

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM101A NSC-LM101A Datasheet
509Kb / 17P
   Operational Amplifiers
logo
STMicroelectronics
LM101A STMICROELECTRONICS-LM101A Datasheet
165Kb / 11P
   SINGLE OPERATIONAL AMPLIFIER
logo
Linear Technology
LM101A LINER-LM101A Datasheet
388Kb / 6P
   Operational Amplifiers
logo
National Semiconductor ...
LM101A NSC-LM101A Datasheet
32Kb / 5P
   OPERATION AMPLIFIER
LM101A NSC-LM101A Datasheet
608Kb / 20P
   Operational Amplifiers
More results

同様の説明 - LM101A

メーカー部品番号データシート部品情報
logo
Unisonic Technologies
UTCM2100 UTC-UTCM2100 Datasheet
429Kb / 4P
   SINGLE OPERATIONAL AMPLIFIER
logo
Toshiba Semiconductor
TA75S01F TOSHIBA-TA75S01F Datasheet
208Kb / 5P
   SINGLE OPERATIONAL AMPLIFIER
logo
STMicroelectronics
LM101A-LM201A STMICROELECTRONICS-LM101A-LM201A Datasheet
165Kb / 11P
   SINGLE OPERATIONAL AMPLIFIER
logo
Toshiba Semiconductor
TC75S54F TOSHIBA-TC75S54F_07 Datasheet
231Kb / 11P
   Single Operational Amplifier
logo
Fairchild Semiconductor
LM741E FAIRCHILD-LM741E Datasheet
921Kb / 7P
   SINGLE OPERATIONAL AMPLIFIER
logo
Toshiba Semiconductor
TA75S01F TOSHIBA-TA75S01F_07 Datasheet
251Kb / 6P
   Single Operational Amplifier
TA7540P TOSHIBA-TA7540P Datasheet
232Kb / 7P
   SINGLE OPERATIONAL AMPLIFIER
logo
Fairchild Semiconductor
KA741 FAIRCHILD-KA741 Datasheet
116Kb / 12P
   Single Operational Amplifier
KA301A FAIRCHILD-KA301A Datasheet
57Kb / 6P
   Single Operational Amplifier
logo
Toshiba Semiconductor
TA75061P TOSHIBA-TA75061P Datasheet
255Kb / 7P
   SINGLE OPERATIONAL AMPLIFIER
TC75S51F TOSHIBA-TC75S51F Datasheet
260Kb / 8P
   SINGLE OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com