データシートサーチシステム |
|
LM101AJ-QMLV データシート(PDF) 3 Page - National Semiconductor (TI) |
|
|
LM101AJ-QMLV データシート(HTML) 3 Page - National Semiconductor (TI) |
3 / 15 page MICROCIRCUIT DATA SHEET MRLM101A-X-RH REV 1B2 (Absolute Maximum Ratings) (Note 1) Supply Voltage +22V Differential Input Voltage +30V Input Voltage (Note 3) +15V Ouput Short Circuit Duration (Note 2) Continuous Operating Ambient Temp. Range -55 C < Ta < +125 C Maximum Junction Temperature 150 C Power Dissipation at TA = 25 C (Note 2) 750mW H-Pkg (Still Air) 1200mW H-Pkg (500LF/Min Air Flow) 1000mW J-Pkg (Still Air) 1500MW J-Pkg (500LF/Min Air Flow) Thermal Resistance ThetaJA 165 C/W H-Pkg (Still Air) 89 C/W H-Pkg (500LF/Min Air Flow) 128 C/W J-Pkg (Still Air) 75 C/W J-Pkg (500LF/Min Air Flow) ThetaJC 39 C/W H-Pkg 26 C/W J-Pkg Storage Temperature Range -65 C <Ta< +150 C Lead Temperature 300 C (Soldering, 10 seconds) ESD Tolerance (Note 4) 3500V Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is intended to be functional, but do not guarantee specific performance limits. For guaranteed specifications and test conditions, see the Electrical Characteristics. The guaranteed specifications apply only for the test conditions listed. Some performance characteristics may degrade when the device is not operated under the listed test conditions. Note 2: The maximum power dissipation must be derated at elevated temperatures and is dictated by Tjmax (maximum junction temperature), ThetaJA (package junction to ambient thermal resistance), and TA (ambient temperature). The maximum allowable power dissipation at any temperature is Pdmax = (Tjmax - TA)/ThetaJA or the number given in the Absolute Maximum Ratings, whichever is lower. Note 3: For supply voltages less than +15V, the absolute maximum input voltage is equal to the supply voltage. Note 4: Human body model, 100 pF discharged through 1.5k Ohms. 3 |
同様の部品番号 - LM101AJ-QMLV |
|
同様の説明 - LM101AJ-QMLV |