データシートサーチシステム |
|
LM101AJ-QMLV データシート(PDF) 6 Page - National Semiconductor (TI) |
|
|
LM101AJ-QMLV データシート(HTML) 6 Page - National Semiconductor (TI) |
6 / 15 page MRLM101A-X-RH REV 1B2 MICROCIRCUIT DATA SHEET Electrical Characteristics DC PARAMETERS: See NOTE 3(Continued) (The following conditions apply to all the following parameters, unless otherwise specified.) DC: +Vcc = +20V, Vcm = 0V, Rs = 50 ohms SYMBOL PARAMETER CONDITIONS NOTES PIN- NAME MIN MAX UNIT SUB- GROUPS Avs- Large Signal (Open Loop) Voltage Gain Rl = 2K Ohms, Vout = -15V 2 50 V/mV 4 2 25 V/mV 5, 6 Rl = 10K Ohms, Vout = -15V 2 50 V/mV 4 2 25 V/mV 5, 6 Avs+ Large Signal (Open Loop) Voltage Gain Rl = 2K Ohms, Vout = +15V 2 50 V/mV 4 2 25 V/mV 5, 6 Rl = 10K Ohms, Vout = +15V 2 50 V/mV 4 2 25 V/mV 5, 6 Avs Large Signal (Open Loop) Voltage Gain Vcc = +5V, Rl = 2K Ohms, Vout = +2V 2 10 V/mV 4, 5, 6 Vcc = +5V, Rl = 10K Ohms, Vout = +2V 2 10 V/mV 4, 5, 6 Vop+ Output Voltage Swing Rl = 10K Ohms, Vcm = -20V +16 V 4, 5, 6 Rl = 2K Ohms, Vcm = -20V +15 V 4, 5, 6 Vop- Output Voltage Swing Rl = 10K Ohms, Vcm = 20V -16 V 4, 5, 6 Rl = 2K ohms, Vcm = 20V -15 V 4, 5, 6 AC PARAMETERS: See NOTE 3 (The following conditions apply to all the following parameters, unless otherwise specified.) AC: +Vcc = +20V, Vcm = 0V, Rs = 50 Ohms Sr+ Slew Rate Av = 1, Vin = -5V to +5V 0.3 V/uS 7, 8A 0.2 V/uS 8B Sr- Slew Rate Av = 1, Vin = +5V to -5V 0.3 V/uS 7, 8A 0.2 V/uS 8B TR(tr) Rise Time Av = 1, Vin = 50mV 800 nS 7, 8A, 8B TR(os) Overshoot Av = 1, Vin = 50mV 25 % 7 35 % 8A, 8B NI(BB) Noise Broadband BW = 10Hz to 5KHz, Rs = 0 Ohms 15 uVrms 7 NI(PC) Noise Popcorn BW = 10Hz to 5KHz, Rs = 100K Ohms 80 uVpk 7 6 |
同様の部品番号 - LM101AJ-QMLV |
|
同様の説明 - LM101AJ-QMLV |