データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM101AW-QMLV データシート(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 LM101AW-QMLV
部品情報  SINGLE OPERATIONAL AMPLIFIER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM101AW-QMLV データシート(HTML) 1 Page - National Semiconductor (TI)

  LM101AW-QMLV Datasheet HTML 1Page - National Semiconductor (TI) LM101AW-QMLV Datasheet HTML 2Page - National Semiconductor (TI) LM101AW-QMLV Datasheet HTML 3Page - National Semiconductor (TI) LM101AW-QMLV Datasheet HTML 4Page - National Semiconductor (TI) LM101AW-QMLV Datasheet HTML 5Page - National Semiconductor (TI) LM101AW-QMLV Datasheet HTML 6Page - National Semiconductor (TI) LM101AW-QMLV Datasheet HTML 7Page - National Semiconductor (TI) LM101AW-QMLV Datasheet HTML 8Page - National Semiconductor (TI) LM101AW-QMLV Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Original Creation Date: 01/20/00
Last Update Date: 09/17/03
Last Major Revision Date: 07/18/02
MRLM101A-X-RH REV 1B2
MICROCIRCUIT DATA SHEET
SINGLE OPERATIONAL AMPLIFIER - EXTERNALLY COMPENSATED:
ALSO AVAILABLE GUARANTEED TO 100k rd(Si) TESTED TO
MIL-STD-883, METHOD 1019
General Description
The LM101A is a general purpose operational amplifier which features improved performance
over industry standards such as the LM709.
Advanced processing techniques make possible
an order of magnitude reduction in input currents, and a redesign of the biasing circuitry
reduces the temperature drift of input current.
This amplifier offers many features which make its application nearly foolproof: overload
protection on the input and output, no latch-up when the common mode range is exceeded,
and freedom from oscillations and compensation with a single 30 pF capacitor.
It has
advantages over internally compensated amplifiers in that the frequency compensation can
be tailored to the particular application.
For example, in low frequency circuits it can
be overcompensated for increased stability margin.
Or the compensation can be optimized
to give more than a factor of ten improvement in high frequency performance for most
applications.
In addition, the device provides better accuracy and lower noise in high impedance
circuitry.
The low input currents also make it particularly well suited for long interval
integrators or timers, sample and hold circuits and low frequency waveform generators.
Further, replacing circuits where matched transistor pairs buffer the inputs of
conventional IC op amps, it can give lower offset voltage and a drift at a lower cost.
NS Part Numbers
LM101AH-QMLV
LM101AHRQMLV
LM101AJ-QMLV
LM101AW-QMLV
LM101AWRQMLV
Industry Part Number
LM101A
Prime Die
LM101A
Controlling Document
SEE FEATURES SECTION
Processing
MIL-STD-883, Method 5004
Quality Conformance Inspection
MIL-STD-883, Method 5005
Subgrp Description
Temp ( C)
o
1
Static tests at
+25
2
Static tests at
+125
3
Static tests at
-55
4
Dynamic tests at
+25
5
Dynamic tests at
+125
6
Dynamic tests at
-55
7
Functional tests at
+25
8A
Functional tests at
+125
8B
Functional tests at
-55
9
Switching tests at
+25
10
Switching tests at
+125
11
Switching tests at
-55
1


同様の部品番号 - LM101AW-QMLV

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM101AW-QMLV TI1-LM101AW-QMLV Datasheet
992Kb / 25P
[Old version datasheet]   LM101AQML Operational Amplifiers
More results

同様の説明 - LM101AW-QMLV

メーカー部品番号データシート部品情報
logo
Unisonic Technologies
UTCM2100 UTC-UTCM2100 Datasheet
429Kb / 4P
   SINGLE OPERATIONAL AMPLIFIER
logo
Toshiba Semiconductor
TA75S01F TOSHIBA-TA75S01F Datasheet
208Kb / 5P
   SINGLE OPERATIONAL AMPLIFIER
logo
STMicroelectronics
LM101A-LM201A STMICROELECTRONICS-LM101A-LM201A Datasheet
165Kb / 11P
   SINGLE OPERATIONAL AMPLIFIER
logo
Toshiba Semiconductor
TC75S54F TOSHIBA-TC75S54F_07 Datasheet
231Kb / 11P
   Single Operational Amplifier
logo
Fairchild Semiconductor
LM741E FAIRCHILD-LM741E Datasheet
921Kb / 7P
   SINGLE OPERATIONAL AMPLIFIER
logo
Toshiba Semiconductor
TA75S01F TOSHIBA-TA75S01F_07 Datasheet
251Kb / 6P
   Single Operational Amplifier
TA7540P TOSHIBA-TA7540P Datasheet
232Kb / 7P
   SINGLE OPERATIONAL AMPLIFIER
logo
Fairchild Semiconductor
KA741 FAIRCHILD-KA741 Datasheet
116Kb / 12P
   Single Operational Amplifier
KA301A FAIRCHILD-KA301A Datasheet
57Kb / 6P
   Single Operational Amplifier
logo
Toshiba Semiconductor
TA75061P TOSHIBA-TA75061P Datasheet
255Kb / 7P
   SINGLE OPERATIONAL AMPLIFIER
TC75S51F TOSHIBA-TC75S51F Datasheet
260Kb / 8P
   SINGLE OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com