データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM101AWRQMLV データシート(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 LM101AWRQMLV
部品情報  SINGLE OPERATIONAL AMPLIFIER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM101AWRQMLV データシート(HTML) 3 Page - National Semiconductor (TI)

  LM101AWRQMLV Datasheet HTML 1Page - National Semiconductor (TI) LM101AWRQMLV Datasheet HTML 2Page - National Semiconductor (TI) LM101AWRQMLV Datasheet HTML 3Page - National Semiconductor (TI) LM101AWRQMLV Datasheet HTML 4Page - National Semiconductor (TI) LM101AWRQMLV Datasheet HTML 5Page - National Semiconductor (TI) LM101AWRQMLV Datasheet HTML 6Page - National Semiconductor (TI) LM101AWRQMLV Datasheet HTML 7Page - National Semiconductor (TI) LM101AWRQMLV Datasheet HTML 8Page - National Semiconductor (TI) LM101AWRQMLV Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
MICROCIRCUIT DATA SHEET
MRLM101A-X-RH REV 1B2
(Absolute Maximum Ratings)
(Note 1)
Supply Voltage
+22V
Differential Input Voltage
+30V
Input Voltage
(Note 3)
+15V
Ouput Short Circuit Duration
(Note 2)
Continuous
Operating Ambient Temp. Range
-55 C < Ta < +125 C
Maximum Junction Temperature
150 C
Power Dissipation at TA = 25 C
(Note 2)
750mW
H-Pkg (Still Air)
1200mW
H-Pkg (500LF/Min Air Flow)
1000mW
J-Pkg (Still Air)
1500MW
J-Pkg (500LF/Min Air Flow)
Thermal Resistance
ThetaJA
165 C/W
H-Pkg (Still Air)
89 C/W
H-Pkg (500LF/Min Air Flow)
128 C/W
J-Pkg (Still Air)
75 C/W
J-Pkg (500LF/Min Air Flow)
ThetaJC
39 C/W
H-Pkg
26 C/W
J-Pkg
Storage Temperature Range
-65 C <Ta< +150 C
Lead Temperature
300 C
(Soldering, 10 seconds)
ESD Tolerance
(Note 4)
3500V
Note 1:
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur.
Operating Ratings indicate conditions for which the device is intended to be
functional, but do not guarantee specific performance limits. For guaranteed
specifications and test conditions, see the Electrical Characteristics. The
guaranteed specifications apply only for the test conditions listed. Some performance
characteristics may degrade when the device is not operated under the listed test
conditions.
Note 2:
The maximum power dissipation must be derated at elevated temperatures and is
dictated by Tjmax (maximum junction temperature), ThetaJA (package junction to
ambient thermal resistance), and TA (ambient temperature). The maximum allowable
power dissipation at any temperature is Pdmax = (Tjmax - TA)/ThetaJA or the number
given in the Absolute Maximum Ratings, whichever is lower.
Note 3:
For supply voltages less than +15V, the absolute maximum input voltage is equal to
the supply voltage.
Note 4:
Human body model, 100 pF discharged through 1.5k Ohms.
3


同様の部品番号 - LM101AWRQMLV

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM101AW NSC-LM101AW Datasheet
608Kb / 20P
   Operational Amplifiers
logo
Texas Instruments
LM101AW-QMLV TI1-LM101AW-QMLV Datasheet
992Kb / 25P
[Old version datasheet]   LM101AQML Operational Amplifiers
logo
National Semiconductor ...
LM101AW/883 NSC-LM101AW/883 Datasheet
509Kb / 17P
   Operational Amplifiers
LM101AW/883 NSC-LM101AW/883 Datasheet
32Kb / 5P
   OPERATION AMPLIFIER
logo
Texas Instruments
LM101AW/883 TI1-LM101AW/883 Datasheet
992Kb / 25P
[Old version datasheet]   LM101AQML Operational Amplifiers
More results

同様の説明 - LM101AWRQMLV

メーカー部品番号データシート部品情報
logo
Unisonic Technologies
UTCM2100 UTC-UTCM2100 Datasheet
429Kb / 4P
   SINGLE OPERATIONAL AMPLIFIER
logo
Toshiba Semiconductor
TA75S01F TOSHIBA-TA75S01F Datasheet
208Kb / 5P
   SINGLE OPERATIONAL AMPLIFIER
logo
STMicroelectronics
LM101A-LM201A STMICROELECTRONICS-LM101A-LM201A Datasheet
165Kb / 11P
   SINGLE OPERATIONAL AMPLIFIER
logo
Toshiba Semiconductor
TC75S54F TOSHIBA-TC75S54F_07 Datasheet
231Kb / 11P
   Single Operational Amplifier
logo
Fairchild Semiconductor
LM741E FAIRCHILD-LM741E Datasheet
921Kb / 7P
   SINGLE OPERATIONAL AMPLIFIER
logo
Toshiba Semiconductor
TA75S01F TOSHIBA-TA75S01F_07 Datasheet
251Kb / 6P
   Single Operational Amplifier
TA7540P TOSHIBA-TA7540P Datasheet
232Kb / 7P
   SINGLE OPERATIONAL AMPLIFIER
logo
Fairchild Semiconductor
KA741 FAIRCHILD-KA741 Datasheet
116Kb / 12P
   Single Operational Amplifier
KA301A FAIRCHILD-KA301A Datasheet
57Kb / 6P
   Single Operational Amplifier
logo
Toshiba Semiconductor
TA75061P TOSHIBA-TA75061P Datasheet
255Kb / 7P
   SINGLE OPERATIONAL AMPLIFIER
TC75S51F TOSHIBA-TC75S51F Datasheet
260Kb / 8P
   SINGLE OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com