データシートサーチシステム |
|
IRF2807PBF データシート(PDF) 4 Page - International Rectifier |
|
IRF2807PBF データシート(HTML) 4 Page - International Rectifier |
4 / 8 page IRF2807PbF 4 www.irf.com Fig 8. Maximum Safe Operating Area Fig 6. Typical Gate Charge Vs. Gate-to-Source Voltage Fig 5. Typical Capacitance Vs. Drain-to-Source Voltage Fig 7. Typical Source-Drain Diode Forward Voltage 0 40 80 120 160 0 4 8 12 16 20 Q , Total Gate Charge (nC) G FOR TEST CIRCUIT SEE FIGURE I = D 13 43A V = 15V DS V = 37V DS V = 60V DS 0.1 1 10 100 1000 0.0 0.4 0.8 1.2 1.6 2.0 2.4 V ,Source-to-Drain Voltage (V) SD V = 0 V GS T = 25 C J ° T = 175 C J ° 1 10 100 VDS, Drain-to-Source Voltage (V) 0 1000 2000 3000 4000 5000 6000 7000 Coss Crss Ciss VGS = 0V, f = 1 MHZ Ciss = Cgs + Cgd, Cds SHORTED Crss = Cgd Coss = Cds+ Cgd 1 10 100 1000 VDS , Drain-toSource Voltage (V) 1 10 100 1000 Tc = 25°C Tj = 175°C Single Pulse 1msec 10msec OPERATION IN THIS AREA LIMITED BY R DS(on) 100µsec |
同様の部品番号 - IRF2807PBF |
|
同様の説明 - IRF2807PBF |