データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TD1507TR データシート(PDF) 5 Page - List of Unclassifed Manufacturers

部品番号 TD1507TR
部品情報  2.5A 150KHZ PWM Buck DC/DC Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC1 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC1 - List of Unclassifed Manufacturers

TD1507TR データシート(HTML) 5 Page - List of Unclassifed Manufacturers

  TD1507TR Datasheet HTML 1Page - List of Unclassifed Manufacturers TD1507TR Datasheet HTML 2Page - List of Unclassifed Manufacturers TD1507TR Datasheet HTML 3Page - List of Unclassifed Manufacturers TD1507TR Datasheet HTML 4Page - List of Unclassifed Manufacturers TD1507TR Datasheet HTML 5Page - List of Unclassifed Manufacturers TD1507TR Datasheet HTML 6Page - List of Unclassifed Manufacturers TD1507TR Datasheet HTML 7Page - List of Unclassifed Manufacturers TD1507TR Datasheet HTML 8Page - List of Unclassifed Manufacturers TD1507TR Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Datasheet
2.5A 150KHZ PWM Buck DC/DC Converter
TD1507
October, 20, 2005.
Techcode Semiconductor Limited
5
IL
VLOGIC=0.5V(Regulator ON)
0.02
5
uA
θ
JC
Thermal Resistance
Junction to Case
TO252-5L
10
OC/W
θ
JA
Thermal Resistance
Junction to Ambient
(Note1)
TO252-5L
50
OC/W
Vfb: Output Voltage
11V
≤VIN≤36V, 0.2A≤ILOAD
3A, VOUT for 9V
1.193/
1.180
1.23
1.267/
1.280
V
TD1507
ADJ
η: Efficiency
VIN=12V,VOUT=9V,ILOAD=3A
88
%
Specifications with boldface type are for full operationg temperature range, the other type are for
TJ=25
OC.
Note1: Thermal resistance with copper area of approximately 3 in
2.


同様の部品番号 - TD1507TR

メーカー部品番号データシート部品情報
logo
TECHCODE SEMICONDUCTOR,...
TD1507T5 TECHCODE-TD1507T5 Datasheet
857Kb / 16P
   3A 150KHz PWM Buck DC/DC Converter
More results

同様の説明 - TD1507TR

メーカー部品番号データシート部品情報
logo
Anachip Corp
AP1501A ANACHIP-AP1501A Datasheet
182Kb / 11P
   150Khz, 5A PWM Buck DC/DC Converter
logo
Diodes Incorporated
AP1507 DIODES-AP1507 Datasheet
200Kb / 10P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1507 Rev. 1
AP1501A DIODES-AP1501A Datasheet
231Kb / 12P
   150KHz, 5A PWM BUCK DC/DC CONVERTER
AP1501A Rev. 7
AP1509 DIODES-AP1509_10 Datasheet
213Kb / 13P
   150KHz, 2A PWM BUCK DC/DC CONVERTER
DS31016 Rev. 4 - 2
AP1501-50K5G-13 DIODES-AP1501-50K5G-13 Datasheet
190Kb / 12P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 DIODES-AP1501_09 Datasheet
190Kb / 12P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 Rev. 11
logo
HTC Korea TAEJIN Techno...
TJ1509A HTC-TJ1509A Datasheet
795Kb / 8P
   150kHz, 2A PWM Buck DC/DC Converter
logo
Orister Corporation
RS1509 ORISTER-RS1509 Datasheet
204Kb / 8P
   150KHz, 2A PWM Buck DC/DC Converter
logo
Advanced Power Electron...
APE1702 A-POWER-APE1702_08 Datasheet
471Kb / 10P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
logo
Anachip Corp
AP1501 ANACHIP-AP1501_1 Datasheet
217Kb / 12P
   150Khz, 3A PWM Buck DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com